Part Number Hot Search : 
5557R6 LN373GPH S1L53352 2SK635 ATMEGA KM3702AQ GLC555 B07P03
Product Description
Full Text Search
 

To Download BUV47A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BUV47A
DESCRIPTION With TO-3PN package High breakdown voltage Fast switching time APPLICATIONS Suited for 220V switchmode power supply,DC and AC motor control
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PC Tj Tstg PARAMETER

Collector-base voltage
CHA IN
Emitter-base voltage Collector current Base current Base current -peak
Collector-emitter voltage
GE S N
Open emitter
Open base
EMIC
CONDITIONS
OND
TOR UC
VALUE 1000 450 7 9 15 3 6
UNIT V V V A A A A W ae ae
Open collector
Collector current-peak
Collector power dissipation Junction temperature Storage temperature
TC=25ae
120 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 1.0 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.2A ;L=25mH IE=50mA ;IC=0 IC=5A; IB=1.0A IC=8A; IB=2.5A IC=5A; IB=1.0A VCE=1000V; VBE=0 TC=125ae VCB=1000V;RBE=10| TC=125ae VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.5A ; VCE=10V;f=1MHz IC=0 ; VCB=20V;f=0.1MHz 15 MIN 450 7 TYP.
BUV47A
SYMBOL VCEO(SUS) V(BR)EBO VCEsat-1 VCEsat-2 VBEsat ICES ICER IEBO hFE fT COB
MAX
UNIT V
30 1.5 3.0 1.6 0.15 1.5 0.4 3.0 1
V V V V mA mA mA
Transition frquency

Output capacitance
Switching times resistive load ton ts tf Turn-on time Storage time Fall time
HAN INC
SEM GE
OND IC
TOR UC
8 105 1.0 3.0 0.8
50
MHz pF
|I |I |I
s s s
IC=5A; IB1=-IB2=1A VCC=150V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUV47A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BUV47A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X