![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BATTERY HOLDERS & SNAPS Adam Technologies, Inc. INTRODUCTION: Adam Tech BH and BS series battery holders and Battery snaps are designed to contain batteries in electronic equipment. This series includes battery holders and coin cell holders for a complete range of AAA, AA, C, D, 9V and Coin Cells. Adam Tech produces this series in a variety of terminations such as thru-hole PCB leads, SMT leads, wire leads and solder lugs. Custom lead lengths on wired configurations are also available. Our superior retention holders are molded of UL94-VO or UL94-HB material with spring steel contacts and perform extremely well under normal or adverse environment conditions. FEATURES: Lightweight and compact Multiple termination options Various battery configurations Alkaline and Lithium types BATTERY HOLDER SPECIFICATIONS: Material: Insulator: Impact resistant Polypropylene, rated UL94-HB 9V Holder, ABS, Glass filled rated UL94-HB Coin Cell: PBT, rated UL94V-0 Insulator Color: Black Spring: Spring Steel, Nickel plated Contacts: Spring steel, Nickel plated Snap terminals: Brass, Nickel plated Wire: 26 Awg, PVC BATTERY SNAPS SPECIFICATIONS: Material: Soft PVC or rigid PP or PE Snap terminals: Brass, nickel plated Wire: 26 Awg stranded, UL1007, PVC insulation Electrical: Operating voltage: 9V max. Temperature Rating: Operating temperature: -10C to +180C Electrical: Operating voltage: 1.5V & 9V DC max. Temperature Ratings: Operating temperature: -10C to +80C 9V holder: -30C to +105C Coin Cell: -55C to + 205C SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596 AA, AAA, C, D & COIN CELL BH & BS SERIES ORDERING INFORMATION BATTERY HOLDER BH SERIES INDICATOR BH = Battery Holder 01 TYPE 01 thru 23 3 TERMINATION 1 = PC Board Tails 2 = Male/Female Snaps 3 = Solder Terminals 4 = Wire Leads 5.90 [150.00] 5 = SMT (Coin Cell Types) ORDERING INFORMATION BATTERY SNAPS BS SERIES INDICATOR BS = Battery Snap 1 1 LEADS Pb UL (R) TYPE 01 thru 6 (R) (R) DE V RoHS COMPLIANT 2002 / 95 / EC 1 = Standard 5.90 [150.00] length leads with stripped ends 2 = Special lead length specified in inches as total length/stripped length (ie: 7/.250 7" leads with .250" strip length) 358 909 Rahway Avenue * Union, New Jersey 07083 RoHS * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM COMPLIANT |
Price & Availability of BH142
![]() |