Part Number Hot Search : 
MTP8N10E 90ARZ TC198 NJM2397 IRF540 CEF655N TFZ36B BC383K
Product Description
Full Text Search
 

To Download AT24C08B-TH-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Low-voltage and Standard-voltage Operation
- 1.8 (VCC = 1.8V to 5.5V) Internally Organized 512 x 8 (4K), or 1024 x 8 (8K) Two-wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Suppression Bidirectional Data Transfer Protocol 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility Write Protect Pin for Hardware Data Protection 16-byte Page (4K, 8K) Write Modes Partial Page Writes Allowed Self-timed Write Cycle (5 ms max) High-reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years * 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra-Thin Mini-MAP (MLP 2x3), 5-lead SOT23, 8-lead TSSOP and 8-ball dBGA2 Packages * Lead-free/Halogen-free * Die Sales: Wafer Form, Tape and Reel and Bumped Wafers
* * * * * * * * * *
Two-wire Serial EEPROM
4K (512 x 8) 8K (1024 x 8)
Description
The AT24C04B/08B provides 4096/8192 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 512/1024 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT24C04B/08B is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra-Thin MiniMAP (MLP 2x3), 5-lead SOT23, 8-lead TSSOP, and 8-ball dBGA2 packages and is accessed via a Two-wire serial interface. In addition, the AT24C04B/08B is available in 1.8V (1.8V to 5.5V) version. Table 0-1.
Pin Name A0 - A2 SDA SCL WP NC GND VCC
AT24C04B AT24C08B
Pin Configuration
Function Address Inputs Serial Data Serial Clock Input Write Protect No Connect Ground Power Supply
8-lead Ultra-Thin Mini-MAP (MLP 2x3)
VCC WP SCL SDA 8 7 6 5 1 2 3 4 A0 A1 A2 GND
8-ball dBGA2
VCC WP SCL SDA
8 7 6 5 1 A0 2 A1 3 A2 4 GND
Bottom View 8-lead TSSOP
A0 A1 A2 GND 1 2 3 4 8 7 6 5 VCC WP SCL SDA A0 A1 A2 GND
Bottom View 8-lead SOIC
1 2 3 4 8 7 6 5 VCC WP SCL SDA
Note: For use of 5-lead SOT23 4K: The software A2 and A1 bits in the device address word must be set to zero to properly communicate. 8K: The software A2 bit in the device address word must be set to zero to properly communicate.
5-lead SOT23
SCL GND SDA 1 2 3 4 VCC 5 WP A0 A1 A2 GND
8-lead PDIP
1 2 3 4 8 7 6 5 VCC WP SCL SDA
5226D-SEEPR-7/08
Absolute Maximum Ratings
Operating Temperature..................................-55C to +125C Storage Temperature .....................................-65C to +150C Voltage on Any Pin with Respect to Ground .................................... -1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 0-1.
Block Diagram
VCC GND WP SCL SDA START STOP LOGIC
LOAD DEVICE ADDRESS COMPARATOR A2 A1 A0 R/W COMP
SERIAL CONTROL LOGIC
EN
H.V. PUMP/TIMING
DATA RECOVERY INC X DEC EEPROM
LOAD
DATA WORD ADDR/COUNTER
Y DEC
SERIAL MUX
DIN DOUT
DOUT/ACK LOGIC
2
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
1. Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is opendrain driven and may be wire-ORed with any number of other open-drain or open-collector devices. DEVICE/PAGE ADDRESSES (A2, A1, A0): The AT24C04B uses the A2 and A1 inputs for hard wire addressing and a toal of four 4K devices may be addressed on a single bus system. The A0 pin is a no connect and can be connected to ground (device addressing is discussed in detail under the Device Addressing section). The AT24C08B only uses the A2 input for hardware addressing and a total of two 8K devices may be addressed on a single bus system. The A0 and A1 pins are no connects and can be connected to ground (device addressing is discussed in detail under the Device Addressing section).
Table 1-1.
Write Protect
Part of the Array Protected
WP Pin Status At VCC At GND Full Array
24C04B/08B
Normal Read/Write Operations
3
5226D-SEEPR-7/08
2. Memory Organization
AT24C04B, 4K SERIAL EEPROM: Internally organized with 32 pages of 16 bytes each, the 4K requires an 9-bit data word address for random word addressing. AT24C08B, 8K SERIAL EEPROM: Internally organized with 64 pages of 16 bytes each, the 8K requires a 10-bit data word address for random word addressing. Table 2-1. Pin Capacitance(1) Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +1.8V
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
Table 2-2. DC Characteristics Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +1.8V to +5.5V, (unless otherwise noted)
Symbol VCC1 VCC2 VCC3 VCC4 ICC ICC ISB1 ISB2 ISB3 ISB4 ILI ILO VIL VIH VOL2 VOL1 Note: Parameter Supply Voltage Supply Voltage Supply Voltage Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current VCC = 1.8V Standby Current VCC = 2.5V Standby Current VCC = 2.7V Standby Current VCC = 5.0V Input Leakage Current Output Leakage Current Input Low Level(1) Input High Level
(1)
Test Condition
Min 1.8 2.5 2.7 4.5
Typ
Max 5.5 5.5 5.5 5.5
Units V V V V mA mA A A A A A A V V V V
READ at 100 kHz WRITE at 100 kHz VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VOUT = VCC or VSS -0.6 VCC x 0.7 IOL = 2.1 mA IOL = 0.15 mA
0.4 2.0 0.6 1.4 1.6 8.0 0.10 0.05
1.0 3.0 3.0 4.0 4.0 18.0 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4 0.2
Output Low Level VCC = 3.0V Output Low Level VCC = 1.8V
1. VIL min and VIH max are reference only and are not tested.
4
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
Table 2-3. AC Characteristics Applicable over recommended operating range from TAI = -40C to +85C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted)
1.8, 2.5, 2.7 Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(1) Note: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time Clock Low to Data Out Valid Time the bus must be free before a new transmission can start Start Hold Time Start Setup Time Data In Hold Time Data In Setup Time Inputs Rise Time
(1)
5.0-volt Min Max 1000 0.4 0.4 Units kHz s s 40 0.05 0.5 0.25 0.25 0 100 0.55 ns s s s s s ns 0.3 100 .25 50 s ns s ns 5 1M ms Write Cycles
Min
Max 400
1.2 0.6 50 0.1 1.2 0.6 0.6 0 100 0.3 300 0.6 50 5 1M 0.9
Inputs Fall Time(1) Stop Setup Time Data Out Hold Time Write Cycle Time 5.0V, 25C, Byte Mode
1. This parameter is ensured by characterization only.
5
5226D-SEEPR-7/08
3. Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (see Figure 5-2 on page 8). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (see Figure 5-3 on page 8). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (see Figure 5-3 on page 8). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle. STANDBY MODE: The AT24C04B/08B features a low-power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the completion of any internal operations. 2-WIRE SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be reset by following these steps: (a) Create a start bit condition, (b) clock 9 cycles, (c) create another start bit followed by a stop bit condition as shown below. The device is ready for next communication after above steps have been completed.
Start bit Dummy Clock Cycles Start bit Stop bit
SCL
1
2
3
8
9
SDA
6
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
4. Bus Timing
Figure 4-1. SCL: Serial Clock, SDA: Serial Data I/O(R)
tF tHIGH tLOW tR
SCL
tSU.STA tHD.STA
tLOW
tHD.DAT
tSU.DAT
tSU.STO
SDA IN
tAA tDH tBUF
SDA OUT
5. Write Cycle Timing
Figure 5-1. SCL: Serial Clock, SDA: Serial Data I/O
SCL
SDA
8th BIT
ACK
WORDn twr STOP CONDITION
Note:
(1)
START CONDITION
1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
7
5226D-SEEPR-7/08
Figure 5-2.
Data Validity
SDA
SCL DATA STABLE DATA CHANGE DATA STABLE
Figure 5-3.
Start and Stop Definition
SDA
SCL
START
STOP
Figure 5-4.
Output Acknowledge
SCL
1
8
9
DATA IN
DATA OUT
START
ACKNOWLEDGE
8
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
6. Device Addressing
The 4K and 8K EEPROM device requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 8-1). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all the EEPROM devices. The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page address bit. The two device address bits must compare to their corresponding hard-wired input pins. The A0 pin is no connect. The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing. The A2 must compare to its corresponding hard-wired input pin. The A1 and A0 pins are no connect. For the SOT23 Package Offering: The 4K EEPROM software A2 and A1 bits in the device address word must be set to zero to properly communicate. The 8K EEPROM software A2 bit in the device address word must be set to zero to properly communicate.
7. Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (see Figure 8-2 on page 11). PAGE WRITE: The 4K/8K EEPROMs are capable of 16-byte page writes. A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to fifteen data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (see Figure 8-3 on page 11). The data word address lower four bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than sixteen data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero allowing the read or write sequence to continue.
9
5226D-SEEPR-7/08
8. Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte of the first page. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (see Figure 8-4 on page 11). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following stop condition (see Figure 8-5 on page 11). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (see Figure 8-6 on page 12).
Figure 8-1.
Device Address
10
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
Figure 8-2. Byte Write
Figure 8-3.
Page Write
Figure 8-4.
Current Address Read
Figure 8-5.
Random Read
11
5226D-SEEPR-7/08
Figure 8-6.
Sequential Read
12
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
AT24C04B Ordering Information
Ordering Code AT24C04B-PU (Bulk form only) AT24C04BN-SH-B(1) (NiPdAu Lead Finish) AT24C04BN-SH-T(2) (NiPdAu Lead Finish) AT24C04B-TH-B
(1)
Voltage 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8
Package 8P3 8S1 8S1 8A2 8A2 8Y6 5TS1 8U3-1 Die Sale
Operation Range
(NiPdAu Lead Finish)
AT24C04B-TH-T(2) (NiPdAu Lead Finish) AT24C04BY6-YH-T(2) (NiPdAu Lead Finish) AT24C04B-TSU-T
(2) (2)
Lead-free/Halogen-free/ Industrial Temperature (-40C to 85C)
AT24C04BU3-UU-T AT24C04B-W-11(3) Notes:
Industrial Temperature (-40C to 85C)
1. "-B" denotes bulk. 2. "-T" denotes tape and reel. SOIC = 4K per reel. TSSOP, Ultra Thin Mini-MAP, SOT23, and dBGA2 = 5K per reel. 3. Available in tape and reel and wafer form; order as SL788 for inkless wafer form. Bumped die available upon request. Please contact Serial Interface Marketing.
Package Type 8P3 8S1 8A2 8Y6 5TS1 8U3-1 8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP) 8-lead, 2.0 mm x 3.00 mm Body, 0.50 mm Pitch, Ultra Thin Mini-MAP, Dual No Lead Package (DFN), (MLP 2x3 mm) 5-lead, 2.90 mm x 1.60 mm Body, Plastic Thin Shrink Small Outline Package (SOT23) 8-ball, die Ball Grid Array Package (dBGA2) Options -1.8 Low-voltage (1.8V to 5.5V)
13
5226D-SEEPR-7/08
AT24C08B Ordering Information
Ordering Code AT24C08B-PU (Bulk form only) AT24C08BN-SH-B(1) (NiPdAu Lead Finish) AT24C08BN-SH-T(2) (NiPdAu Lead Finish) AT24C08B-TH-B
(1)
Voltage 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8
Package 8P3 8S1 8S1 8A2 8A2 8Y6 5TS1 8U3-1 Die Sale
Operation Range
(NiPdAu Lead Finish)
AT24C08B-TH-T(2) (NiPdAu Lead Finish) AT24C08BY6-YH-T(2) (NiPdAu Lead Finish) AT24C08B-TSU-T
(2) (2)
Lead-free/Halogen-free/ Industrial Temperature (-40C to 85C)
AT24C08BU3-UU-T AT24C08B-W-11(3) Notes:
Industrial Temperature (-40C to 85C)
1. "-B" denotes bulk. 2. "-T" denotes tape and reel. SOIC = 4K per reel. TSSOP, Ultra Thin Mini-MAP, SOT23, and dBGA2 = 5K per reel. 3. Available in tape and reel and wafer form; order as SL788 for inkless wafer form. Bumped die available upon request. Please contact Serial Interface Marketing.
Package Type 8P3 8S1 8A2 8Y6 5TS1 8U3-1 8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) 8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP) 8-lead, 2.0 mm x 3.00 mm Body, 0.50 mm Pitch, Ultra Thin Mini-MAP, Dual No Lead Package (DFN), (MLP 2x3 mm) 5-lead, 2.90 mm x 1.60 mm Body, Plastic Thin Shrink Small Outline Package (SOT23) 8-ball, die Ball Grid Array Package (dBGA2) Options -1.8 Low-voltage (1.8V to 5.5V)
14
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
9. Part marking scheme
9.1 8-PDIP
Seal Year | Seal Week Y = SEAL YEAR 6: 2006 0: 2010 7: 2007 8: 2008 9: 2009 1: 2011 2: 2012 3: 2013 WW = SEAL WEEK 02 = Week 2 04 = Week 4 :: : :::: : :: : :::: :: 50 = Week 50 52 = Week 52 Lot Number to Use ALL Characters in Marking BOTTOM MARK No Bottom Mark
TOP MARK
| | | |---|---|---|---|---|---|---|---| A T M L U Y W W |---|---|---|---|---|---|---|---| 0 4 B 1 |---|---|---|---|---|---|---|---| * Lot Number |---|---|---|---|---|---|---|---| | Pin 1 Indicator (Dot)
9.2
8-SOIC
Seal Year | Seal Week Y = SEAL YEAR 6: 2006 0: 2010 7: 2007 8: 2008 9: 2009 1: 2011 2: 2012 3: 2013 WW = SEAL WEEK 02 = Week 2 04 = Week 4 :: : :::: : :: : :::: :: 50 = Week 50 52 = Week 52 Lot Number to Use ALL Characters in Marking BOTTOM MARK No Bottom Mark
TOP MARK
| | | |---|---|---|---|---|---|---|---| A T M L H Y W W |---|---|---|---|---|---|---|---| 0 4 B 1 |---|---|---|---|---|---|---|---| * Lot Number |---|---|---|---|---|---|---|---| | Pin 1 Indicator (Dot)
15
5226D-SEEPR-7/08
9.3
8-TSSOP
Pin 1 Indicator (Dot) | |---|---|---|---| * H Y W W |---|---|---|---|---| 0 4 B 1 |---|---|---|---|---| Y = SEAL YEAR 6: 7: 8: 9: 2006 2007 2008 2009 0: 1: 2: 3: 2010 2011 2012 2013 WW = SEAL WEEK 02 04 :: :: = = : : Week Week :::: :::: 2 4 : ::
TOP MARK
50 = Week 50 52 = Week 52
BOTTOM MARK |---|---|---|---|---|---|---| P H |---|---|---|---|---|---|---| A A A A A A A |---|---|---|---|---|---|---| <- Pin 1 Indicator
9.4
8-Ultra Thin Mini MAP
TOP MARK Y = YEAR OF ASSEMBLY |---|---|---| 0 4 B |---|---|---| H 1 |---|---|---| Y X X |---|---|---| * | Pin 1 Indicator (Dot) Y= 6: 7: 8: SEAL YEAR 2006 0: 2010 2007 1: 2011 2008 2: 2012 3: 2013 XX = ATMEL LOT NUMBER TO COORESPOND WITH NSEB TRACE CODE LOG BOOK. (e.g. XX = AA, AB, AC,...AX, AY, AZ)
9: 2009
16
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
9.5
ULA
TOP MARK |---|---|---| 04 B |---|---|---| Y X X |---|---|---| * | Pin 1 Indicator (Dot) Y = BUILD YEAR 2006 = 6 2007 = 7
2008 = 8 Etc. . . .
XX = ATMEL LOT NUMBER TO COORESPOND WITH NSEB TRACE CODE LOG BOOK. (e.g. XX = AA, AB, AC,...AX, AY, AZ)
9.6
SOT23
TOP MARK Line 1 -----------> |---|---|---|---|---| 4 B 1 B U |---|---|---|---|---| * |
XX = Device V = Voltage Indicator W = Write Protect Feature U = Material Set Pin 1 Indicator (Dot) BOTTOM MARK |---|---|---|---| Y M T C |---|---|---|---| Y = One Digit Year Code M = Seal Month (Use Alpha Designator A-L) TC = Trace Code
9.7
dBGA2
TOP MARK
17
5226D-SEEPR-7/08
LINE 1-------> LINE 2------->
Pin 1 This Corner XXX = Device U = Material Set Y = One Digit Year Code M = Seal Month (Use Alpha Designator A-L) TC = Trace Code
04BU YMTC |<--
18
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
10. Packaging Information 8P3 - PDIP
1
E E1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN - NOM - MAX NOTE
A A2 b b2 b3 c D
0.210 0.195 0.022 0.070 0.045 0.014 0.400
-
2
0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240
0.130 0.018 0.060 0.039 0.010 0.365
-
5 6 6
3 3 4 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.310 0.250 0.100 BSC 0.300 BSC
0.325 0.280
Side View
4 0.150 2
0.115
0.130
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA, for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
19
5226D-SEEPR-7/08
8S1 - JEDEC SOIC
C
1
E
E1
N
L
Top View End View
e B A
SYMBOL COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 NOM - - - - - - - 1.27 BSC 0.40 0 - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.00 3.99 6.20 NOTE
A1
A A1 b C
D
D E1 E
Side View
e L
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
10/7/03 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. B
R
20
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
8A2 - TSSOP
3 21
Pin 1 indicator this corner
E1
E
L1
N L
Top View
End View
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 2.90 NOM 3.00 6.40 BSC 4.30 - 0.80 0.19 4.40 - 1.00 - 0.65 BSC 0.45 0.60 1.00 REF 0.75 4.50 1.20 1.05 0.30 4 3, 5 MAX 3.10 NOTE 2, 5
b
A
D E E1 A
e D
A2
A2 b e
Side View
L L1
Notes: 1. This drawing is for general information only. Refer to JEDEC Drawing MO-153, Variation AA, for proper dimensions, tolerances, datums, etc. 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm. 5. Dimension D and E1 to be determined at Datum Plane H. 5/30/02
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 8A2, 8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
DRAWING NO. 8A2
REV. B
21
5226D-SEEPR-7/08
8Y6 - Mini Map
A
D2
b (8X)
Pin 1 Index Area E2 E
Pin 1 ID L (8X)
D A2 A3 A1
e (6X) 1.50 REF.
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL D E D2 E2 A A1 A2 A3 L e b 0.20 0.20 1.40 0.0 MIN NOM 2.00 BSC 3.00 BSC 1.50 0.02 0.20 REF 0.30 0.50 BSC 0.25 0.30 2 0.40 1.60 1.40 0.60 0.05 0.55 MAX NOTE
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-229, for proper dimensions, tolerances, datums, etc. 2. Dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. If the terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area. 3. Soldering the large thermal pad is optional, but not recommended. No electrical connection is accomplished to the device through this pad, so if soldered it should be tied to ground
10/16/07 REV. D
R
2325 Orchard Parkway San Jose, CA 95131
DRAWING NO. TITLE 8Y6, 8-lead 2.0 x 3.0 mm Body, 0.50 mm Pitch, Utlra Thin Mini-Map, 8Y6 Dual No Lead Package (DFN) ,(MLP 2x3)
22
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
5TS1 - SOT23
e1 5 4 C
E1
E
C L
L1 1 2 3
Top View
End View
b
A2
A
Seating Plane
e D
A1
Side View
NOTES: 1. This drawing is for general information only. Refer to JEDEC Drawing MO-193, Variation AB, for additional information. 2. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.15 mm per side. 3. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but including any mismatch between the top and bottom of the plastic body. 4. These dimensions apply to the flat section of the lead between 0.08 mm and 0.15 mm from the lead tip. 5. Dimension "b" does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the "b" dimension at maximum material condition. The Dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and an adjacent lead shall not be less than 0.07 mm. SYMBOL A A1 A2 c D E E1 L1 e e1 b
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.00 0.70 0.08 NOM - - 0.90 - 2.90 BSC 2.80 BSC 1.60 BSC 0.60 REF 0.95 BSC 1.90 BSC 0.30 - 0.50 4, 5 MAX 1.10 0.10 1.00 0.20 4 2, 3 2, 3 2, 3 NOTE
6/25/03 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 5TS1, 5-lead, 1.60 mm Body, Plastic Thin Shrink Small Outline Package (SHRINK SOT) DRAWING NO. PO5TS1 REV. A
R
23
5226D-SEEPR-7/08
8U3-1 - dBGA2
E
D
1.
b
PIN 1 BALL PAD CORNER
A1 A2 A
Top View
PIN 1 BALL PAD CORNER
Side View
4
1 (d1)
2
3
d
8 e
7
6
5
COMMON DIMENSIONS (Unit of Measure = mm) (e1) SYMBOL MIN 0.71 0.10 0.40 0.20 NOM 0.81 0.15 0.45 0.25 1.50 BSC 2.00 BSC 0.50 BSC 0.25 REF 1.00 BSC 0.25 REF MAX 0.91 0.20 0.50 0.30 NOTE
Bottom View
8 SOLDER BALLS
A A1 A2 b
1. Dimension "b" is measured at the maximum solder ball diameter. This drawing is for general information only.
D E e e1 d d1
6/24/03 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8U3-1, 8-ball, 1.50 x 2.00 mm Body, 0.50 mm pitch, Small Die Ball Grid Array Package (dBGA2) DRAWING NO. PO8U3-1 REV. A
R
24
AT24C04B/08B
5226D-SEEPR-7/08
AT24C04B/08B
11. Revision History
Doc. Rev. 5226D 5226C 5226B 5226A Date 7/2008 2/2008 8/2007 6/2007 Comments Removed `Preliminary' status Text changes on page 4 and 9 Updated to new template Updated common Figures Added Package Marking tables Initial document release
25
5226D-SEEPR-7/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support s_eeprom@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
5226D-SEEPR-7/08


▲Up To Search▲   

 
Price & Availability of AT24C08B-TH-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X