Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download AP2012EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
AP2012EC
HIGH EFFICIENCY RED
Features
2.0mmx1.25mm SMT LED,1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAA4049 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203000098
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AP2012EC HIGH EFFICIENCY RED (GaAsP/GaP) WATER CLEAR 4 Typ. 12 Viewing Angle 2 1/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red High Efficiency Red Typ. 627 625 45 15 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
High Efficiency Red 105 30 160 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAA4049 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203000098
High Efficiency Red
AP2012EC
SPEC NO: DSAA4049 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203000098
AP2012EC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA4049 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: MAR/18/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1203000098


▲Up To Search▲   

 
Price & Availability of AP2012EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X