Part Number Hot Search : 
1N4790D DM74ALS KRX211U 20206 BG312307 IN74H LH28F400 FAN8412M
Product Description
Full Text Search
 

To Download AA4006GTR-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief VOLTAGE DETECTOR Amplifier with 4 Selectable Gain Setups and Input Mux 2.7W Stereo Audio Power Description
The AZ70XXis a Class AB stereo audio power amplifier The AA4006 series ICs are under voltage detectors with with headphone driver, which can deliver 2.7W into 3 a built in voltage threshold and low power consumption. speakers with 5.0V power supply and THD+Naccurately The AZ70XX are specifically designed to less than 10%. It is designed specially for Notebook PC and portamonitor power supplies. ble media player applications. The AZ70XX use a precision on-chip voltage reference The a comparator to measure the input operating voltage. and AA4006 features stereo full differential input or 2 sets of ICs canSingle-Ended audio input. There are 4 difThese stereo accurately reset the system after detecting ferent gain the timeat BTL Mode -6dB, 10dB, 15.6dB and voltage at settings of switching power on and instanta21.6dB, changed in various CPU systems andpins. At SE neous power off by setting GAIN0, GAIN1 other logic Mode, theThe detect voltage thresholds are 2.3V/2.5V/ systems. gain is fixed 4.1dB. 2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/ The AA4006 can amplify squarehysteresis helps toinput 31/33/42/45 respectively. Built in waveform beep presignal from operation in the presence of noise. vent erratic BEEP_IN pin and it's output can always reach BTL terminal, masking all other audio inputs regardless of whether the chip is in shutdown, SE or BTL mode.
AZ70XX AA4006
Parametric Table
Channels Supply Voltage (Max) (V) Supply Voltage (V) Supply Current (Max)(A) Output Power Detect Voltage (W) at THD+N=1%(Typ) 2 20 3.0 to 5.5 500 0.09 2.3, 2.5, 2.7,
Features
SE (32) BTL 2.9, 3.1, 3.3, 1.8 4.2, 4.5 (4) Detect Voltage Temperature THD+N (BTL, PO=1W, RL=4) 0.08% 0.01 Coefficient (%/oC) S/N (dB) 100 "H" Transmission Delay 15 Channel Separation (dB) Time (s) -100 Mute No -40 Operating Temperature (Min) (oC) Shutdown Yes 85 Operating Temperature (Max) (oC) Volume Control No TSSOP-20 Package (EDP)
Benefits
* * Easier to Use Very Competitive Price
Low Current Consumption: ICCL=300A Typical ICCH=30A Features Typical * Low Minimum Operating Voltage for Output Resetting: 0.8V Typical * Output Power, THD+N=10%: * 110mW Hysteresis Voltage: 50mV Typical Built in at SE Mode for 32 Headphone * 220mW at SE Mode for 16 Headphone Open Collector Output * 1.5W at BTL Mode forRange: -40 to 85oC Extended Temperature 8 Speaker 2.3W at BTL Mode for 4 Speaker 2.7W at BTL Mode for 3 Speaker Applications * Supply Voltage Range: 3.0V to 5.5V * 4 Selectable Internal Fixed Gain Setups * Stereo 2:1 Input Multiplexer Low Battery Voltage Detector Power Fail Differential * Stereo Full Indicator Input Processor Reset * PC Beep Input Generator * Low Power Consumption at Shutdown Mode 100A Battery Backup Control * Typical Home Electric Appliances * Excellent Click/POP Noise Suppression * Thermal Shutdown Protection
*
Applications Additional Available * Notebook PC * Portable Media Player * Samples * Data Sheet * Reliability Report Benefits * ESD Report
* * *
Materials
Continue 2.7W RMS Output Power at 5.0V 3 Speaker Load Ultra Low Pop Noise at 32 Headphone Load Wide Operation Voltage Range: 3.0V to 5.5V
Additional Available Materials
Samples Preliminary Datasheet SOT-89-3 Demo Board and Demo Board Manual ESD Report
Pin Configuration
TO-92
* * TO-92 Ammo Packing * *
OUT GND VCC
3 2 1
3 2 1
OUT GND VCC VCC GND OUT 1 2 3
Apr. 2008 Jun. 2007
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing Limited
Product Brief VOLTAGE DETECTOR 2.7W Stereo Audio Power Amplifier with 4 Selectable Gain Setups and Input Mux Pin Configuration Description Parametric Table
20 500 2.3, 2.5, 2.7, 2.9, 3.1, 3.3, 4.2, 4.5 0.01 15 -40 85
AZ70XX AA4006
G Package The AZ70XX series ICs are under voltage detectors with Supply Voltage (Max) (V) (TSSOP-24 (EDP)) a built in voltage threshold and low power consumption. Supply Current (Max)(A) The AZ70XX are specifically designed to accurately monitor power supplies. Detect Voltage (Typ) GND GND 1 24 The AZ70XX use a precision on-chip voltage reference and a comparator to measure the input operating voltage. R_LINE_IN GAIN0 23 2 Detect Voltage Temperature These ICs can accurately reset the system after detecting Coefficient (%/oC) SHUTDOWN 22 voltage at the time of GAIN1 power on3 switching and instanta"H" Transmission Delay Time (s) neous power off in various CPU systems and other logic OUTR+ OUTL+ 4 21 systems. The detect voltage thresholds are 2.3V/2.5V/ Operating Temperature (Min) (oC) 2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/ R_HP_IN L_LINE_IN 5 20 31/33/42/45 respectively. Built in hysteresis helps to preOperating Temperature (Max) (oC) VDD L_HP_IN vent erratic operation in the presence of noise. 6 19
Features
*
PVDD R_IN
7 8
18 Benefits 17
* *
PVDD HP_LINE
* * * *
Low Current Consumption: OUTL9 ICCL=300A Typical ICCH=30A Typical L_IN 10 Low Minimum BYPASS Voltage for Output ResetOperating 11 ting: 0.8V Typical GND Built in Hysteresis Voltage: 50mV Typical 12 Open Collector Output Extended Temperature Range: -40 to 85oC
Easier to Use OUTR16 Very Competitive Price HP_SENSE 15
BEEP_IN 14 Additional Available Materials GND 13 * * * * Samples Data Sheet Reliability Report ESD Report
Marking ID AA4006G Packing Type Tape & Reel
Ordering Information Example Applications
Package Temperature Range Part Number * Low Battery Voltage Detector * Power Fail Indicator TSSOP-20 * Processor Reset Generator oC AA4006GTR-E1 -40 to 85 (EDP) * Battery Backup Control * Home Electric Appliances Detailed information please refer to the relevant datasheet.
Pin Configuration Sales Office:
TO-92 TO-92 Ammo Packing USA Shanghai 30920 Huntwood Ave. Hayward, CA 94544, No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based Industrial USA Park, 200241, China Tel : Tel : 86-21-24162266 3 OUT +1-510-324-2988 3 OUT Fax : +1-510-324-2788 Fax : 86-21-24162277
Taiwan 4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei, 1 VCC Taiwan Tel : 886-2-2656-2808 Fax : 886-2-2656-2806
2
SOT-89-3
GND
2 1
GND
Shenzhen VCC E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian Room District, Shenzhen 518026, China Tel : 86-755-8826 7951 VCC GND OUT Fax : 86-755-8826 7865
1
2
3
Apr. 2008 Jun. 2007
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing Limited


▲Up To Search▲   

 
Price & Availability of AA4006GTR-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X