Part Number Hot Search : 
79L06A C3549 C3216 P6KE39A DL120 TL072AM NTE791 4HCT57
Product Description
Full Text Search
 

To Download 78L10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78L10
D D D D D D
3-Terminal Regulators Output Current up to 100 mA No External Components Internal Thermal-Overload Protection Internal Short-Circuit Current Limiting Provided Pb-Free packages from the end of 2004
Positive-Voltage Regulators
O C
I
TO-92
78L10ACZ
description
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. One of these regulators can deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a zener diode-resistor combination, an effective improvement in output impedance can be obtained, together with lower bias current.
INPUT COMMON OUTPUT
OUTPUT GND INPUT
SOT-89
78L10CPK
electrical characteristics at specified virtual junction temperature, VI = 17V, I o =40mA (unless otherwise noted)
PARAMETER TEST CONDITIONS TJ MIN 25C Output voltage I 20 V 1 mA t 40 mA A to A IO =1mA to 40MA, VI =13V to 25V IO = 1 mA to 70 mA VI = 13V to 25V VI =14V to 25V VI = 15V to 25V f = 120 Hz IO = 1 mA to 100 mA IO = 1 mA to 40 mA f = 10 Hz to 100 kHz Full range Full range 25C 25 C 25C 37 9.6 9.5 9.5
78L010
TYP 10 10 10 51 42 44 20 11 62 1.7 4.2 6 5.5 1.5 0.1 MAX 10.4 10.5 10.5 175
125
UNIT
V
Input voltage regulation Ripple rejection Output voltage regulation Output noise voltage Dropout voltage
mV mV
dB
25 C 25C
25C 25C 25C 125C
90 40 mV mV V V mA mA mA mA
Bias current current Bias c rrent
Bias current change VI = 14V to 25V IO = 1 mA to 40 mA
Full range F ll Full
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-F capacitor across the input and a 0.1-F capacitor across the output. Full range for the 78L05 is T J = 0C to 70C
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
2-1
WS 78L10
absolute maximum ratings over operating temperature range (unless othewise noted) 78L10
Input voltage VI voltage, Virtual junction temperature range, TJ Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds Storage temperature range, Tstg
PARAMETER
UNIT V C C C
30
150 260 -65 to 150
recommended operating conditions
78L10
voltage, Input voltage VI
MIN
MAX
UNIT
12.5
25 100
V
mA
Output current, IO
Operating virtual j g junction temperature, TJ
0
70
C
Pad Location 78L10
90um
3
85um
90um
2
90um
9 9
95um
1
100um
Chip size 1.0 x 1.2 mm
Pad N 1 2 3
Pad Name Ground Input Output
X (um)
Y (um)
95 820 535
100 1010 1015
2-2


▲Up To Search▲   

 
Price & Availability of 78L10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X