Part Number Hot Search : 
MA550 VLL1871 4025R AD9040A TS556C BZT52C2V W9425 100D9107
Product Description
Full Text Search
 

To Download 3GSR53-A-80M-25000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES Sine Wave output VCXO Output 10k //10pF load, 1.0V p-p Harmonics < 25dBc Low current consumption
GSR53 Sine Wave VCXOs
5 x 3.2 x 1.2mm SMD Sine Wave VCXO
OUTLINE & DIMENSIONS DESCRIPTION GSR53 sine wave VCXOs provide a true sine wave out output. The VCXOs are packaged in the industry-standard, 4 pad 5 x 3.2 x 1.2mm SMD package. The VCXO is produced to close tolerances and has low current consumption.
SPECIFICATION Frequency Range: Input Voltage: Frequency Stability: Control Voltage Centre: Initial Frequency Accuracy: Control Voltage Range: Frequency Deviation Range: Output Wave Form: Output Level: Harmonics: Phase Noise: Current Consumption Supply = 2.8V: Supply = 3.3V: Supply = 5.0V: Start-up Time: Storage Temperature: Sub-Harmonics: Ageing: Enable/Disable: RoHS Status:
10.0MHz to 30.0MHz +2.8V, +3.3V5% or +5.0VDC 5% See table +2.5 VDC 15ppm with Conrol V at +2.5VDC +0.5V to +4.5VDC 100ppm typical* True Sine Wave 10k //10pF load, 1.0V p-p <-25dBc -130dBc/Hz at 1kHz offset 1.0mA 1.1mA 1.2mA 2.0ms typical -50 to +125C None 5ppm per year maximum Not implemented - 4 pad package Fully compliant
PART NUMBERING Example: Supply Voltage 3 = 3.3 Volts 5 = 5.0 Volts Series Designation GSR53 Frequency Stability See table Pull Range ppm Pull Range Code M = Maximum N = Minimum T = Typical Frequency MHz
3GSR53-A-80N-25.000
* Wider pulling range available FREQUENCY STABILITY Stability Code Stability ppm Temp. Range A 25 0~+70C B 50 0~+70C C 100 0~+70C D 25 -40~+85C E 50 -40~+85C F 100 -40~+85C If non-standard frequency stability is required Use `I' followed by stability, i.e. I20 for 20ppm
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 3GSR53-A-80M-25000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X