Part Number Hot Search : 
MP810 MAX814 673AB 2SC945P RJK03 LVC1G0 LVC1G0 MM3Z2XVC
Product Description
Full Text Search
 

To Download 3GSR44-A-80M-25000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES Sine Wave output VCXO Output 10k //10pF load, 1.0V p-p Harmonics < 25dBc Low current consumption
GSR44 Sine Wave VCXOs
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
OUTLINE & DIMENSIONS DESCRIPTION GSR44 sine wave VCXOs provide a true sine wave out output. The VCXOs are packaged in the industry-standard, 4 pad 11.4 x 9.6mm SMD package. The VCXO is produced to close tolerances and has low current consumption.
SPECIFICATION Frequency Range: Input Voltage: Frequency Stability: Control Voltage Centre: Initial Frequency Accuracy: Control Voltage Range: Frequency Deviation Range: Output Wave Form: Output Level: Harmonics: Phase Noise: Current Consumption Supply = 2.8V: Supply = 3.3V: Supply = 5.0V: Start-up Time: Storage Temperature: Sub-Harmonics: Ageing: Enable/Disable: RoHS Status:
10.0MHz to 30.0MHz +2.8V, +3.3V5% or +5.0VDC 5% See table +2.5 VDC 15ppm with Conrol V at +2.5VDC +0.5V to +4.5VDC 100ppm typical* True Sine Wave 10k //10pF load, 1.0V p-p <-25dBc -130dBc/Hz at 1kHz offset 1.0mA 1.1mA 1.2mA 2.0ms typical -50 to +125C None 5ppm per year maximum Not implemented - 4 pad package Fully compliant or non-compliant
* Wider pulling range available FREQUENCY STABILITY Stability Code Stability ppm Temp. Range A 25 0~+70C B 50 0~+70C C 100 0~+70C D 25 -40~+85C E 50 -40~+85C F 100 -40~+85C If non-standard frequency stability is required Use `I' followed by stability, i.e. I20 for 20ppm PART NUMBERING Example: Supply Voltage 3 = 3.3 Volts 5 = 5.0 Volts Series Designation GSR44 RoHS Status G = compliant Blank = non-compliant Frequency Stability See table Pull Range ppm Pull Range Code M = Maximum N = Minimum T = Typical Frequency MHz
3GSR44G-A-80N-25.000
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 3GSR44-A-80M-25000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X