Part Number Hot Search : 
M24C64 A8504 SB156M C5198 PE9631 C3420 G8084032 81Z10
Product Description
Full Text Search
 

To Download 3GDW14-A-80M-60000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency range 38MHz to 640MHz LVDS Output Supply Voltage 3.3 VDC Phase jitter 0.4ps typical Pull range from 30ppm to 150ppm
GDW14 LVDS
VCXO
14 pin Dual-in-Line VCXO
DESCRIPTION GDW14 VCXOs are packaged in an industry-standard, 14 pin dualin-line package. Typical phase jitter for GDW series VCXOs is 2.35ps. Output is LVDS. Applications include phase lock loop, SONET/ATM, set-top boxes, MPEG , audio/video modulation, video game consoles and HDTV. SPECIFICATION Frequency Range: Supply Voltage: Output Logic: RMS Period Jitter: Peak to Peak Jitter: Phase Jitter: Initial Frequency Accuracy: Output Voltage HIGH (1): Output Voltage LOW (0): Pulling Range: Control Voltage Range: Temperature Stability: Output Load: Rise/Fall Times: Duty Cycle: Start-up Time: Current Consumption: Static Discharge Protection: Storage Temperature: Ageing: Enable/Disable: RoHS Status:
OUTLINE & DIMENSIONS
750kHz to 800.0MHz 3.3 VDC 5% LVDS 4.3ps typical 27.0ps typical 2.35ps typical Tune to the nominal frequency with Vc= 1.65 0.2VDC 1.4 Volts typical 1.1 Volts typical From 30ppm to 150ppm 1.65 1.35 Volts See table 50 into Vdd or Thevenin equiv. 0.5ns typ., 0.7ns max. 20% Vdd to 80% Vdd 50% 5% (Measured at Vdd-1.3V) 10ms maximum, 5ms typical 55mA typical, 60mA maximum (At 202.50MHz) 2kV maximum -55 to +150C 2ppm per year maximum Not implemented - 4 pin package Fully compliant or non compliant
PART NUMBERING Example:
3GDW14G-B-80N-60.000
FREQUENCY STABILITY Stability Code Stability ppm Temp. Range A 25 0~+70C B 50 0~+70C C 100 0~+70C D 25 -40~+85C E 50 -40~+85C F 100 -40~+85C If non-standard frequency stability is required Use `I' followed by stability, i.e. I20 for 20ppm
Supply Voltage 3 = +3.3V Series Designator GDW14 RoHS Status G = RoHs compliant Blank = RoHS non-compliant Stability over temperature range (See table) Pullability in ppm Pullability determinator N = minimum M = maximum T = Typical Frequency in MHz
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 3GDW14-A-80M-60000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X