Part Number Hot Search : 
1N3825 S1210 1N4959D HYB51 RY210005 HC14A AMN11112 SL100
Product Description
Full Text Search
 

To Download 327680LSMA050UC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Low current consumption, low frequency from 30kHz Low profile, miniature SMD package Full military testing available Testing to MIL-PRF-55310 available DESCRIPTION LSM series oscillators are precision surface mount oscillators with a frequency range from 30kHz to 200kHz. The part comprises of a hermetically sealed crystal with a hybrid circuit sealed in a ceramic package with a Kovar lid. Full MIL testing is available. SPECIFICATION Frequency Range****: Supply Voltage*: Calibration Tolerance** Code A: Code B: Code C: Frequency Stability*** 0 to +50C: -20 to +40C: Voltage Coefficient 1ppm/V typical 3ppm/V maximum 1ppm/year typical 3ppm/year maximum 1000g, 1ms, 1/2 sine, 3ppm max. 10g rms, 10-2000Hz, 3ppm max. 1ppm maximum -10 to +70C Commercial -40 to +85C Industrial -55 to +125C Military 4.8V minimum, 4.95V typical 0.2V maximum, 0.05V typical 12ns typical 40/60% maximum, 45/55% typical 15 mA max., 8.3 mA typical 10 mA max., 5.5 mA typical Tray pack (standard) 16mm tape, 17.8cm or 33cm reels Notes: * ** *** **** 30kHz to 200kHz (32.768kHz) 3.3 or 5.0 Volts 10% 0.001% (10ppm) 0.0025% 0.01% 0.0025% typical (25ppm) 0.004% maximum (40ppm) 0.007% typical (70ppm) 0.01% maximum (100ppm
LSM Series Oscillators
Low Power - Low Frequency SMD Oscillator
OUTLINE & DIMENSIONS
Ageing: Shock: Vibration: Frequency Change vs. Output Load Change: Operating Temperature:
Output Voltage (5.0V supply) HIGH: LOW: Rise/Fall Times: Symmetry: Supply Current 5.0V supply: 3.3V supply: Packaging:
Contact factory for lower supply voltages Tighter tolerances avialable Does not include calibration tolerance. Positive variations are small compared to negative variations. Contact factory for frequencies other than 32.7680kHz
PART NUMBERING Example:
32.7680kHz LSMA050UMTA
ENABLE/DISABLE, POWER DOWN, NOT CONNECTED Option Power Down Enable/Disable Not Connected Specifying Code P T Blank Pad 1* LOW HIGH LOW HIGH NC Pad 3 High Z Frequency output High Z Frequency output Frequency output
* Normally HIGH (internal pull-up resistor) ENABLE/DISABLE vs. POWER DOWN P - Power Down: When Pad 1 is LOW the oscillator stops running T - Enable/Disable: When Pad 1 is LOW the internal oscillator continues to run but the output (Pad 3) is in a high impedance (Z) state. Power Down: Enable/Disable: Disabled current consumption low, recovery delayed. Disabled current consumption lower than normal, Recovery immediate.
Frequency Series Designation LSM Calibration Tolerance (see table above) Stability* 100 = 100ppm 50 = 50ppm 25 = 25ppm Output Universal (CMOS) Operating Temp. Range C = Commercial I = Industrial M = Military Pad 1 Function T = Enable/Disable Blank = not connected Supply Voltage** Blank = 5.0 Volts A = 3.3 Volts * ** For other stability requirements enter figure required. For other supply voltage enter required voltage.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 327680LSMA050UC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X