Part Number Hot Search : 
5STRR 24223 MSEP855 LM2423TE AAT3783 SK223 MAX739 TMPZ84C
Product Description
Full Text Search
 

To Download 2SK3628 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-channel Power MOSFET 2SK3628
TO-263
+ .1 1 .2 7 -00.1
Transistors IC
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
High-speed switching Low ON resistance Ron
+ .2 8 .7 -00.2
No secondary breakdown Avalanche energy capability guaranteed
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+ .2 5 .2 8 -00.2
2.54
+0.2 -0.2 +0.1 5.08-0.1
+ .2 2 .5 4 -00.2
+ .2 1 5 .2 5 -00.2
2.54
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain-source surrender voltage Gate-source surrender voltage Drain current Peak drain current Avalanche energy capability Power dissipation Ta = 25 Power dissipation Channel temperature Storage temperature Tch Tstg Symbol VDSS VGSS ID IDP EAS PD Rating 230 30 20 80 570 3 100 150 -55 to +150 Unit V V A A mJ W
5 .6 0
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1
SMD Type
2SK3628
Electrical Characteristics Ta = 25
Parameter Gate-drain surrender voltage Diode forward voltage Gate threshold voltage Drain-source cutoff current Gate-source cutoff currentt Drain-source on resistance Forward transfer admittance Short-circuit forward transfer capacitance Short-circuit output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VDSF Vth IDSS IGSS Testconditons ID = 1 mA, VGS = 0 IDR = 20 A, VGS = 0 VDS = 25 V, ID = 1 mA VDS = 184 V, VGS = 0 VGS = 30 V, VDS = 0
Transistors IC
Min 230
Typ
Max
Unit V
-1.5 1.7 3.7 100 1 65 7 14 2300 85
V V iA iA mU S pF pF pF ns ns ns ns
RDS(on) VGS = 10 V, ID = 10 A Yfs Ciss Coss Crss td(on) tr td(off) tf VDD 100 V, ID = 15 A VDS = 25 V, VGS = 0, f = 1 MHz VDS = 25 V, ID = 10 A
330 30 35 26 220 36
RL = 6.7 U, VGS = 10 V
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SK3628

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X