Part Number Hot Search : 
2M86RL 0010A 20039WS UF30C50 1035C 0010A CQ1565 833121
Product Description
Full Text Search
 

To Download 2SD788 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
S
For low-frequency power amplification For stroboscope
B
Silicon NPN epitaxial planar type
Unit: mm
5.00.2
C
2SD788
4.00.2
Features
* Low collector-emitter saturation voltage VCE(sat) * Satisfactory operation performances at high efficiency with the lowvoltage power supply.
A
0.70.1
K D E G
0.70.2
5.10.2
N
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 20 20 6
2
Unit V
F
0.45+0.15 -0.1
H 2.5+0.6 -0.2
2.5+0.6 -0.2
F
V
1
L
23
2.30.2
C
V
A
1
2
3
DIM MILLIMETERS A 4.70 MAX B 4.80 MAX C 3.70 MAX D 0.45 1.00 E 1.27 F G +0.15 0.85 0.45-0.1 0.45 H 14.00 + 0.50 J 0.55 MAX K 2.30 L M 0.45 MAX N 1.00
J
12.90.5
6 900 150 -55 to +150
A mW C C
1. EMITTER 2. COLLECTOR 3. BASE
1: Emitter 2: Collector 3: Base TO-92 Package
M
TO-92
Electrical Characteristics Ta = 25C 3C
Parameter Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio Symbol VCEO VEBO ICBO ICEO IEBO hFE1
*
Conditions IC = 1 mA, IB = 0 IE = 10 A, IC = 0 VCB = 16 V, IE = 0 VCE = 10 V, IB = 0 VEB = 6 V, IC = 0 VCE = 2 V, IC = 0.1A VCE = 2 V, IC = 1 A IC = 1 A, IB = 0.1 A VCB = 2 V, IC = 1 0 mA VCB = 10 V, IE = 0, f = 1 MHz
Min 20 6
Typ
Max
Unit V V A A A
2 1 0.2 100 150 0.3 100 20 700
hFE2 Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Note) 1. Rank classification 2. CLASSIFICATION OF
RANK RANGE
VCE(sat) fT Cob
V MHz PF
hFE2
A 100-300 .....B 250-500 ....C 400-700
1
Silicon NPN epitaxial planar type
Maximum Collector Dissipation Curve Collector Power Dissipation PC (W) 1.2 Collector Current IC (mA) 100
0.3
2SD788
Typical Output Characteristics
80 60 40 20
0.25
0.2
0.8
0.15
0.1
0.4
0.05 mA
IB = 0 0 50 100 Ambient Temperature Ta (C) 150 0 2 4 6 8 10 Collector to Emitter Voltage VCE (V) Typical Transfer Characteristics 1,000 15 10 5 mA Collector Current IC (mA) 300 100 30 10 3 1
Typical Output Characteristics 2.0 1.6 1.2 0.8 0.4 IB = 0 0 0.4 0.8 1.2 1.6 2.0 Collector to Emitter Voltage VCE (V) DC Current Transfer Ratio vs. Collector Current 10,000 DC Current Transfer Ratio hFE 3,000 1,000 300 100 30 10 -25 Pulse VCE = 2 V Ta = 75C 25 20
Collector Current IC (A)
VCE = 2 V Ta = 75C 25 -25
PC
=0
.9 W
0
0.2 0.4 0.6 0.8 Base to Emitter Voltage VBE (V)
1.0
Collector to Emitter Saturation Voltage VCE(sat) (V)
Saturation Voltage vs. Collector Current Base to Emitter Saturation Voltage VBE(sat) (V) 3.0 1.0 0.3 0.1 0.03 0.01 0.003 IC = 10 IB VBE(sat)
VCE(sat)
1
3 10 30 100 300 Collector Current IC (mA)
1,000
3
10 30 100 300 1,000 3,000 Collector Current IC (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SD788

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X