Part Number Hot Search : 
55C120B 2SK14 C114ES FCH30B10 6047613 30N60C ULN2803L 25T08BBW
Product Description
Full Text Search
 

To Download 2SD780A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxia 2SD780A
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
Micro package. High DC current gain. hFE: 200TYP.(VCE=1.0V,IC=50mA).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation at 25 ambient temperature Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg Rating 80 80 5.0 300 200 150 -55 to +150 Unit V V V A W
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Base to emitter voltage * Collector saturation voltage * Output capacitance Gain bandwidth product * Pulsed: PW 350 is, duty cycle 2% Symbol ICBO IEBO hFE VBE Testconditons VCB = 50 V, IE = 0 VEB = 5.0 V, IC = 0 VCE = 1.0 V, IC = 50 mA VCE = 6.0 V, IC = 10 mA 110 600 200 645 0.15 7.0 140 Min Typ Max 100 100 400 700 0.6 mV V pF MHz Unit nA nA
VCE(sat) IC = 300 mA, IB = 30 mA Cob fT VCB = 6.0 V, IE = 0 , f = 1.0 MHz VCE = 6.0 V, IE = -10 mA
hFE Classification
Marking hFE D51 110 180 D52 135 220 D53 170 270 D54 200 320 D55 250 400
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD780A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X