Part Number Hot Search : 
F9N50 74LS15 IRFE130 MRC370V4 TS414 101MT IN74HC FC2187
Product Description
Full Text Search
 

To Download 2SC5387 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5387
DESCRIPTION *High Breakdown Voltage: VCBO= 1200V (Min) *High Switching Speed *Low Saturation Voltage
APPLICATIONS *Horizontal deflection output for high resolution display, color TV. *High speed switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
1200
V
VCEO
Collector-Emitter Voltage
600
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current- Continuous
10
A
ICM
Collector Current- Pulse
20
A
IB
B
Base Current- Continuous Collector Power Dissipation @ TC=25 Junction Temperature
5
A
PC
50
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC5387
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
600
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 8A; IB= 2A
B
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A; IB= 2A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 1200V; IE= 0
1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
A
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
15
35
hFE-2
DC Current Gain
IC= 8A ; VCE= 5V
4.3
7.8
fT
Current-Gain--Bandwidth Product
IC= 0.1A ; VCE= 10V
1.7
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10V; ftest= 1.0MHz
130
pF
tstg
Storage Time ICP= 6A , IB1(end)= 1.2A;fH= 64kHz
2.5
3.5
s
tf
Fall Time
0.15
0.3
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC5387

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X