Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download 2SC5382 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5382
DESCRIPTION With TO-220F package High Voltage High speed switching
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg
TOR NDU ICO E SEM ANG INCH
PARAMETER CONDITIONS VALUE 1200 550 9 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current 6 Collector current-peak 12 3 6 TC=25ae 40 150 -55~150 Base current Base current-peak Total power dissipation Junction temperature Storage temperature
UNIT V V V A A A A W ae ae
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 3.13 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SC5382
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A; IB=0
550
V
VCEsat
Collector-emitter saturation voltage
IC=3A; IB=0.6 A
1.0
V
VBEsat ICBO ICEO IEBO hFE-1
Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain
IC=3A; IB=0.6 A VCB=1200V; IE=0 VCE=550V; IB=0 VEB=9V; IC=0 IC=3A ; VCE=5V 10
1.5 0.1 0.1 0.1
V mA mA mA
hFE-2
Switching times ton ts tf
TOR NDU ICO E SEM ANG INCH
DC current gain IC=1mA ; VCE=5V 10 Turn-on time Storage time IC=3A;IB1=0.6A ;IB2=1.2A RL=50| ;VBB2=4V Fall time
1.3 4.0 |I
|I |I
s s s
0.3
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5382
TOR NDU ICO E SEM ANG INCH
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC5382

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X