Part Number Hot Search : 
12000 11101 TCD10 STW5098 8HC08 AA541 2SK2496 GA128
Product Description
Full Text Search
 

To Download 2SA194304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1943
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SA1943
Power Amplifier Applications
Unit: mm * * * High collector voltage: VCEO = -230 V (min) Complementary to 2SC5200 Recommended for 100-W high-fidelity audio frequency amplifier output stage.
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation (Tc = 25C) Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -230 -230 -5 -15 -1.5 150 150 -55 to 150 Unit V V V A A W
JEDEC
C C
2-21F1A
JEITA TOSHIBA
Weight: 9.75 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note) hFE (2) Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance VCE (sat) VBE fT Cob Test Condition VCB = -230 V, IE = 0 VEB = -5 V, IC = 0 IC = -50 mA, IB = 0 VCE = -5 V, IC = -1 A VCE = -5 V, IC = -7 A IC = -8 A, IB = -0.8 A VCE = -5 V, IC = -7 A VCE = -5 V, IC = -1 A VCB = -10 V, IE = 0, f = 1 MHz Min -230 55 35 Typ. 60 -1.5 -1.0 30 360 Max -5.0 -5.0 160 -3.0 -1.5 V V MHz pF Unit A A V
Note: hFE (1) classification
R: 55 to 110, O: 80 to 160
1
2004-07-07
2SA1943
Marking
Part No. (or abbreviation code) TOSHIBA
2SA1943
Lot No.
JAPAN
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2004-07-07
2SA1943
IC - VCE
-20 Common emitter Tc = 25C -20 Common emitter VCE = -5 V
IC - VBE
IC (A)
-12
-250
IC (A)
-100
-16
-800 -600 -400 -200
-16
-12
Collector current
-150 -8 IB = -10 mA -4
Collector current
-8
-50 -40 -30 -20
-4
Tc = 100C
25
-25 0 0 -2 -4 -6 -8 -10 0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Collector-emitter voltage
VCE
(V)
Base-emitter voltage
VBE
(V)
VCE (sat) - IC
Collector-emitter saturation voltage VCE (sat) (V) hFE
-3 -1 -0.3 Tc = 100C -0.1 25 Common emitter IC/IB = 10 -0.001 -0.01 -0.1 -1 -10 -100 -25 300 100 30 10 3 -0.01 Tc = 100C 25 -25 Common emitter VCE = -5 V -0.1
hFE - IC
DC current gain
-1
-10
-100
Collector current IC (A)
Collector current IC (A)
Safe Operating Area
-50 -30 IC max (pulsed)* IC max (continuous) -10 1 ms* 10 ms* 100 ms*
IC (A)
-5 -3 DC operation Tc = 25C -1 -0.5 -0.3 *: Single nonrepetitive pulse Tc = 25C -0.1 Curves must be derated linearly with increase in -0.05 temperature. -0.03 -2 -10 -30
Collector current
VCEO max -100 -300 -1000
Collector-emitter voltage
VCE
(V)
3
2004-07-07
2SA1943
rth - tw
10
rth
(C/W)
Transient thermal resistance
1
Infinite heat sink
0.1 Curves should be applied in thermal limited area. (single nonrepetitive pulse) 0.01 0.001
0.01
0.1
1
10
100
1000
Pulse width
tw
(s)
4
2004-07-07
2SA1943
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
5
2004-07-07


▲Up To Search▲   

 
Price & Availability of 2SA194304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X