Part Number Hot Search : 
AO4802L KE300 FSS212 FSS244 1100B PT40575 A7806 GALI84
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Signal DMOS Transistor (N-Channel) 2N7002
SMD Signal DMOS Transistor (N-Channel)
Features
* * * * * Voltage Controlled Small Signal Switch High Density Cell Design for Low RDS(ON) Rugged and Reliable High Saturation Current Capablity RoHS Compliance
Mechanical Data
Case: Terminals: Weight: SOT-23, Plastic Package Solderable per MIL-STD-202G, Method 208 0.008 gram
SOT-23
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Marking Code Description 2N7002 WA 60 20 300 1200 300 150 -55 to +150 V V mA mA mW C C Unit Conditions
VDSS VGSS
ID IDP
Drain-Source Voltage Gate-Source Voltage Drain Current Continuous Drain Current Pulsed (Note 1) Drain Power Dissipation (Note 2) Junction Temperature Storage Temperature Range
PD TJ TSTG
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse Min. 60 Typ. Max. 1 100 -100 Unit V A nA Conditions VGS= 0V, ID=10uA VDS= 60V, VGS= 0V VDS= 0V, VGS= 20V VDS= 0V, VGS= -20V
BVDSS IDSS IGSSF IGSSR
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/NX 2007-12-22 Page 1 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
Electrical Characteristics (T Ambient=25C) (Note 3)
Symbol Description Gate Threshold Voltage Drain-Source ON Resistance Min. 1.1 500 200 Typ. 1.8 1.2 1.5 0.6 0.075 580 0.78 Max. 2.3 1.8 2.1 0.9 0.105 1.15 V mA mS V Unit V Conditions VDS= VGS, ID=250A VGS=10V, ID=500mA VGS=5V, ID=50mA VGS=10V, ID=500mA VGS=5V, ID=50mA VGS=10V, VDS 2VDS(ON) VDS=10V, ID=500mA VGS=0V, IS=200mA
Vth RDS(ON) VDS(ON) ID(ON)
Drain-Source ON Voltage On State Drain Current Forward Transconductance Drain-Source Diode Forward Voltage (Note 1)
gFS
VSD
Dynamic Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Input Capacitance Reverse Transfer Capacitance Output Capacitance Switching Time Turn-On Time Switching Time Turn-Off Time Min. Typ. 47.1 3.5 8.8 8.8 14.8 Max. nS VDD=30V, RL=155 ID=190mA, VGS=10V pF VDS= 25V, VGS = 0V, f=1MHz Unit Conditions
Ciss Crss Coss ton toff
Note: (1) Pulse Width10us, Duty Cycle1% (2) Package mounted on a glass epoxy PCB 3.94'' x 3.94'' x 0.04'' (3) Pulse Test: Pulse Width80s, Duty Cycle1%
Switching Time Test Circuit
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 2 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
Typical Characteristics Curves
Fig.1- Output Characteristics Drain Source On-Resistance RDS(ON) () Fig.2- On-Resistance vs. Drain Current
Drain Current ID (A)
Drain-Source Voltage VDS (V)
Drain Current ID (A)
Drain Source On-Resistance RDS ()
Fig.3- On-Resistance vs. Junction Temperature
Fig.4- Transfer Characteristics
Junction Temperature TJ ()
Drain Current ID (A)
Gate-Source Voltage VGS (V)
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 3 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
Fig.5- Threshold Characteristics Gate-Source Threshold Voltage (A) Fig.6- Source-Drain Diode Forward Voltage
Source Current IS (A)
Junction Temperature TJ ()
Source-to-Drain Voltage VSD (V)
Fig.7- Capacitance
Fig.8- Gate Charge
Drain-Source Voltage VDS (V)
Gate-Source Voltage VGS (V)
Capacitance (pF)
Gate Charge Qg (nC)
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 4 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
Fig.9- Safe Operating Area Drain Power Dissipation PD (mW) Fig.10- Power Dissipation vs. Ambient Temperature
Drain Current ID (A)
Drain-Source Voltage VDS (V)
Ambient Temperature Ta ( C)
Equivalent Circuit
This transistor is electrostatic sensitive device. Please handle with caution.
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 5 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
Marking
Dimensions in mm
1. Source 2. Gate 3. Drain SOT-23
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 6 of 7
SMD Signal DMOS Transistor (N-Channel) 2N7002
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/JX 2007-12-22 www.taitroncomponents.com Page 7 of 7


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X