Part Number Hot Search : 
TLG4243 FDA4004C TLG4243 STF20A60 XC3202B NM3SOL3R CXA1562S RB085
Product Description
Full Text Search
 

To Download 2N6660X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6660X
MECHANICAL DATA Dimensions in mm (inches)
8.89 (0.35) 9.40 (0.37) 7.75 (0.305) 8.51 (0.335)
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
FEATURES
4.19 (0.165) 4.95 (0.195)
12.70 (0.500) min.
0.89 max. (0.035) 7.75 (0.305) 8.51 (0.335) dia.
* Switching Regulators * Converters * Motor Drivers
5.08 (0.200) typ.
2 1
0.66 (0.026) 1.14 (0.045) 0.71 (0.028) 0.86 (0.034)
2.54 (0.100)
3
45
TO-39 METAL PACKAGE
Underside View PIN 1 - Source PIN 2 - Gate PIN 3 - Drain CASE - Drain
ABSOLUTE MAXIMUM RATINGS (TCASE = 25C unless otherwise stated)
VDS VGS ID ID IDM PD PD Tj Tstg TL Drain - Source Voltage Gate - Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current * Power Dissipation Power Dissipation Storage Temperature Range Lead Temperature (1/16" from case for 10 sec.) @ TCASE = 25C @ TCASE = 100C @ TCASE = 25C @ TCASE = 100C 60V 40V 1.1A 0.8A 3A 6.25W 2.5W -55 to 150C -55 to 150C 300C
Operating Junction Temperature Range
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC: 7083 iss 1
2N6660X
ELECTRICAL CHARACTERISTICS (TCASE = 25C unless otherwise stated)
Parameter
STATIC CHARACTERISTICS BVDSS VGS(th) IGSS Drain - Source Breakdown Voltage Gate Threshold Voltage Gate - Body Leakage Current VGS = 0V VDS = VGS VGS = 15V VDS = 0V TCASE = 125C VDS = Max. Ratings VGS = 0V IDSS ID(on)* Zero Gate Voltage Drain Current On-State Drain Current VDS =0.8VMax.Ratings VGS = 0V VGS = 5V RDS(on)* Drain - Source On Resistance VGS = 10V ID = 1A VGS = 5V VDS(on)* gFS* Ciss Coss Crss tON tOFF IS ISM VSD Drain - Source On Voltage DYNAMIC CHARACTERISTICS Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Time Turn-Off Time Continuous Source Current (Body Diode) Source Current1 (Body Diode) Diode Forward Voltage 1 VDD = 25V RL = 23 ID = 1A RG = 25
,
Test Conditions
ID = 10A ID = 1mA
Min.
60 0.8
Typ.
100 1.5 1 5 1 50
Max.
Unit
V nA
2.2 100 500 10 500
A A
TCASE = 125C 1.5 ID = 0.3A TCASE = 125C ID = 0.3A ID = 1A ID = 0.5A VDS = 25V 170
VDS = 2VDS(ON) VGS = 10V
1.7 4.7 2.7 3.9 1.4 2.7 195 35 33 2 8 8 50 40 10 10 10 5 3 4.2 1.5 3
VGS = 10V VDS = 25V VGS = 0V f = 1MHz
V
mS pF
ns
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS Modified MOSPOWER Symbol Showing The Integral PN Juncion Rectifier IS = -1.1A VGS = 0V
/
-1.1
5
A
-3 -0.9 V
TCASE = 125C
1 Pulse Test: Pulse width 300 s , Duty Cycle 2%
Parameter
RJA RJC Thermal Resistance, Junction to Ambient (Free Air Operation) Thermal Resistance, Junction to Case
Min.
Typ.
Max.
170 20
Unit
C/W C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC: 7083 iss 1


▲Up To Search▲   

 
Price & Availability of 2N6660X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X