Part Number Hot Search : 
S87C196 BD7561SG RT7257 BAS28 16IDE3 03929 S87C196 1205D
Product Description
Full Text Search
 

To Download 27000XO53050UCTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES * * * * Micro-miniature 5.0mm x 3.2mm package, small footprint Frequency Range 2.5MHz to 125MHz Tristate function standard Supply voltage 1.8, 2.5 or 3.3Volts
XO53 Series Oscillators
5 x 3.2mm Low Power Consumption Clock Oscillator
DESCRIPTION The XO53 microminiature oscillators have a small footprint but is fully specified. The oscillator is available with supply voltage at 1.8, 2.5 or 3.3 Volts. SPECIFICATION Frequency Range: Supply Voltage: Output Logic: Frequency Stability over Temperature Range 0 to +50C: 0 to +70C: -55 to +125C: Rise/Fall Time: 2.50MHz to 125.0MHz 1.8, 2.5 Volts, 3.3 Volts LSTTL/CMOS
OUTLINE & DIMENSIONS
from 10ppm from 15ppm from 25 10ns max. (10% to 90%Vdd) (frequency dependant)
Output Voltage: HIGH `1': 90%Vdd minimum LOW `0': 10%Vdd maximum Output Load CMOS: 15pF (50pF available for 3.3V supply) TTL: 10 LSTTL loads Duty Cycle: 50%5% typical Supply Current: See table Startup Time 2.5MHz to 32MHz: 5ms max. 32MHz to 125MHz: 10ms max. Ageing: 5ppm max. per year Phase Jitter RMS: 10ps typical Enable Time: 100ms max. Disable Time: 100ns max. Tristate Function (Pad 1): Output (Pad 3) is active if Pad 1 is not connected or a voltage of 2.2V or greater is applied to Pad 1. Output is high impedance when a voltage of 0.8V or lower is applied to Pad 1. Note: Parameters are measured at ambient temperature of 25C, supply voltage as stated and a load of 15pF PART NUMBERING Example:
CURRENT CONSUMPTION Frequency Range 0.3 ~ 1.5MHz 1.5 ~ 20MHz 20 ~ 50MHz 50 ~ 125MHz Supply Voltage (10%) +1.8V 5mA 8mA 15mA 22mA +2.5V 5mA 8mA 15mA 25mA +3.3V 5mA 8mA 15mA 35mA
SOLDER TEMPERATURE PROFILE
27.000MHz XO53050UCTA
Frequency Series Designation XO53 Stability* 100 = 100ppm 50 = 50ppm 25 = 25ppm Output Universal Operating Temp. Range C = Commercial (0~70C) I = Industrial (-40~+85C) Tristate Function Supply Voltage A = 3.3 Volts B = 2.5 Volts C = 1.8 Volts * For other stability requirements enter figure required.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 27000XO53050UCTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X