|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: 2508056017Y2 Frequency Range: Medium Current Description: CHZ0.9/1.3/2-Y2-601 MULTI-LAYER CHIP BEAD Application: Suppression Components Where Used: Part Type: Preferred Part: Board Component Chip Beads Part Type Information Mechanical Specifications Weight: 0.01 (g) View Chart Legend Dim A B C D E F G H J K mm 0.90 1.25 2.00 0.50 _ _ _ _ _ _ mm tol 0.20 0.20 0.20 0.30 _ _ _ _ _ _ nominal inch 0.035 0.049 0.079 0.020 _ _ _ _ _ _ inch misc. _ _ _ _ _ _ _ _ _ _ Land Patterns V 0.600 0.024 Winding Information Y 1.300 0.051 W (ref) 1.900 0.075 X 1.500 0.059 Z _ Turns Tested _ Wire Size 1st Wire Length _ 2nd Wire Length _ Reel Information Tape Width mm 8 Pkg Size Parts 13" Reel 10000 Pitch mm 4 Parts 7" Reel 4000 Parts 14" Reel _ 0805 (2012) Connector Plate # Holes _ # Rows _ Cable Information Max Diameter _ Max Dimension _ Solid Equivalent _ Flat Cable Cores _ Electrical Specifications Typical Impedance () 50 MHz 100 MHz+ 500 MHz 1000 MHz 449 600 25% 293 159 Signal Speed Max DCR () Max Current (mA) Electrical Properties Standard 0.10 2000 Impedance Curve (c) Copyright www.fair-rite.com 2007. All Rights Reserved. Site Map Telephone: (888)324-7748 Application Engineering questions: ferrites@fair-rite.com Web Site Questions: webmaster@fair-rite.com |
Price & Availability of 2508056017Y2 |