Part Number Hot Search : 
MEW1022 C3061 BZX84C51 SF2N6467 MAX5889 00ETTS 85C92 RLT9810G
Product Description
Full Text Search
 

To Download 2220SDF-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Square Drum Ferrite-core Inductors--2220SDF series
A. Electrical specifications:
Part No.
2220SDF-R12 2220SDF-R27 2220SDF-R47 2220SDF-1R0 2220SDF-1R5 2220SDF-2R2 2220SDF-3R3 2220SDF-4R7 2220SDF-6R8 2220SDF-100 2220SDF-150 2220SDF-220 2220SDF-330 2220SDF-470 2220SDF-680 2220SDF-101 2220SDF-151 2220SDF-221 2220SDF-331 2220SDF-471 2220SDF-681 2220SDF-102 2220SDF-222 2220SDF-472 2220SDF-103
Mark
R12 R27 R47 1R0 1R5 2R2 3R3 4R7 6R8 100 150 220 330 470 680 101 151 221 331 471 681 102 222 472 103
L (uH)
0.12 0.27 0.47 1.00 1.50 2.20 3.30 4.70 6.80 10.0 15.0 22.0 33.0 47.0 68.0 100 150 220 330 470 680 1000 2200 4700 10000
Tol.
M M M M M M M M M M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K M, K
Test Freq.
1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 100 KHz/1.0V rms 100 KHz/1.0V rms 100 KHz/1.0V rms 100 KHz/1.0V rms 100 KHz/1.0V rms 100 KHz/1.0V rms 10 KHz/1.0V rms 10 KHz/1.0V rms 10 KHz/1.0V rms 10 KHz/1.0V rms
SRF Min (MHz)
DCR (m) Max.
IDC Max. (A)
450 300 250 150 110 80.0 40.0 30.0 25.0 20.0 17.0 15.0 12.0 10.0 7.60 6.50 5.00 4.00 3.10 2.40 1.90 1.70 1.20 0.80 0.50
0.0098 0.0140 0.0182 0.0272 0.0310 0.0410 0.0504 0.0574 0.1040 0.1300 0.2100 0.2660 0.4480 0.5600 0.9380 1.204 2.660 3.360 6.160 7.560 11.34 14.42 30.10 61.04 140.0
6.00 5.30 4.80 4.00 3.70 3.20 2.90 2.70 2.00 1.70 1.40 1.20 0.90 0.80 0.64 0.56 0.42 0.32 0.27 0.24 0.19 0.15 0.10 0.07 0.05
B. Mechanical dimensions: (Unit: mm)
SERIES
2220SDF
A
5.7 0.30
B
5.0 0.30
C
4.7 0.30
D
1.7 (Min.)
E
1.3 (Min.)
F
5.0 Ref.
Type
2
Type: 2
C. Feature:
1. 2. 3. 4. 5. 6. 7. Tolerance: M: 20%, K: 10%. Operating temperature: -25C TO +85C; Electrical specifications at +25C. Inductance measured on the HP4284A LCR meter; DCR measured on the 502BC milli-ohm meter. Inductance drops no more than 10% at rated I sat; Temperature rises t < 15C (Typical) at rated I rms. Suitable for IR re-flows soldering; Tape and reel packing. Murata P/N LQH55DN series compatible.
RoHS compliant.
DC-DC Converters. Notebooks. Filters. Telecommunications devices.
D. Applications:
Power supply line choke.
Special specifications are available for customer's requirement.
SMD Power Choke: P/N 2220SDF series Rev. A Jan. 01, 2006. Page: 1 of 1


▲Up To Search▲   

 
Price & Availability of 2220SDF-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X