Part Number Hot Search : 
CY7C144 APU429 DSPIC3 29GL032 ISPLSI 300DT GC4712 FDP50S
Product Description
Full Text Search
 

To Download 20000XO32050UCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Ultra-miniature 3.2 x 2.5 x 0.95mm package Frequency Range 1.0MHz to 54.0MHz Tristate (Enable/Disable) function as standard Supply voltage 1.8, 2.5 or 3.3 Volts
XO32 Series Oscillators
3.2 x 2.5 x 0.95mm SMD HCMOS
DESCRIPTION XO32 ultra-miniature oscillators consist of a TTL/CMOS-compatible hybrid circuit and a miniature quartz crystal packaged in a low-profile, industry-standard ceramic package. The package provides a fully specified clock oscillator with a very small footprint.
OUTLINE & DIMENSIONS
SPECIFICATION Frequency Range: Supply Voltage: Output Logic: Frequency Stability: Rise/Fall Time: Output Voltage: HIGH `1': LOW `0': Output Load Duty Cycle: Supply Current: Operating Temperature Commercial: Industrial: Storage Temperature: Start-up Time: Ageing: Phase Jitter RMS: Tristate Function (Pad 1): 1.0MHz to 54.0MHz 1.8, 2.5 or 3.3 Volts 5% HCMOS/LSTTL See table 2ns typical. (Frequency dependant) 90%Vdd minimum 10%Vdd maximum 15pF (50pF available for 3.3V supply ) 50%5% typical See table 0 to +70C -40 to +85C -55 to +100C 10ms max. 5ppm max. in first year at 25C 10ps typical Enable/Disable function is standard for XO32. Output (Pad 3) is active if Pad 1 is not connected or Pad 1 is 'HIGH'. Output is high impedance when 'LOW' or GROUND is applied to Pad 1. 8mm tape, 178mm reel, 1k pieces
SOLDER TEMPERATURE PROFILE
Packaging:
Note: Parameters are measured at ambient temperature of 25C, supply voltage as stated and a load of 15pF
CURRENT CONSUMPTION Supply Voltage 1.8 Volts Frequency Range Current Consumption* 1.0~1.5MHz 1.5~20MHz 20~50MHz 50MHz+ 0.3~1.5MHz 1.5~20MHz 20~50MHz 50MHz+ 0.3~1.5MHz 1.5~20MHz 20~50MHz 50MHz+ 5mA 8mA 15mA 22mA 5mA 8mA 15mA 25mA 5mA 8mA 15mA 35mA
PART NUMBERING Example:
20.000MHz XO32050UCTA
2.5 Volts
3.3 Volts
* Current consumption quoted is maximum
Frequency Series Designation XO32 Stability* 100 = 100ppm 50 = 50ppm 25 = 25ppm Output Universal Operating Temp. Range C = Commercial I = Industrial Tristate Function Supply Voltage A = 3.3 Volts B = 2.5 Volts C = 1.8 Volts * For other stability requirements enter figure required.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 20000XO32050UCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X