Part Number Hot Search : 
IM43GR SU16KRTG IM43GR MBRF545 1200100 GBU1008 SC869110 2SA1805R
Product Description
Full Text Search
 

To Download 1SV251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PIN Diode for VHF, UHF, AGC Applications 1SV251
Diodes
SOT-23
Unit: mm
Small-sized package facilitates high-density mounting
+0.1 2.4-0.1
and permits 1SV251-applied equipment to be made smaller. Small interterminal capacitance (C=0.23pF typ). Small forward series resistance (rs=4.5 max).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
+0.1 2.9-0.1 +0.1 0.4-0.1
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute M axim um Ratings Ta = 25
Param eter Reverse voltage Forward current Allowable power dissipation Junction tem perature Storage tem perature Sym bol VR IF P Tj Tstg Value 50 50 150 125 -55 to +125 Unit V mA mW
Electrical Characteristics Ta = 25
Parameter Reverse voltage Reverse current Forward Voltage Interterminal Capacitance Series Resistance Symbol VR IR VF C rs Conditions IR = 10 A Min 50 0.1 0.92 0.23 4.5 Typ Max Unit V A V pF
VR = 50 V IF = 50 mA VR = 50 V, f = 1 MHz IF = 10 mA, f = 100MHZ
Note:The specifications shown above are for each individual diode.
Marking
Marking GV
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SV251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X