Part Number Hot Search : 
YT396J 020A0 GMZ33 1761B BU4911 C2020T C230M3 APTGT1
Product Description
Full Text Search
 

To Download 1812SDF-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Square Drum Ferrite-core Inductors--1812SDF series
A. Electrical specifications:
Part No.
1812SDF-1R0 1812SDF-1R5 1812SDF-2R2 1812SDF-3R3 1812SDF-4R7 1812SDF-6R8 1812SDF-100 1812SDF-150 1812SDF-220 1812SDF-330 1812SDF-470 1812SDF-680 1812SDF-101 1812SDF-151 1812SDF-221 1812SDF-331 1812SDF-471
Mark
1R0 1R5 2R2 3R3 4R7 6R8 100 150 220 330 470 680 101 151 221 331 471
L (uH)
1.00 1.50 2.20 3.30 4.70 6.80 10.0 15.0 22.0 33.0 47.0 68.0 100 150 220 330 470
Tolerance
M M M M M, K M, K K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J
Test Freq.
1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms 1.0 MHz/1.0V rms
SRF Min (MHz)
100 85.0 60.0 47.0 35.0 30.0 23.0 20.0 15.0 12.0 10.0 8.4 6.8 5.5 4.5 3.6 3.0
DCR () 40%
0.08 0.09 0.11 0.13 0.15 0.20 0.24 0.32 0.60 1.00 1.10 1.07 2.20 3.50 4.00 6.80 8.50
IDC Max. (A)
1.080 1.000 0.900 0.800 0.750 0.720 0.650 0.570 0.420 0.310 0.280 0.220 0.190 0.130 0.110 0.100 0.090
B. Mechanical dimensions: (Unit: mm)
SERIES
1812SDF
A
4.5 0.30
B
3.2 0.30
C
2.6 0.30
D
1.0 (Min.)
E
1.0 (Min.)
F
4.0 Ref.
Type
2
Type: 2
C. Feature:
1. 2. 3. 4. 5. 6. 7. 8. 9. Tolerance: J = 5%, K = 10%, M = 20%. Operating temperature: -25C TO +85C. Electrical specifications at +25C. Inductance measured on the HP4284A LCR meter DCR measured on the 502BC milli-ohm meter. Inductance drops no more than 10% at rated current. Temperature rises t < 20C (Typical) at rated current. Suitable for IR re-flows soldering; Tape and reel packing. Murata P/N LQH43CN series compatible.
10. RoHS compliant.
D. Applications:
Power supply line choke. DC-DC Converters. Notebooks. Filters. Telecommunications devices.
Special specifications are available for customer's requirement.
SMD Power Choke: P/N 1812SDF series Jan. 01, 2006. Page: 1 of 1


▲Up To Search▲   

 
Price & Availability of 1812SDF-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X