Part Number Hot Search : 
2SB1143 2SK35 VND1NV04 UDZ15B 80C51 MC340 PAM2845 BA7815
Product Description
Full Text Search
 

To Download 16000XO91050UCTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Miniature 7.0 x 5.0 x 1.4mm hermetically-sealed package Frequency Range 500kHz to 125MHz Tristate (Enable/Disable) function as standard Supply voltage range 1.8, 2.5, 3.3 or 5.0 Volts
XO91 Series Oscillators
7 x 5mm SMD HCMOS
Page 1 of 2
OUTLINE & DIMENSIONS
DESCRIPTION XO91miniature oscillators consist of a TTL/CMOS-compatible hybrid circuit together with a miniature quartz crystal packaged in a lowprofile, industry-standard ceramic package. The high quality design and materials employed provide a highly reliable clock oscillator in a miniature package while mass production methods ensure that the XO91 provides a cost-effective oscillator solution. SPECIFICATION Frequency Range: Supply Voltage: Output Logic: Frequency Stability* Temperature Range 0 to +50C: -20 to +70C: -40 to +85C: -55 to +105C: Rise/Fall Time: Output Voltage: HIGH `1': LOW `0': Output Load CMOS: TTL: Duty Cycle: Supply Current: Operating Temperature 500kHz to 125.0MHz 1.8, 2.5, 3.3 or 5.0 Volts 10% HCMOS/LSTTL Stability from 10ppm from 15ppm from 25ppm from 100ppm see table 90%Vdd minimum 10%Vdd maximum 15pF (50pF available) 10 LSTTL loads 50%5% typical See table 0~50C (Light Commercial) 0~70C (Commercial) -40~+85 (Industrial) -55~+105C (Military) -55~+105C 5ms max. 10ms max. (to reach 90% amplitude at 252C) 5ppm max. In first year <1ps typical 100ms max. 100ns max.
Storage Temperature: Startup Time 500kHz to 32MHz: 32MHz+ to 125MHz:
SOLDER TEMPERATURE PROFILE
Ageing: Phase Jitter RMS: Enable Time: Disable Time: Tristate Function (Pad 1): Output (Pad 3) is active if Pad 1 is not connected or a voltage to Pad 1 is 'HIGH'. Output is high impedance when 'LOW' or GROUND is applied to Pad 1. * Frequency stability is inclusive of calibration tolerance at 25C, frequency change due to shock & vibration, 10 supply voltage variation and stability over temperature range. Note: Parameters are measured at ambient temperature of 25C, supply voltage as stated and a load of 15pF
CURRENT CONSUMPTION & RISE/FALL TIME Frequency Range 500kHz to 32MHz 32MHz+ to 50MHz 40MHz+ to 125MHz Supply Voltage (10%) +1.8V 8mA 10mA 25mA +2.5V +3.3V +5.0V 10mA 14mA 30mA 15mA 25mA 16.5mA 35mA 35mA 40mA Rise/Fall Time 4ns max. 3ns max. 2ns max.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
EURO QUARTZ
XO91 Series Oscillators
7 x 5mm SMD HCMOS
Page 2 of 2
ENVIRONMENTAL PERFORMANCE SPECIFICATION RoHS Status: Storage Temperature Range: Humidity: Hermetic Seal: Solderability: Reflow: Vibration: Shock: Compliant -50 to +100C 85% RH, 85C for 48 hours Leak rate 2x10-8 ATM -cm3/s max. MIL-STD-202F Method 208E 260C for 10 sec (see diagram) MIL-STD-202F Method 204, 35g, 50 to 2000Hz MIL-STD-202F Method 213B, test Condition E, 1000g 1/2 sinewave
PART NUMBERING Example:
16.000MHz XO91050UCTA
Frequency Series Designation XO91 Stability* 100 = 100ppm 50 = 50ppm 25 = 25ppm Output Universal Operating Temp. Range C = 0+70C D = -20~+70C I = -40~+85C M = -55~+105C Tristate Function Supply Voltage Blank = 5.0 Volts A = 3.3 Volts B = 2.5 Volts C = 1.8 Volts * For other stability requirements enter figure required.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 16000XO91050UCTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X