Part Number Hot Search : 
UC3842 K3595 DG901 10040 EDZ33 SCS402D EDZ33 11SRWA
Product Description
Full Text Search
 

To Download 1210SDF-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Square Drum Ferrite-core Inductors--1210SDF series
A. Electrical specifications:
Part No. 1210SDF-1R0 1210SDF-2R2 1210SDF-4R7 1210SDF-100 1210SDF-150 1210SDF-220 1210SDF-470 1210SDF-101 1210SDF-221 1210SDF-331 1210SDF-391 1210SDF-471 1210SDF-561 Mark 1R0 2R2 4R7 100 150 220 470 101 221 331 391 471 561 L (uH) 1.0 2.2 4.7 10 15 22 47 100 220 330 390 470 560 Tolerance
M M M, K M, K M, K M, K K, J K, J K, J K, J K, J K, J K, J Test Freq. (@ 0.1V rms.) SRF Min (MHz) DCR Max. () IDC Max. (mA)
100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz 100 KHz
180.0 170.0 98.0 77.0 64.0 32.0 24.0 18.0 11.0 10.5 9.0 7.5 5.5
0.078 0.126 0.195 0.572 0.754 0.923 2.20 4.55 10.92 13.00 22.10 24.70 28.60
1000 790 650 450 300 250 170 100 70 60 60 60 60
B. Mechanical dimensions: (Unit: mm)
SERIES
1210SDF
A
3.2 0.30
B
2.5 0.20
C
2.0 0.25
D
1.3 0.20
E
0.9 0.30
F
2.3 Ref.
Type
2
Type 2
C. Feature:
1. 2. 3. 4. 5. 6. 7. 8. 9. Tolerance: J = 5%, K = 10%, M = 20%. Operating temperature: -25C TO +85C. Electrical specifications at +25C. Inductance measured on the HP4284A LCR meter. DCR measured on the 502BC milli-ohm meter. Inductance drops no more than 10% at rated I sat. Temperature rises t < 15C (Typical) at rated I rms. Suitable for IR re-flows soldering. Tape and reel packing.
10. Murata P/N LQH32CN_53 series compatible.
11. RoHS compliant.
D. Applications:
Power supply line choke. DC-DC Converters. Notebooks. Filters. Telecommunications devices.
Special specifications are available for customer's requirement.
SMD Power Choke: P/N 1210SDF series Rev. A Jan. 01, 2006. Page: 1 of 1


▲Up To Search▲   

 
Price & Availability of 1210SDF-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X