Part Number Hot Search : 
SK35G FC2187 15EF1F GRM033 F170LT1G 21000 AN7224 IRF7752
Product Description
Full Text Search
 

To Download 0402TF1N0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
A. Electrical specifications:
Part No.
0402TFN20 0402TFN40 0402TFN80 0402TF1N0 0402TF1N2 0402TF1N5 0402TF1N6 0402TF1N6 0402TF2N0 0402TF2N2 0402TF2N5 0402TF2N7 0402TF3N1 0402TF3N3 0402TF3N6 0402TF3N9 0402TF4N7 0402TF5N6 0402TF5N9 0402TF6N8 0402TF7N2 0402TF8N0 0402TF8N2 0402TF9N1 0402TF10N 0402TF12N 0402TF13N8 0402TF15N 0402TF17N 0402TF18N 0402TF20N8 0402TF22N 0402TF27N 0402TF33N
L (nH)
0.2 0.4 0.8 1.0 1.2 1.5 1.6 1.8 2.0 2.2 2.5 2.7 3.1 3.3 3.6 3.9 4.7 5.6 5.9 6.8 7.2 8.0 8.2 9.1 10.0 12.0 13.8 15.0 17.0 18.0 20.8 22.0 27.0 33.0
Tolerance (% or nH)
B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S B, C, S J, H, G, F J, H, G, F J, H, G, F J, H, G, F J, H, G, F J, H, G, F J, H, G, F J, H, G, F J, H, G, F J
Q (Min)
13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz 13/500MHz
SRF (min) (GHz)
14 14 14 12 12 10 10 10 8.0 8.0 8.0 8.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0. 6.0 5.5 5.5 5.5 4.5 3.7 3.7 3.3 3.1 3.1 2.8 2.8 2.5 2.5
DCR () (Max)
0.10 0.10 0.15 0.15 0.15 0.25 0.25 0.25 0.35 0.35 0.35 0.35 0.45 0.45 0.55 0.55 0.65 0.85 0.85 1.05 1.05 1.25 1.25 1.25 1.35 1.55 1.75 1.75 1.95 2.15 2.55 2.65 3.25 4.50
I rms. (mA)
800 800 700 700 700 700 560 560 560 440 440 440 380 380 380 340 320 280 280 260 260 220 220 220 200 180 180 130 100 100 90 90 75 75
Parts are RoHS compliant.
SMD Thin Film Chip Inductor: P/N 0402TF-series Rev. C July. 05, 2008. Page: 1 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
B. Mechanical Dimensions: (Unit: mm)
SERIES 0402TF A (Max.) 1.0 0.05 B (Max.) 0.5 0.05 C (Max.) 0.32 0.05 D (Max.) 0.20 0.10
C. Part Number:
D. General information:
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. * 13. Tolerance: J: 5%, H: 3%, G: 2%, F: 1%. And B: 0.1nH, C: 0.2nH, S: 0.3nH. A Photo Lithographic Single Layer Ceramic Chip. High SRF, Excellent Q, Superior Temperature Stability Tight Tolerance of 1% or 0.1nH Stable Inductance in High Frequency Circuit For 15C Temperature Rise at 25C ambient. Inductance & Q measured using the HP4286A and Agilent 16196B. SRF measured using the HP8720D or HP8753E. DCR measured using the 502BC. Operating temperature: -40C TO +125C. Storage Temperature: 25C 3C; Humidity < 80%RH Inductance Range: 0402TF (thin Film) Series: 0.20nH (800mA)33.0nH(75mA). SRF from 14GHz to 2.5GHz.
RoHS compliant.
D. Applications:
Cellular-phone, Pagers and GPS Products. VCO, TCXO Circuit and RF Transceiver Module. Wireless LAN, Bluetooth Module, Communication Appliances Hybrid.
Special specifications are available for customer's requirement.
SMD Thin Film Chip Inductor: P/N 0402TF-series Rev. C July. 05, 2008. Page: 2 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
E. Characteristic curve:
0402TFN20B 0402TFN40B
0402TFN80B
0402TF1N0B
0402TF1N2B
0402TF1N5B
0402TF1N6B
0402TF1N8B
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 3 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
E. Characteristic curve:
0402TF2N0B 0402TF2N2B
0402TF2N5B / 0402TF2N7B
0402TF3N1B
0402TF3N3B
0402TF3N6B
0402TF3N9B
0402TF4N7B
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 4 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
E. Characteristic curve:
0402TF5N6B 0402TF5N9B
0402TF6N8B
0402TF7N2B
0402TF8N0B
0402TF8N2B
0402TF9N1B
0402TF10NG
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 5 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
E. Characteristic curve:
0402TF12NG
0402TF13N8G
0402TF17NG
0402TF15NG
0402TF20N8G
0402TF18NG
0402TF27NG
0402TF22NG
0402TF33NJ
SMD Thin Film Chip Inductor:
P/N 0402TF-series
Rev. C
July. 05, 2008. Page: 6 of 7
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Thin Film (Ceramic) Chip Inductors--0402TF series
F. Reel Specification:
A
178 1
B
60.2 0.5
C
W
T
Quantity
10,000 PCS
130. 0.50 13.2 1.50 16.0 0.20
G. Paper Tape Specification:
A
0.67 0.03
B
1.15 0.03
W
8.00 0.10
E
1.75 0.05
F
3.50 0.05
Po
4.00 0.10
P1
2.00 0.05
P2
1.45 0.05
Do
1.5 0.03
T
0.40 0.03
Tape & Reel Storage Temperature: 25C 3C, Humidity: < 80% RH.
H. Environmental Characteristics:
ITEM 1 2 3 4 5 6 7 8 9 Bending Test Dielectric Withstand Voltage Insulation Resistance Resistance to Soldering Heat High Temperature Exposure Moisture Resistance Low Temperature Storage Temperature Cycle Solder-ability Specification As SPEC. >100V >1000M 10% 10% 10% 10% 10% 95% min coverage P/N 0402TF-series Test Method JIS-C-5202-6.1.4 Bending Amplitude 3mm for 10 seconds MIL-STD-202F Method 301. Apply 100VA (rms) for 1minute. MIL-STD-202F Method 302 Apply 100VDC for 1minute. MIL-STD-202F Method 210E 260C 5C, 101seconds JIS-C-5202-7.2 85C 2C, 1000 +48/-0 hours MIL-STD-202F Method 103B 40C 2C, 90~95%RH, 1000 +48/-0 hours JIS-C-5202-7.1 -40C 3C, 1000 +48/-0 hours JIS-C-5202-7.4 -40/RT/85/RT, 10 cycles MIL-STD-202F Method 208H 245C 5C, 2 0.5(sec) Rev. C July. 05, 2008. Page: 7 of 7
SMD Thin Film Chip Inductor:


▲Up To Search▲   

 
Price & Availability of 0402TF1N0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X