Part Number Hot Search : 
DTA114Y DT8C02 148W06 MIC3002 SE20FJ 5C100 CY8C20 SH7020
Product Description
Full Text Search
 

To Download ZM2CY53W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZM2CY53W-1
1.6X0.8mm SMD CHIP LED LAMP
PRELIMINARY SPEC Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg M2CY (AlInGaP) 5 30 140 84 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CY (AlInGaP) 2.3 2.8 10
Unit V mA mA mW C
Unit V V uA
P
590
nm
D
589
nm
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 297
Wavelength nm P
Viewing Angle 2 1/2
ZM2CY53W-1
Yellow
AlInGaP
Water Clear
110
590
120
Published Date : FEB 23,2008
Drawing No :SDSA6195
V1
Checked : B.L.LIU
P.1/4
Part Number:
www.SunLED.com
ZM2CY53W-1
1.6X0.8mm SMD CHIP LED LAMP
M2CY
Published Date : FEB 23,2008
Drawing No :SDSA6195
V1
Checked : B.L.LIU
P.2/4
Part Number:
www.SunLED.com
ZM2CY53W-1
1.6X0.8mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm;Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 23,2008
Drawing No :SDSA6195
V1
Checked : B.L.LIU
P.3/4
Part Number:
www.SunLED.com
ZM2CY53W-1
1.6X0.8mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZM2CY53W-1
Published Date : FEB 23,2008
Drawing No :SDSA6195
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZM2CY53W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X