Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download ZM2CR60W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZM2CR60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
PRELIMINARY SPEC Features
3.0mmx1.5mm SMT LED,1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.20(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 30 150 84 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA
P
640
nm
D
630
nm
25
nm
C
27
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 2690
Wavelength nm P
Viewing Angle 2 1/2
ZM2CR60W
Red
AlInGaP
Water Clear
1500
640
70
Published Date : FEB 23, 2008
Drawing No : SDSA6269
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZM2CR60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
M2CR
Published Date : FEB 23, 2008
Drawing No : SDSA6269
V1
Checked : B.L.LIU
P.2/4
Part Number:
ZM2CR60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 23, 2008 Drawing No : SDSA6269 V1 Checked : B.L.LIU P.3/4
Part Number:
ZM2CR60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZM2CR60W
Published Date : FEB 23, 2008
Drawing No : SDSA6269
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZM2CR60W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X