Part Number Hot Search : 
S1500 YX8018 VHCXXXX MT9044 ANTX2 LTC1841 3105V MC14557
Product Description
Full Text Search
 

To Download Y162412K7560AR9R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 0.05 ppm/C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of 0.005 % (50 ppm)
FEATURES
* Temperature coefficient of resistance (TCR): 0.05 ppm/C typical (0 C to + 60 C) Pb-free 0.2 ppm/C typical (- 55 C to + 125 C, + 25 C ref.) Available * Tolerance: to 0.01 % RoHS* * Power coefficient "R due to self heating": COMPLIANT 5 ppm at rated power * Power rating: to 750 mW at + 70 C * Load life stability: to 0.005 % at 70 C, 2000 h at rated power * Resistance range: 10 to 150 k (for higher and lower values, please contact us) * Fast thermal stabilization < 1 s * Electrostatic discharge (ESD) above 25 000 V * Short time overload: 0.005 % * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: - 42 dB * Voltage coefficient < 0.1 ppm/V * Non inductive: < 0.08 H * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Matched sets are available on request * Any value available within resistance range (e.g. 1K2345) * Screening per EEE-INST-002 is available for military and space * Prototype samples available from 48 h. For more information, please contact foil@vishay.com * For better performances please contact us
Top View
Any value at any tolerance within resistance range
INTRODUCTION
VSMP Series is the industry's first device to provide High Rated power, Excellent load life stability along with extremely low TCR all in one resistor. One of the most important parameters influencing stability is the Temperature Coefficient of Resistance (TCR). Although the TCR of foil resistors is considered extremely low, this characteristic has been further refined over the years. The VSMP Series utilizes ultra high precision Bulk Metal(R) Z-Foil. The Z-Foil technology provides a significant reduction of the resistive element's sensitivity to ambient temperature variations (TCR) and to self heating when power is applied (power coefficient). Along with the inherently low PCR and TCR, Z-Foil technology also provides remarkably improved load life stability, low noise and availability of tight tolerance. The VSMP has a full wraparound termination which ensures safe handling during the manufacturing process, as well as providing stability during multiple thermal cyclings. Our Application Engineering Department is available to advise and make recommendations. For non-standard technical requirements and special applications, please contact us using the e-mail address in the footer below.
APPLICATIONS
* * * * * * * * * * * Automatic test equipment (ATE) High precision instrumentation Laboratory, industrial and medical Audio EB applications (electron beam scanning and recording equipment, electron microscopes) Military and space Satellite Commercial aviation Airborne Down hole instrumentation Communication
TABLE 1 - TOLERANCE AND TCR VS. RESISTANCE VALUE1) (- 55 C to + 125 C, + 25 C Ref.)
RESISTANCE VALUE () 250 to 150K 100 to < 250 50 to < 100 25 to < 50 10 to < 25 TOLERANCE (%) 0.01 0.02 0.05 0.1 0.25 TYPICAL TCR AND MAX. SPREAD (ppm/C) 0.2 1.8 0.2 1.8 0.2 2.8 0.2 3.8 0.2 3.8
FIGURE 1 - POWER DERATING CURVE
Percent of Rated Power
- 55 C
100 75 50 25 0 - 75
+ 70 C
Note 1. For tighter performances, please contact Vishay Application Engineering using the e-mail addresses in the footer below. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63060 Revision: 18-Sep-08
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175
Ambient Temperature (C)
For any questions, contact: foil@vishay.com
www.vishay.com 1
VSMP Series (0805, 1206, 1506, 2010,
Vishay Foil Resistors
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 0.05 ppm/C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of 0.005 % (50 ppm)
FIGURE 3 -TYPICAL TCR CURVE Z-FOIL
+ 500 + 400 + 300 + 200
FIGURE 2 - TRIMMING TO VALUES (Conceptual Illustration)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
+ 100 R 0 R (ppm) - 100 - 200 - 300 - 400 - 500 - 55 - 25 0 - 0.16 ppm/C
0.05 ppm/C - 0.1 ppm/C 0.1 ppm/C 0.14 ppm/C 0.2 ppm/C + 25 + 60 + 75 + 100 + 125
Mutual Inductance Reduction due to Change in Current Direction
Ambient Temperature (C)
Note: Foil shown in black, etched spaces in white
Note * The TCR values for < 100 are influenced by the termination composition and result in deviation from this curve.
TABLE 2 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
Top View L X T D
CHIP SIZE 0805 1206 1506 2010 2512 L 0.005 (0.13) 0.080 (2.03) 0.126 (3.20) 0.150 (3.81) 0.198 (5.03) 0.249 (6.32) W 0.005 (0.13) 0.050 (1.27) 0.062 (1.57) 0.062 (1.57) 0.097 (2.46) 0.127 (3.23) THICKNESS MAXIMUM 0.025 (0.64) 0.025 (0.64) 0.025 (0.64) 0.025 (0.64) 0.025 (0.64) D 0.005 (0.13) 0.015 (0.38) 0.020 (0.51) 0.020 (0.51) 0.025 (0.64) 0.032 (0.81) Z1) MAXIMUM 0.122 (3.10) 0.175 (4.45) 0.199 (5.05) 0.247 (6.27) 0.291 (7.39) G1) MINIMUM 0.028 (0.71) 0.059 (1.50) 0.083 (2.11) 0.115 (2.92) 0.150 (3.81) X1) MAXIMUM 0.050 (1.27) 0.071 (1.80) 0.071 (1.80) 0.103 (2.62) 0.127 (3.23)
Recommended Land Pattern
Footprint
W
G Z
Note 1. Land Pattern Dimensions are per IPC-7351A
TABLE 3 - SPECIFICATIONS
CHIP SIZE 0805 1206 1506 2010 2512 RATED POWER (mW) at + 70 C 200 300 300 500 750 MAX VOLTAGE RATING ( P x R ) 49 V 95 V 110 V 200 V 220 V RESISTANCE RANGE () 10 to 12K 10 to 30K 10 to 40K 10 to 100K 10 to 150K MAXIMUM WEIGHT (mg) 6 11 12 27 40
TABLE 4 - LOAD LIFE STABILITY (+ 70 C for 2000 h)
CHIP SIZE 0805 1206, 1506 2010 2512 MAXIMUM R LIMITS 0.005 % at 100 mW 0.01 % at 200 mW 0.005 % at 150 mW 0.01 % at 300 mW 0.005 % at 200 mW 0.01 % at 500 mW 0.005 % at 500 mW 0.01 % at 750 mW
TABLE 5 - PERFORMANCES
TEST OR CONDITIONS Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Soldering Heat Moisture Resistance Load Life Stability + 70 C for 2000 h at Rated Power Note 1. As shown + 0.01 to allow for measurement errors at low values. www.vishay.com 2 MIL-PRF-55342 CHARACTERISTIC E R LIMITS 0.1 % 0.1 % 0.1 % 0.1 % 0.2 % 0.2 % 0.5 % TYPICAL R LIMITS 0.005 % (50 ppm) 0.005 % (50 ppm) 0.005 % (50 ppm) 0.01 % (100 ppm) 0.005 % (50 ppm) 0.005 % (50 ppm) 0.005 % (50 ppm) MAXIMUM R LIMITS1) 0.01 % (100 ppm) 0.01 % (100 ppm) 0.01 % (100 ppm) 0.02 % (200 ppm) 0.01 % (100 ppm) 0.02 % (200 ppm) 0.01 % (100 ppm)
For any questions, contact: foil@vishay.com
Document Number: 63060 Revision: 18-Sep-08
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Ultra High Precision Foil Wraparound Surface Mount Chip Vishay Foil Resistors Resistor with TCR of 0.05 ppm/C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of 0.005 % (50 ppm)
FIGURE 4 - RECOMMENDED MOUNTING1)2)3) TABLE 6 - SPACE AND MILITARY SPECIFICATIONS
MODEL
25 % to 85 % of T A low profile solder fillet is recommended to avoid unnecessary stresses along top edge of metallization. IR and vapor phase reflow are best.
EEE-INST-002
DSCC 07024 07025 03010 06001 06002
MIL-PRF
VSMP0805 VSMP1206 VSMP1506
55342
Notes 1. Avoid the use of cleaning agents which could attack epoxy resins, which form part of the resistor construction 2. Vacuum pick up is recommended for handling 3. Soldering iron may damage the resistor
VSMP2010 VSMP2512
TABLE 7 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y162612K7560T9R (preferred part number format) DENOTES PRECISION Y VALUE R= K = k AER* 0 = standard 9 = lead (Pb)-free 1 - 999 = custom
Y
1
6
2
6
1
2
K
7
5
6
0
T
9
R
PRODUCT CODE 1624 = VSMP0805 1625 = VSMP1206 1626 = VSMP1506 1627 = VSMP2010 1628 = VSMP2512
RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.10 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING R = tape and reel W = waffle pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1626 12K7560 T 9 R: TYPE: VSMP1506 VALUES: 12.7560 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: tape and reel HISTORICAL PART NUMBER: VSMP1506 12K756 TCR0.2 T S T (will continue to be used) VSMP1506 MODEL VSMP0805 VSMP1206 VSMP1506 VSMP2010 VSMP2512 12K756 RESISTANCE VALUE 12.756 k TCR0.2 TCR CHARACTERISTICS T TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.10 % C = 0.25 % D = 0.5 % F = 1.0 % S TERMINATION S = lead (Pb)-free B = tin/lead T PACKAGING T = tape and reel W = waffle pack
Note * For non-standard requests, please contact application engineering.
Document Number: 63060 Revision: 18-Sep-08
For any questions, contact: foil@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y162412K7560AR9R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X