Part Number Hot Search : 
80A18 HD404389 100DP CJ7806FH S1501 Z11VCW MG200MHI T940004
Product Description
Full Text Search
 

To Download Y09255R0000A0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VPR220, VPR221
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR of 2 ppm/C, Tolerance of to 0.01 % and Power Rating to 8 W
FEATURES
* Temperature Coefficient of Resistance (TCR): Pb-free 2 ppm/C typical (- 55 C to + 125 C, Available + 25 C Ref.) RoHS* * Tolerance: to 0.01 % (see tables 1 and 2) COMPLIANT * Electrostatic Discharge (ESD): above 25 000 V * Load Life Stability: 0.005 % (25 C, 2000 hours at Rated Power) * Resistance Range: 0.5 to 10 k * Power Rating: 8 W chassis mounted (per MIL-PRF-39009) * Non Inductive, Non Capacitive Design * Rise Time: 1 ns without ringing * Current Noise: < - 40 dB * Voltage Coefficient: < 0.1 ppm/V * Non Inductive: < 0.08 H * Non Hot Spot design * Thermal EMF: 0.05 V/C typical * Terminal Finishes Available: Lead (Pb)-free Tin/Lead Alloy * Any value available within resistance range (e.g. 1K234) * Prototype samples available from 48 hours. For more information, please contact foil@vishay.com * For better performances, please see VPR220Z and VPR221Z datasheets
Any value at any tolerance within resistance range Models VPR220 AND VPR221, made from Vishay Bulk Metal(R) Foil, offer low TCR, high stability, tight tolerance and fast response time in a small, molded resistor. Model VPR220 is a 2 lead device. Model VPR221 is a 4 lead Kelvin connected device. The 4 leaded version is highly recommended for precision applications requiring ohmic values of 100R or less.
TABLE 1 - VPR220
RESISTANCE RANGE ()1) 50 to 10K 25 to < 50 10 to < 25 5 to < 10 weight = 1 g maximum Notes 1. Lower or high values available upon request 2. - 55 C to + 125 C, + 25 C Ref. TIGHTEST TOLERANCE 0.01 % 0.02 % 0.05 % 0.1 % TYPICAL TCR2) 2 2 2 2 MAXIMUM TCR2) 5 ppm/C 7 ppm/C 10 ppm/C 13 ppm/C
I I1 E1
R E2 V I2
I
FIGURE 1 - POWER DERATING CURVE TABLE 2 - VPR221
+ 100 - 55 C
Percent of Rated Power
RESISTANCE RANGE ()1) 10 to < 500 1 to < 10 0.5 to < 1
TIGHTEST TOLERANCE 0.01 % 0.02 % 0.05 %
TYPICAL TCR2) 2 2 2
MAXIMUM TCR2) 5 ppm/C 5 ppm/C 5 ppm/C
+ 75
+ 50
+ 25
weight = 1.2 g maximum Notes 1. Lower or high values available upon request 2. - 55 C to + 125 C, + 25 C Ref.
0 - 50 - 25 0 + 25 + 50 + 75 + 100 + 125 + 150
Ambient Temperature (C)
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63012 Revision: 05-Jul-07 For any questions, contact: foil@vishay.com www.vishay.com 1
VPR220, VPR221
Vishay Foil Resistors
Bulk Metal(R) Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR of 2 ppm/C, Tolerance of to 0.01 % and Power Rating to 8 W
FIGURE 3 - TRIMMING TO VALUES (Conceptual Illustration)
FIGURE 2 - TYPICAL TCR CURVE
+ 150 + 100
R
+ 50 0 - 50
R (ppm)
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
- 100 - 150 - 200 - 50 - 55 - 25 0 + 20 + 50 + 75 + 100 + 125
2 ppm/C (+ 25 C reference)
Mutual Inductance Reduction due to Change in Current Direction
Ambient Temperature (C)
Note: Foil shown in black, etched spaces in white
TABLE 3 - SPECIFICATIONS
Load Life Stability at 2000 h 0.05 % max R under full rated power at + 25 C 8 W or 3 A1) on heat sink2) Power Rating at + 25 C 1.5 W or 3 A1) in free air Further derating not necessary Current Noise High Frequency Operation Rise time Inductance3) (L) Capacitance (C) Voltage Coefficient4) Operating Temperature Range Maximum Working Voltage Thermal EMF5) 1 ns without ringing 0.1 H maximum: 0.03 H typical 1.0 pF maximum: 0.5 pF typical < 0.1 ppm/V - 55 C to + 150 C 300 V. Not to exceed power rating 0.15 V/C maximum (lead effect)
0.200 0.030 (5.08 0.76) 0.540 0.040 (13.72 1.02) 0.030 0.002 (0.76 0.05) 0.200 0.005 (5.08 0.13) 0.078 0.005 (1.98 0.13) 0.400 0.010 (10.16 0.25) 0.245 0.010 (6.22 0.25)
VISHAY VPR220 1K0 1 % 0101
FIGURE 4 - VPR220 DIMENSIONS in inches (millimeters)
0.150 0.008 (3.81 0.2) 0.115 0.005 (2.92 0.13) 0.141 0.005 Dia (3.58 0.13) 0.050 0.005 (1.27 0.13)
0.050 0.005 (1.27 0.13) 0.615 Max (15.62)
< 0.010 V (rms)/V of applied voltage (- 40 dB)
0.015 0.002 (0.38 0.05)
FIGURE 5 - VPR221 DIMENSIONS in inches (millimeters)
0.400 0.010 (10.16 0.25) 0.150 0.008 (3.81 0.2) 0.115 0.005 (2.92 0.13)
VISHAY VPR221 1R0 1 % 0101
Notes 1. Whichever is lower 2. Heat sink chassis MIL-R-39009/1B: DIMENSION L W H T dimensions and requirements per
0.050 0.005 (1.27 0.13) 0.615 Max (15.62)
0.245 0.010 (6.22 0.25)
INCHES 6.00 4.00 2.00 0.04
mm 152.4 101.6 50.8 1.0
0.200 0.030 (5.08 0.76) 0.540 0.040 (13.72 1.02)
0.141 0.005 Dia (3.58 0.13) 0.050 0.005 (1.27 0.13) 0.030 0.002 (0.76 0.05)
0.015 0.002 (0.38 0.05)
I1 E1 E2 I2
3. Inductance (L) due mainly to the leads 4. The resolution limit of existing test equipment (within the measurement capability of the equipment, or "essentially zero") 5. V/C relates to EMF due to lead temperature difference
0.100 0.005 (2.54 0.13)
0.078 0.005 (1.98 0.13)
Surface mount versions of these products are available. See datasheets for VPR220S, VPR 221S.
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63012 Revision: 05-Jul-07
VPR220, VPR221
Bulk Metal(R) Foil Technology Precision Foil Power Vishay Foil Resistors Resistors in TO-220 Configuration with TCR of 2 ppm/C, Tolerance of to 0.01 % and Power Rating to 8 W
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y09265R00000Q9L (preferred part number format) DENOTES PRECISION Y VALUE R= K = k AER* 0 = Standard 9 = Lead (Pb)-free 1 - 999 = Custom
Y
0
9
2
6
5
R
0
0
0
0
0
Q
9
L
PRODUCT CODE 0925 = VPR220 0926 = VPR221
RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 %
PACKAGING L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0926 5R00000 Q 9 L: TYPE: VPR221 VALUE: 5.0 ABSOLUTE TOLERANCE: 0.02 % TERMINATION: Lead (Pb)-free PACKAGING: Bulk HISTORICAL PART NUMBER: VPR221T 5R0000 Q B (will continue to be used) VPR221 MODEL VPR220 VPR221 T TERMINATION T = Lead (Pb)-free None = Tin/Lead alloy 5R0000 OHMIC VALUE 5.0 Q RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 % B PACKAGING B = Bulk Pack
Note * For non-standard requests, please contact Application Engineering.
Document Number: 63012 Revision: 05-Jul-07
For any questions, contact: foil@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y09255R0000A0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X