Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
 

To Download Y070680K5000A0L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VAR (Vishay Audio Resistor)
Vishay Foil Resistors
Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of 0.2 ppm/C, Tolerance to 0.01 % and Noise < - 40 dB
FEATURES
* Temperature coefficient of resistance (TCR): - 55 C to + 125 C, 25 C ref. 0.2 ppm/C typical (see table 1) * Rated power: to 0.4 W at + 70 C * Tolerance: to 0.01 % Any value at any tolerance available within resistance range * Load life stability: to 0.01 % at 70 C, 2000 h at rated power * Resistance range: 10 to 100 k (higher or lower values of resistance are available) * Electrostatic discharge (ESD) above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient: < 0.1 ppm/V * Low inductance: < 0.08 H typical * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy
Pb-free Available
RoHS*
COMPLIANT
INTRODUCTION
The VAR, composed of Vishay's Bulk Metal(R) Z-foil technology, with improved sound quality, provides a combination of low noise and low inductance/capacitance, making it unrivalled for applications requiring low noise and distortion-free properties. While the regular foil resistors are already widely acknowledged as the leading resistors for audio applications, the special "naked Z-foil resistor" design without mold or encapsulation, adds an additional dimension for reducing signal distortion and increasing clarity in signal processing. Our application engineering department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
FIGURE 1 - TYPICAL TCR CURVE Z-FOIL
+ 500 + 400 + 300 + 200 + 100 R 0 R (ppm) - 100 - 200 - 300 - 400 - 500 - 55 - 25 0 + 25 + 60 + 75 + 100 + 125 - 0.16 ppm/C
APPLICATIONS
* High precision amplifiers * High-end speaker system
0.05 ppm/C - 0.1 ppm/C 0.1 ppm/C 0.14 ppm/C 0.2 ppm/C
* High-end audio circuit * Transducer * High fidelity audio amplifier
Ambient Temperature (C)
TABLE 1 - RESISTANCE VERSUS TCR (- 55 C to + 125 C, + 25 C Ref.)
RESISTOR RESISTANCE VALUE () 100 to < 100K VAR 50 to < 100 10 to < 50 TYPICAL TCR AND MAXIMUM SPREAD (ppm/C) 0.2 1.8 0.2 2.8 0.2 3.8 TIGHTEST TOLERANCE (%) 0.01 0.01 0.02
Note: * For other values and tighter tolerances, please contact application engineering using the footer below * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63140 Revision: 12-Feb-08 For any questions, contact: foil@vishay.com www.vishay.com 1
VAR (Vishay Audio Resistor)
Vishay Foil Resistors Ultra High Precision, High Resolution Z-Foil Audio Resistor,
with TCR of 0.2 ppm/C, Tolerance to 0.01 % and Noise < - 40 dB
W
FIGURE 2 - STANDARD DIMENSIONS
L
H
This product is fragile and may be damaged if mishandled. Vishay assumes no responsibility for damage caused by improper handling.
LL Soldered PCB
Lead Material #22 AWG Round Solder Coated Copper LS
TABLE 2 - SPECIFICATIONS
RESISTANCE RANGE () MAXIMUM WORKING VOLTAGE AMBIENT POWER RATING at + 70 C at + 125 C INCHES W: 0.080 max. L: 0.250 max. H: 0.310 max. LL: 1.000 0.125 LS: 0.150 0.005 DIMENSIONS mm W: 2.03 max. L: 6.35 max. H: 7.87 max. LL: 25.4 3.18 LS: 3.81 0.13
10 to 100K
200
0.4 W
0.2 W
FIGURE 3 - POWER DERATING CURVE
200 %
FIGURE 4 - TRIMMING TO VALUES (Conceptual Illustration)
- 55 C
+ 70 C
Percent of Rated Power at + 125 C
Double Rated Power
175 % 150 % 125 % 100 % 75 % 50 % 25 % 0 - 75
Interloop Capacitance Reduction in Series
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Rated Power
Mutual Inductance Reduction due to Opposing Current in Adjacent Lines
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (C)
Note: Foil shown in black, etched spaces in white
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63140 Revision: 12-Feb-08
VAR (Vishay Audio Resistor)
Ultra High Precision, High Resolution Z-Foil Audio Resistor, Vishay Foil Resistors with TCR of 0.2 ppm/C, Tolerance to 0.01 % and Noise < - 40 dB
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y070680K5000T9L (preferred part number format) DENOTES PRECISION RESISTOR Y VALUE R= K = k AER* 0 = standard part, tin/lead termination 9 = standard part, lead (Pb)-free termination 1 - 999 = custom
Y
0
7
0
6
8
0
K
5
0
0
0
T
9
L
PRODUCT CODE 0706 = VAR
RESISTANCE TOLERANCE T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0706 80K5000 T 9 L: TYPE: VAR VALUE: 80.5 k ABSOLUTE TOLERANCE: 0.01 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack Note * Application engineering release: for non-standard requests, please contact application engineering.
Document Number: 63140 Revision: 12-Feb-08
For any questions, contact: foil@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of Y070680K5000A0L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X