Part Number Hot Search : 
ETX500T TM266DUB 2N5115TX CHV37H64 LO4135 15MQ040 CHV37H64 CHV37H64
Product Description
Full Text Search
 

To Download WMIC00150000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC
Vishay Electro-Films
Thin Film Microwave Resistor
FEATURES
* Wire bondable MICROWAVE RESISTORS
Product may not be to scale
* Small chip size: 0.020 x 0.040 inches * Microwave resistance range: 20 - 1 k * Overall resistance range: 2 to 20 k
The MIC resistor chips on alumina are designed with low shunt capacitance. Most lower value resistor geometrics are compatible with strip lines, making them ideally suited for microwave circuits. These chips are manufactured using Vishay Electro-Films (EFI) sophisticated Thin Film equipment and manufacturing technology. The MICs are 100 % electrically tested and visually inspected to MIL-STD-883.
* Alumina substrate * Low stray capacitance: < 0.2 pF * Resistor material: Tantalum nitride, self passivating * Moisture resistant * High frequency
APPLICATIONS
Vishay EFI MIC chip resistors provide excellent high-frequency response and are ideally suited for prototyping. Typical application areas are: * Amplifiers * Oscillators * Attenuators * Couplers * Filters
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES AND TOLERANCES
Tightest Standard Tolerance Available
1.0 % 25 ppm/C 50 ppm/C 100 ppm/C 200 ppm/C
PROCESS CODE CLASS H* 004 002 001 003 CLASS K* 034 032 031 033 -
MICROWAVE CLASS H* CLASS K* 017
014 016
Gold termination
2 10 20 10 k 15 k 20 k
*MIL-PRF-38534 inspection criteria
Note * Only 20 W to 1 kW are standard strip line designs for microwave applications
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER Noise, MIL-STD-202, Method 308 Moisture Resistance, MIL-STD-202, Method 106 Stability, 1000 h, + 125 C, 62 mW Operating Temperature Range Thermal Shock, MIL-STD-202, Method 107, Test Condition F High Temperature Exposure, + 150 C, 1000 h Dielectric Voltage Breakdown Insulation Resistance Operating Voltage DC Power Rating at + 70 C (Derated to Zero at 150 C) 5 x Rated Power Short-Time Overload, + 25 C, 5 s - 20 dB typ. 0.1 % max. R/R 0.2 % max. R/R - 55 C to + 125 C 0.1 % max. R/R 0.2 % max. R/R 400 V 1012 min. 100 V max. 125 mW max. 0.1 % max. R/R
www.vishay.com 92
For technical questions, contact: efi@vishay.com
Document Number: 61037 Revision: 14-Mar-08
MIC
Thin Film Microwave Resistor
Vishay Electro-Films
DIMENSIONS in inches
0.020 0.020 0.020
MICROWAVE RESISTORS
0.040
0.040
0.040
0.010
0.010
0.010
0.012 TYPICAL RANGE 2-6
0.012 TYPICAL RANGE 6.2 - 19
0.012 TYPICAL RANGE 20 - 20 k
SCHEMATIC
MECHANICAL SPECIFICATIONS in inches
PARAMETER Chip Size Chip Thickness Chip Substrate Material Resistor Material Bonding Pad Size Number of Pads Pad Material Backing Options: 0.020 x 0.040 0.003 (0.5 x 1.0 0.076 mm) 0.010 0.002 (0.254 0.05 mm)
IMPEDANCE ()
IMPEDANCE VS FREQUENCY 50 , 20 x 40 MIL SIZE
50.40 50.30 50.20 50.10 50.00 49.90 49.80 49.70 49.60 0.00 E + 00 5.00 E + 08 1.00 E + 09 1.50 E + 0.9 2.00 E + 09 2.50 E + 09 3.00 E + 09 3.50 E + 09 FREQUENCY (Hz)
99.6 % alumina, 2 - 4 microinch finish Tantalum nitride, self passivating 0.010 x 0.012 (0.254 x 0.30 mm) minimum 2 25 kA minimum gold standard None
Terminations: Aluminum, nickel solder (62/32/2) Gold back for solder die attach Contact Applications Engineer
ORDERING INFORMATION
Example: 100 % visualled, 50 , 10 %, 100 ppm/C TCR, gold pads, class H visual inspection W INSPECTION/ PACKAGING W = 100 % visually inspected parts in matrix trays per MIL-STD-883 X = Sample, visually inspected parts loaded in matrix trays (4 % AQL) MIC PRODUCT FAMILY 001 PROCESS CODE 5000 RESISTANCE VALUE Use first 4 digits significant digits of the resistance B MULTIPLIER CODE B = 0.01 A = 0.1 0=1 1 = 10 2 = 100 K TOLERANCE CODE F = 1.0 % G = 2.0 % H = 2.5 % J = 5.0 % K = 10 %
Document Number: 61037 Revision: 14-Mar-08
For technical questions, contact: efi@vishay.com
www.vishay.com 93
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of WMIC00150000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X