Part Number Hot Search : 
M61538FP 20N10 SM7744M MC10E175 ANTX2 2SK14 1N4936 G40N60A4
Product Description
Full Text Search
 

To Download VJ1808A100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VJ OMD - C0G (NP0)
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
FEATURES
* Surface mountable. Precious metal technology, wet build process * OMD-Cap (Open Mode Design) reduce the risk of shorts or low IR because of board flex cracks
RoHS
COMPLIANT
* High frequency filtering for switching power supplies * Available with 100 % voltage condition, process code "5H" is available for 630 V and lower. Contact mlcc.specials@vishay.com for higher voltages * Available with polymer termination for increase resistance to board flex cracking * Protective surface coating high voltage capacitors maybe required to prevent surface arcing.
APPLICATIONS
* Input filter capacitors * Output filter capacitors * Snubber capacitors reduce MOSFET voltage spikes * Lighting Ballasts
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise stated. Protective surface coating of high voltage capacitors maybe required to prevent surface arcing.
Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA 200 Vdc: DWV at 250 % of rated voltage 500 Vdc: DWV at 200 % of rated voltage 630 Vdc: DWV at 150 % of rated voltage 1000 Vdc: DWV at 150 % of rated voltage 1500 Vdc: DWV at 120 % of rated voltage 2000 Vdc: DWV at 120 % of rated voltage 3000 Vdc: DWV at 120 % of rated voltage
Operating Temperature: - 55 C to + 125 C Capacitance Range: 10 pF to 47 nF Voltage Rating: 50 Vdc to 3000 Vdc Temperature Coefficient of Capacitance (TCC): C0G: 0 30 ppm/C from - 55 C to + 125 C Aging Rate: 0 % maximum per decade Dissipation Factor: 0.1 % max. at 1.0 Vrms and 1 MHz for values 1000 pF 0.1 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less
www.vishay.com 90
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047 Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitor Solutions Vishay Vitramon for Boardflex Sensitive Applications
DIMENSIONS in inches [millimeters]
L
W
T MAX. P
PART ORDERING NUMBER VJ1206 VJ1210 VJ1808 VJ1812 VJ1825 VJ2220 VJ2225
LENGTH (L) 0.126 0.008 [3.20 0.20] 0.126 0.008 [3.20 0.20] 0.180 0.010 [4.57 0.25] 0.177 0.010 [4.50 0.25] 0.177 0.010 [4.50 0.25] 0.220 0.008 [5.59 0.20] 0.220 0.010 [5.59 0.25]
WIDTH (W) 0.063 0.008 [1.60 0.20] 0.098 0.008 [2.50 0.20] 0.080 0.010 [2.03 0.25] 0.126 0.008 [3.20 0.20] 0.252 0.010 [6.40 0.25] 0.200 0.008 [5.08 0.20] 0.250 0.010 [6.35 0.25]
MAXIMUM THICKNESS (T) 0.067 [1.70] 0.067 [1.70] 0.086 [2.18] 0.086 [2.18] 0.086 [2.18] 0.086 [2.18] 0.086 [2.18]
TERMINATION PAD (P) MINIMUM 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] MAXIMUM 0.028 [0.71] 0.028 [0.71] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76]
ORDERING INFORMATION
VJ1206 CASE SIZE 1206 1210 1808 1812 1825 2220 2225 A = C0G (NP0) A DIELECTRIC 101 CODE Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. Example: 101= 100 pF J TOLERANCE F=1% G=2% H=3% J=5% K = 10 % M = 20 % X = Ni barrier 100 %Tin plate matte finish F = AgPd B = Polymer 100 % Tinplate matte finish X TERMINATION B DC VOLTAGE RATING (1) A = 50 V B = 100 V C = 200 V E = 500 V L = 630 V G = 1000 V R = 1500 V F = 2000 V H = 3000 V Notes: (1) DC voltage rating should not be exceeded in application (2) Process code with 2 digits has to be added * Polymer plus termination "B" termination part number code length dimensions positive tolerances (including bandwidth) above are allowed to increase by the following amounts. 1206 and smaller case sizes: Length 0.002" (0.05 mm) 1210 and larger case sizes: Length 0.004" (0.1 mm) A = Unmarked T = 7" Reels R = 11 1/4" Reels B = Bulk W = Waffle tray A MARKING T PACKAGING ## (2) PROCESS CODE 4X = OMD Cap 5H = OMD Cap 100 % Voltage condition CAPACITANCE CAPACITANCE
Document Number: 45047 Revision: 20-Aug-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 91
VJ OMD - C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
OMD - C0G (NP0) CAPACITANCE RANGE
EIA CODE VOLTAGE (Vdc) CAP. CODE CAP. * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * 50 VJ1206 (1) VJ1210 (1) VJ1808 (1) 100 200 500 630 1000 1500 2000 3000 100 200 500 630 1000 1500 50 100 200 500 630 1000 1500 2000 50
100 10 pF * * * * * * * * * * * * * * * 120 12 pF * * * * * * * * * * * * * * * 150 15 pF * * * * * * * * * * * * * * * 180 18 pF * * * * * * * * * * * * * * * 220 22 pF * * * * * * * * * * * * * * * 270 27 pF * * * * * * * * * * * * * * * 330 33 pF * * * * * * * * * * * * * * * 390 39 pF * * * * * * * * * * * * * * 470 47 pF * * * * * * * * * * * * * * 560 56 pF * * * * * * * * * * * * * * 680 68 pF * * * * * * * * * * * * * * 820 82 pF * * * * * * * * * * * * * * 101 100 pF * * * * * * * * * * * * * * 121 120 pF * * * * * * * * * * * * * * 151 150 pF * * * * * * * * * 181 180 pF * * * * * * * * * 221 220 pF * * * * * * * * * 271 270 pF * * * * * * * * * 331 330 pF * * * * * * * * * 391 390 pF * * * * * * * * * 471 470 pF * * * * * * * * * 561 560 pF * * * * * * * * * 681 680 pF * * * * * * * * * 821 820 pF * * * * * * * * * 102 1000 pF * * * * * * * * * 122 1200 pF * * * * * * * 152 1500 pF * * * * * * 182 1800 pF * * * * * * 222 2200 pF * * * * * * 272 2700 pF * * * * * 332 3300 pF * * * * * 392 3900 pF * * * * 472 4700 pF * * * * 562 5600 pF * 682 6800 pF * 822 8200 pF * 103 0.010 F 123 0.012 F 153 0.015 F 183 0.018 F 223 0.022 F 273 0.027 F 333 0.033 F 393 0.039 F 473 0.047 F 563 0.056 F 683 0.068 F 823 0.082 F 104 0.1 F Note: (1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
www.vishay.com 92
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047 Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitor Solutions Vishay Vitramon for Boardflex Sensitive Applications
OMD - C0G (NP0) CAPACITANCE RANGE
EIA CODE VOLTAGE (VDC) CAP. CAP. CODE 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 393 473 563 683 823 104 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 0.010 F 0.012 F 0.015 F 0.018 F 0.022 F 0.027 F 0.033 F 0.039 F 0.047 F 0.056 F 0.068 F 0.082 F 0.1 F VJ1812 (1) VJ1825 (1) VJ2220 (1) VJ2225 (1) 50 100 200 500 630 1000 1500 2000 3000 50 100 200 500 630 1000 50 100 200 500 630 1000 50 100 200 500 630 1000
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
Note: (1) See soldering recommendations within this data book, or visitwww.vishay.com/doc?45034
Document Number: 45047 Revision: 20-Aug-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 93
VJ OMD - C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
OMD - C0G (NP0) CAPACITORS - TYPICAL PARAMETERS
TEMPERATURE COEFFICIENT OF CAPACITANCE 2.0 % CAPACITANCE CHANGE INSULATION RESISTANCE ( FARADS) 1.5 1.0 0.5 0.0 - 0.5 - 1.0 - 1.5 - 2.0 - 75 - 50 - 25 0 25 50 75 100 125 TEMPERATURE C NP0 10 000
MINIMUM INSULATION RESISTANCE VS. TEMPERATURE
1000
100
10 10 25 TEMPERATURE C 100 125
AGING RATE - NP0 0.2 % CAPACITANCE CHANGE % CAPACITANCE CHANGE
VOLTAGE COEFFICIENT OF CAPACITANCE - 1000 V RATED 30 20 10 0 - 10 - 20 - 30
0.1
0.0
- 0.1
- 0.2 1 10 100 HOURS 1000 10 000
0
100 200 300
400 500
600 700
800 900 1000
DC VOLTS APPLIED
www.vishay.com 94
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047 Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitor Solutions Vishay Vitramon for Boardflex Sensitive Applications
BOARDFLEX SENSITIVE APPLICATIONS - SOLUTION:
A predominant failure mode in multilayer ceramic chip capacitors is cracking caused by board flexure. Cracks can then create a path for current to pass from one electrode through the dielectric to an opposing electrode or from the terminations at one end of the MLCC through the dielectric to an opposing electrode. This may subsequently result in capacitance loss, leakage - low Insulation Resistance (IR) - and/or more seriously, high current shorts. A short circuit condition in the surface mounted capacitors can cause further failures of downstream components. Vishay's Open Mode Design Capacitors (VJ OMD - Cap series) reduce the risk of these destructive conditions through MLCC designs that prevent board flexure cracks reaching the opposing electrode. VJ OMD - Cap MLCCs reduce the risk of early field failures associated with board flex cracks. However, it is important to note that even in the open mode designs the presence of flexure related cracks can cause capacitance loss leading to localized stresses on the parts. eventually, depending on the application environment, including such factors and high voltage pulse frequency and thermal cycling this may lead to internal breakdown of the component.
POLYMER TERMINATION
Polymer termination provides additional protection against board flexure damage by absorbing greater mechanical and thermal stresses. Components can be packaged, transported, stored and handled the same standard terminated product. Wave and reflow soldering of MLCC does not require modification to equipment and/or process. Polymer termination greatly reduces the risk of mechanical cracking however it does not completely eliminate.
STANDARD TERMINATION
Exposed Electrodes = Electrical short
OMD CAP PLUS POLYMER TERMINATION
No Exposed Electrodes = No Electrical short
BEND TEST RESULTS 2220 CASE SIZE
100 %
FAILED PERCENTAGE OF PARTS
90 % 80 % 70 % 60 % 50 % 40 % 30 % 20 % 10 % 0% 0.0 1.0
Standard Termination Polymer Termination Log. (Standard Termination) Log. (Polymer Termination)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
BOARD FLEXURE in mm
Document Number: 45047 Revision: 20-Aug-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 95
VJ OMD - C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
STANDARD PACKAGING QUANTITIES
7" REEL QUANTITIES BODY SIZE 1206 TAPE SIZE 8 mm PAPER TAPE PACKAGING CODE "C" N/a PLASTIC TAPE PACKAGING CODE "T" 3000
(1)(2)(3)
11 1/4" AND 13" REEL QUANTITIES PAPER TAPE PACKAGING CODE "P" N/a PLASTIC TAPE PACKAGING CODE "R" 10 000
BULK QUANTITIES VIAL PACKAGING CODE "B" 5000 WAFFLE PACKAGING CODE "W" N/a
1210
8 mm
N/a
3000
N/a
10 000
5000
N/a
1808
12 mm
N/a
3000
N/a
10 000
1000
N/a
1812
12 mm
N/a
1000
N/a
5000
1000
N/a
1825
12 mm
N/a
1000
N/a
5000
1000
1000
2220
12 mm
N/a
1000
N/a
5000
N/a
1000
2225
12 mm
N/a
1000
N/a
5000
N/a
1000
Notes: (1) Vishay Vitramon uses embossed plastic carrier tape
(2) (3)
REFERENCE: EIA Standard RS 481 - "Taping of Surfance Mount Components for Automatic Placement" N/a = Not available
www.vishay.com 96
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047 Revision: 20-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VJ1808A100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X