Part Number Hot Search : 
SCL40 2SC3267 4S11F AZ23C7V5 YP1010 S860T MC3388 PC451
Product Description
Full Text Search
 

To Download VJ0805A102JXOAT5Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VJ HVArc Guard(R) C0G (NP0)
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
FEATURES
For this Worldwide Patented Technology * Surface-mountable, precious metal technology, RoHS wet build process MLCC that protect against COMPLIANT surface arc-over * Higher capacitances and smaller case sizes that save board space, as compared to standard high voltage MLCCs * Voltage breakdowns are twice that of some competitor products * Excellent reliability and high voltage performance * Available with polymer termination for increase resistance to board flex cracking. Please contact factory for availability APPLICATIONS * DC-to-DC converters (Buck and Boost) * Voltage multipliers for flyback converters * Lighting ballast circuits * Power Supplies
HVArc Guard(R) Capacitor with no Surface Arc-over
Standard Capacitor with Surface Arc-over
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified.
Aging Rate: 0 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period, and the charge/discharge current does not exceed 50 mA. 1000 Vdc: DWV at 150 % of rated voltage 1500 Vdc and 2500 Vdc: DWV at 120 % of rated voltage
Operating Temperature: - 55 C to + 125 C Capacitance Range: 10 pF to 8200 pF Voltage Rating: 1000 Vdc to 2500 Vdc Temperature Coefficient of Capacitance (TCC): C0G: 0 30 ppm/C from - 55 C to + 125 C Dissipation Factor: 0.1 % max. at 1.0 Vrms and 1 MHz for values 1000 pF 0.1 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF
DIMENSIONS in inches [millimeters]
L W
T MAX. P
PART ORDERING NUMBER VJ0805 VJ1206 VJ1210 VJ2220 VJ2225
LENGTH (L) 0.079 0.008 [2.00 0.20] 0.126 0.008 [3.20 0.20] 0.126 0.008 [3.20 0.20] 0.220 0.010 [5.59 0.25] 0.220 0.010 [5.59 0.25]
WIDTH (W) 0.049 0.008 [1.25 0.020] 0.063 0.008 [1.60 0.20] 0.098 0.008 [2.50 0.20] 0.200 0.010 [5.08 0.25] 0.250 0.010 [6.35 0.25]
MAXIMUM THICKNESS (T) 0.057 [1.45] 0.067 [1.70] 0.067 [1.70] 0.086 [2.18] 0.086 [2.18]
TERMINATION PAD (P) MINIMUM 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] MAXIMUM 0.028 [0.71] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76]
Document Number: 45056 Revision: 20-Aug-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 109
VJ HVArc Guard(R) C0G (NP0)
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
ORDERING INFORMATION
VJ0805 A 102 J X G CASE DIELECTRIC CAPACITANCE CAPACITANCE TERMINATION DC VOLTAGE CODE NOMINAL CODE TOLERANCE RATING (1) 0805 A = C0G Expressed in G = 1000 V J=5% X = Ni barrier 1206 picofarads (pF). K = 10 % 100 % tin plated R = 1500 V 1210 The first two digits O = 2500 V M = 20 % matte finish 2220 are significant, the F = AgPd 2225 third is a multiplier. B = Polymer Examples: 100 % tin plated 102 = 1000 pF matte finish (3)
(1) (2) (3)
A MARKING A= Unmarked
T PACKAGING C = 7" reel/ paper tape T = 7" reel/ plastic tape P = 11 1/4" reel/ paper tape R = 11 1/4" reel/ plastic tape
5Z (2) PROCESS CODE 5Z = HVArc Guard(R)
Notes: DC voltage rating should not be exceeded in application Process code with 2 digits has to be added Please contact factory for Polymer termination availability * Polymer plus terminations, "B" termination part number code length dimensions positive tolerances (including bandwidth) above are allowed to increase by the following amounts: 1206 and smaller case sizes: Length 0.002" (0.05 mm) 1210 and larger case sizes: Length 0.004" (0.1 mm)
HVARC GUARD(R) C0G (NP0) CAPACITANCE RANGE
EIA CODE 0805 1206 1210 VOLTAGE (Vdc) 1000 1500 1000 1500 1000 1500 VOLTAGE CODE G R G R G R CAP. CODE CAP. 100 10 pF * * * * * * 120 12 pF * * * * * * 150 15 pF * * * * * * 180 18 pF * * * * * * 220 22 pF ** ** * * * * 270 27 pF ** ** * * * * 330 33 pF ** ** * * * * 390 39 pF ** ** * * * * 470 47 pF ** ** * * * * 560 56 pF ** ** * * * * 680 68 pF ** ** * * * * 820 82 pF ** ** * * * * 101 100 pF ** ** * * * * 121 120 pF * * * * * * 151 150 pF * * * * * * 181 180 pF * * * * * * 221 220 pF * * * * * * 271 270 pF * * * * * * 331 330 pF * * * * * * 391 390 pF * * * * * * 431 430 pF * * * * * * 471 470 pF * * * * 561 560 pF * * * * 681 680 pF * * * * 821 820 pF * * * * 102 1000 pF * * * * 122 1200 pF * * * * 152 1500 pF * * * * 182 1800 pF * * 222 2200 pF * * 272 2700 pF * * 332 3300 pF 392 3900 pF 472 4700 pF 562 5600 pF 682 6800 pF 822 8200 pF Notes: See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 * Available in plastic carrier tape only ** Available in paper carrier tape only www.vishay.com 110 2220 1000 1500 G R 1000 G 2225 1500 R 2500 O
* * * * * * * * * * * * * *
* * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * *
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45056 Revision: 20-Aug-08
VJ HVArc Guard(R) C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
TEMPERATURE COEFFICIENT OF CAPACITANCE
2. 0 1. 5 10 000
Vishay Vitramon
MINIMUM INSULATION RESISTANCE VS. TEMPERATURE
% CAPACITANCE CHANGE
1. 0 0. 5 0. 0 - 0. 5 - 1. 0 - 1. 5 - 2. 0 - 75 - 50 - 25 0 25 50 75 100 125
NP0
INSULATION RESISTANCE (F)
1000
100
10 10 25 100 125
TEMPERATURE C AGING RATE - NP0
0. 2
TEMPERATURE C VOLTAGE COEFICIENT OF CAPACITANCE - 1000 V RATED
30
% CAPACITANCE CHANGE
% CAPACITANCE CHANGE
20
0. 1
10 0
0.0
- 10 - 20 - 30
- 0.1
- 0.2 1 10 100 1000 10 000
0
100
200
300
400
500
600
700
800
900 1000
HOURS IMPEDANCE VS. FREQUENCY OF 1206 NP0 HVArc Guard(R)
1000
DC VOLTS APPLIED
1 MHz RIPPLE CURRENT OF 1812 NP0 HVArc Guard(R) CAPACITOR
60.00 50.00
TEMPERATURE (C)
100
20 C rise above ambient
IMPEDANCE ()
40.00 30.00 20.00 10.00
10
1812, 3.3 nF
1
0.1
0.01 1 10 100 1000
0.00 0.000 0.500 1.000 1.500 2.000 2.500 3.000 3.500
FREQUENCY (MHz)
CURRENT (Arms)
Document Number: 45056 Revision 20-Aug-08
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com 111
VJ HVArc Guard(R) C0G (NP0)
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
TYPICAL C0G (NP0) VOLTAGE BREAKDOWN
AVERAGE VOLTAGE BREAKDOWN (VDC) TYPICAL C0G (NP0) VOLTAGE BREAKDOWN (n = 50, 500 V/s applied)
3000 2900 2800 2700 2600 2500 2400 2300 2200 2100 2000
1000 V
PART RATED VOLTAGE
1500 V
TYPICAL TERMINATION TO TERMINATION SURFACE ARCING ON MLCCS (shown in polarized light)
STANDARD PACKAGING QUANTITIES
7" REEL QUANTITIES BODY SIZE 0805 1206 1210 2220 2225 TAPE SIZE 8 mm 8 mm 8 mm 12 mm 12 mm PAPER TAPE PACKAGING CODE C: 3000 N/a N/a N/a N/a PLASTIC TAPE PACKAGING CODE T: 3000 T: 2500 T: 2500 T: 1000 T: 1000 11 1/4" AND 13" REEL QUANTITIES PAPER TAPE PACKAGING CODE P: 10 000 N/a N/a N/a N/a PLASTIC TAPE PACKAGING CODE R: 10 000 R: 10 000 R: 10 000 T: 5000 T: 5000
Notes: (1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape (2) Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" [0.89 mm] (3) 11 1/4" reel is standard for large quantities. 13" is maybe used for large "T" dimension parts (4) REFERENCE: EIA Standard RS 481 - "Taping of Surface Mount Components for Automatic Placement" (5) N/a = Not available (6) Packaging quantity can vary with product thickness Please visit Vishay Website (www.vishay.com) for the following documents: Contact mlcc.specials@vishay.com with respect to specific part number requirements
www.vishay.com 112
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45056 Revision: 20-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VJ0805A102JXOAT5Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X