Part Number Hot Search : 
BA4584FV I15E5 2N6969 RT964 I15E5 BC807 PJ2JJXX ADM802
Product Description
Full Text Search
 

To Download VJ0603Q101CXAA0603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VJ High Q Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
FEATURES
* C0G is an ultra-stable dielectric offering a Temperature Coefficient of Capacitance (TCC) of 0 30 ppm/C over the entire temperature range * Low Dissipation Factor (DF) * Surface mount, precious metal technology, wet build process
RoHS
COMPLIANT
APPLICATIONS
* Ideal for critical timing applications * Ideal for tuning applications
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified
Operating Temperature: - 55 C to + 125 C Voltage Range: 50 Vdc to 200 Vdc Capacitance Range: 1.0 pF to 220 pF Temperature Coefficient of Capacitance (TCC): 0 30 ppm/C from - 55 C to + 125 C Dissipation Factor (DF): 0.1 % maximum at 1.0 Vrms and 1 kHz for values > 1000 pF 0.1 % maximum at 1.0 Vrms and 1 MHz for values 1000 pF Aging Rate: 0 % maximum per decade
Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or, 1000 F whichever is less. At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less. Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA 200 Vdc: DWV at 250 % of rated voltage
DIMENSIONS in inches [millimeters]
W
L
T MAX. P
EIA STYLE
PART ORDERING NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM THICKNESS (T)
TERMINATION (P)
MINIMUM 0.012 [0.30] 0.010 [0.25]
MAXIMUM 0.018 [0.46] 0.028 [0.71]
0603
VJ0603
0.063 0.005 [1.60 0.12] 0.079 0.008 [2.00 0.20]
0.031 0.005 [0.80 0.12] 0.049 0.008 [1.25 0.20]
0.036 [0.92] 0.057 [1.45]
0805
VJ0805
www.vishay.com 48
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45050 Revision 20-Feb-08
VJ High Q Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
ORDERING INFORMATION
VJ0805 CASE CODE 0603 0805 Q DIELECTRIC 101 CAPACITANCE NOMINAL CODE Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100 pF 1R8 = 1.8 pF K CAPACITANCE TOLERANCE B = 0.10 pF C = 0.25 pF D = 0.5 pF F=1% G=2% H=3% J=5% K = 10 % Note: B, C, D < 10 pF F, G, H 10 pF J, K 10 pF C = 7" reel/paper tape 0603: PU = 4000 pieces 0805: PU = 3000 pieces P = 11 1/4" reel/paper tape PU = 10 000 pieces X TERMINATION A DC VOLTAGE RATING (1) A = 50 V B = 100 V C = 200 V A MARKING C PACKAGING ### (2) PROCESS CODE
Vishay Vitramon
Q = High Q
X = Ni barrier 100 % tin plated
A = Unmarked
Size 0402 available with Vishay Commodity series, see datasheet: http://www.vishay.com/doc?28534 Notes: (1) DC voltage rating should not be exceeded in application (2) Process code may be added with up to three digits, used to control non-standard products and/or special requirements
SELECTION CHART
STYLE EIA TYPE VOLTAGE (Vdc) CAP. CODE 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 CAP. 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.7 pF 3.3 pF 3.9 pF 4.7 pF 5.6 pF 6.8 pF 8.2 pF 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF VJ0603 0603 100 ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** VJ0805 0805 100 ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
50 ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
200
50 ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
200 ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** **
Note: See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 ** Available in paper carrier tape only Document Number: 45050 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 49
VJ High Q Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for High Frequency Applications
HIGH Q DIELECTRIC - TYPICAL PARAMETERS
TEMPERATURE COEFFICIENT OF CAPACITANCE SERIES RESONANT FREQUENCY - HIGH Q 10
2.0
% CAPACITANCE CHANGE
1.5 1.0 0.5 0.0 - 0.5 - 1.0 - 1.5 - 2.0 - 75 - 50 - 25 0 25 50 75 100 125
TEMPERATURE C HIGH Q
RESONANT FREQUENCY (GHz)
0603 1 0805
0.1 1 10 100 1000 CAPACITANCE (pF)
Q VS. FREQUENCY - VJ0805, 50 V 10 000 10 pF 1000 ESR ( ) 1
ESR VS. FREQUENCY - VJ0805, 50 V
10 pF 0.1
100 100 pF 10
Q
100 pF 1 100 FREQUENCY (MHz) 1000
0.01 100 FREQUENCY (MHz) 1000
www.vishay.com 50
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45050 Revision: 20-Feb-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VJ0603Q101CXAA0603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X