|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V-Type Voltage Controlled Crystal Oscillator Features * Output frequencies to 80.000 MHz * 5.0 or 3.3 V operation * Tri-State Output * Low jitter < 6ps rms * VCXO with CMOS outputs * APR to 100 ppm * 0/70 or -40/85 C temperature range * Hermetically sealed ceramic SMD package The V-Type Voltage Controlled Crystal Oscillator Product is compliant to RoHS directive and fully compatible with lead free assembly Applications * SONET/SDH * DWDM ESD Diodes * xDSL/PCMCIA cards * Digital Video Vc Input Buffer Output Buffer / Tri-state fO Description Vectron's V-Type Voltage Controlled Crystal Oscillator (VCXO) is a quartz stabilized square wave generator with a CMOS output and is tested at CMOS and TTL (5.0 volt operation) logic levels. The V-Type's small footprint and low profile make it ideally suitable for PCMCIA applications as well as any other where size is limited but performance is required. Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com V-Type Voltage Controlled Crystal Oscillator Performance Characteristics Table 1. Electrical Performance Parameter Frequency Supply Voltage 1 (+3.3 V) (+5.0 V) Supply Current Output Logic Levels Output Logic High2 Output Logic Low2 Transition Times Rise Time2 Fall Time2 Tristate Output Enabled Output Disabled Duty Cycle3 (ordering option) Operating temperature (ordering option) Test Conditions for APR (+5V option) Test Conditions for APR (+3.3V option) Absolute Pull Range (ordering option) Symbol fO VDD IDD VOH VOL tR tF VIN VIL SYM VC VC APR Min 1.024 2.97 4.5 Typical 3.3 5.0 12 Maximum 80.000 3.63 5.5 25 Units MHz V mA V V ns ns V V % C V V ppm 0.9*VDD 0.1VDD 1 1 2.5 0.7 40/60 or 45/55 0/70 or -40/85 0.5 0.3 50 70 80 100 Positive 4.5 3.0 3 3 Gain Transfer (See Figure 3) Control Voltage Leakage Current Control Voltage Bandwidth (-3dB) Phase Noise 10 Hz Offset 100 Hz Offset 1 KHz Offset 10 KHz Offset 100 KHz Offset 1 MHz Offset Package Size IVCXO BW 1 10 -55 -85 -115 -142 -148 -151 7.49 x 5.08 x 1.8 ppm/V uA kHz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz mm 1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended. 2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five gate TTL load and operating conditions under which these parameters are tested and specified. 3. Symmetry is defined as (ON TIME/PERIOD with Vs= 1.4 V for TTL and Vs=2.5 V for CMOS, 5 volt operation, and Vs=1.65V for 3.3 Volt operation. tR 80% tF IDD 6 V DD + 2 5 3 650 Vs 20% .1F .01F IC VC 1 + - 4 15pF 1.8k On Time Period Figure 1. Output Waveform Figure 2. Typical Output Test Conditions (255C) Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com V-Type Voltage Controlled Crystal Oscillator Outline Diagram, Pad Layout and Pin Out Pin # 1 2 3 4 5 6 Symbol VC Tri-state or N/C (ordering option) GND fO Tri-state or N/C (ordering option) VDD Function Control Voltage Logic low disables output Logic high or no connection enables output waveform Ground Output Frequency Logic low disables output Logic high or no connection enables output waveform Supply Voltage Tape and Reel J F D A E C G B L I H K Tape and Reel Dimensions (mm) Tape Dimensions Product A B C D E V-Type 16 7.5 1.55 4 8 Reel Dimensions F G H 1.78 20.6 13 I 55 J 6 K 12.4 L 178 # Per Reel 500 Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com V-Type Voltage Controlled Crystal Oscillator Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Table 2. Absolute Maximum Ratings Parameter Symbol Power Supply VDD Storage Temperature Tstorage Voltage Control Range VC Ratings 6 -55/125 0 to VDD Unit Vdc C V 200.0 150.0 100.0 Frequency Pull (ppm) 50.0 0.0 -50.0 -100.0 -150.0 -200.0 0.30 0.60 0.90 1.20 1.50 1.80 2.10 2.40 2.70 3.00 Control Voltage (volts) Figure 3. Typical Frequency Pull Versus Control Voltage, 35.328MHz Output, 3.3 Volt Supply Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com V-Type Voltage Controlled Crystal Oscillator Reliability The V-Type is capable of meeting the following qualification tests. Table 3. Environmental Compliance Parameter Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents MIL-STD-883 MIL-STD-883 MIL-STD-883 MIL-STD-883 MIL-STD-883 Conditions Method 2002 Method 2007 Method 2003 Method 1014 Method 2016 Handling Precautions Although ESD protection circuitry has been designed into the the V-Type, proper precautions should be taken when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be used for comparison purposes. Table 4. ESD Ratings Model Human Body Model Charged Device Model Minimum 1500 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101 The V-Type is qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time intervals listed are based on the Pb-Free small body requirements and parameters are listed in the table below. The contact pads are gold over nickel so lower IR reflow temperatures such as 220C can be used (device is backwards compatible with a lead solder assembly). The V-Type is hermetically sealed so an aqueous wash is not an issue. Table 5. Reflow Profile (IPC/JEDEC J-STD-020C) Parameter Symbol PreHeat Time Ramp Up Time Above 217 C Time To Peak Temperature Time At 260 C Ramp Down o o Value 60 sec Min, 180 sec Max 3 C/sec Max 60 sec Min, 150 sec Max 480 sec Max 20 sec Min, 40 sec Max 6 C/sec Max o o tS R UP tL t AMB-P tP R DN 260 tL R UP tP R DN Temperature (DegC) 217 200 150 tS t AMB-P 25 Time (sec) Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com V-Type Voltage Controlled Crystal Oscillator Standard Frequencies (MHz) 1.024 4.000 6.312 12.288 16.384 24.704 35.328 51.840 77.760 1.544 4.032 6.400 12.352 18.432 27.000 38.880 52.000 2.000 4.096 8.000 13.000 19.440 30.000 40.000 61.440 2.048 4.434 8.192 14.318 20.000 30.720 40.960 62.500 3.088 5.000 8.448 15.360 20.480 32.000 44.736 65.536 3.580 6.144 10.000 15.440 24.000 32.768 49.152 74.1758 3.686 6.176 12.000 16.000 24.576 34.368 50.000 74.250 Other frequencies may be available upon request Ordering Information V Package Size V: 6 pin ceramic LCC D U G L A - 44.736 MHz Frequency Symmetry (CMOS) A: 50 5% Tri-State on Pin #5 B: 50 10% Tri-State on Pin #5 D: 50 5% Tri-State on Pin #2 Supply Voltage C: 5.0V 10% D: 3.3V 10% Temperature Range C: 0C to +70C L: -40C to +85C Input U: VCXO L: Linear VCXO M: 20ppm Temperature Stability Absolute Pull Range G: 50 ppm M: 70 ppm N: 80 ppm H: 100 ppm NOTE: Not all combinations of options are available. Other specifications may be available upon request. For Additional Information, Please Contact: USA: Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany * Tel: 49 (0) 7268 8010 * Fax: 49 (0) 7268 801281 ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131 *Tel: 8621 50480777 * Fax: 8621 50481881 Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Vectron International 267 Lowell Road, Hudson NH 03051 Tel:1-88-VECTRON-1 e-mail: vectron@vectron.com |
Price & Availability of VCUNCB-44736 |