Part Number Hot Search : 
NE612AN KBU3506 805SF FR105 CL766 1N5924B 1005C 3562A
Product Description
Full Text Search
 

To Download VCC6-LCD-125M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCC6-L/V
2.5 or 3.3 volt LVDS Oscillator
Features
* 2.5 or 3.3 V LVDS * 3rd Overtone Crystal for best jitter performance * Output frequencies to 270 MHz * Low Jitter < 1 pS rms, 12kHz to 20MHz * Enable/Disable output for test and board debug * -10/70 or -40/85 C operating temperature
* Hermetically sealed ceramic SMD package
* Product is compliant to RoHS directive and fully compatible with lead free assembly
The VCC6 Crystal Oscillator
Applications
* SONET/SDH/DWDM * Ethernet, Gigabit Ethernet * Storage Area Network
* Digital Video * Broadband Access
fo
Output Buffer / Disable
Description
Vectron's VCC6 Crystal Oscillator (XO) is quartz stabilized square wave generator with a LVDS output, operating off a 2.5 or 3.3 volt supply. The VCC6 uses a 3rd overtone crystals for output frequencies < 200MHz resulting in low jitter performance, typically 0.3pS rms in the 12 kHz to 20MHz band.
fo
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-L/V Series, 2.5 and 3.3V LVDS Crystal Oscillator Performance Characteristics
Table 1. Electrical Performance Parameter Frequency Supply Voltage 1 L option Supply Voltage 1 V option Supply Current, Output Enabled Supply Current, Output Disabled Output Logic Levels Output Logic High2 Output Logic Low2 Differential Output Differential Output Error Offset Voltage Offset Error Output Leakage Current Transition Times Rise Time2 Fall Time2 Symmetry or Duty Cycle3 Operating temperature (ordering option) Stability (ordering option)4 RMS Jitter, 12kHz to 20 MHz RMS Jitter Output Enabled5 Output Disabled5 Output Enable/Disable time Package Size
Symbol fO VDD VDD IDD IDD VOH VOL VOD VOS VOS
Min 10 3.15 2.375
Typical 3.3 2.5
Maximum 270 3.45 2.625 60 30 1.6 454 50 1.375 50 10 600 600 55
Units MHz V mA uA V V mV mV V mV uA ps ps % C ppm pS pS V V nS mm
0.9 247 1.125
1.43 1.10 330 1.25
tR tF SYM
45
50 -10/70 or -40/85 25, 50 or 100 0.3 2.5
0.7
0.7*VDD 0.3*VDD 400 5.0 x 7.0 x 1.5
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended. 2. Figure 1 defines these parameters. 3. Symmetry is measured defined as On Time/Period. 4. Includes calibration tolerance, operating temperature, supply voltage variations, aging (40 degreesC/10 years) and shock and vibration (not under operation). 5. Output will be enabled if enable/disable is left open.
tR
80 % Vs 20%
tF
On Time Period
Figure 1. Output Waveform
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-L/V Series, 2.5 and 3.3V LVDS Crystal Oscillator
Outline Diagram, Pad Layout and Pin Out
Contact Pad Plating: gold over nickel
Table 2. VCC6-LCx and VCC6-VCx Pinout Pin # Symbol
1 2 3 4 5 6 E/D NC GND fO Cf o V DD
Function
Tristate Function This pin has no internal connection and is floating. Ground Output Frequency Complementary Output Frequency Supply Voltage
Table 3. VCC6-LAx and VCC6-VAx Pinout Pin # Symbol
1 2 3 4 5 6 NC ED GND fO Cf o V DD
Function
This pin has no internal connection and is floating. Tristate Function Ground Output Frequency Complementary Output Frequency Supply Voltage
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-L/V Series, 2.5 and 3.3V LVDS Crystal Oscillator
Tape and Reel
J F D A E C G B L I
H
K
Table 4. Tape and Reel Dimensions (mm) Tape Dimensions Product A
VCC6
16
B
7.5
C
1.5
D
4
E
8
Reel Dimensions F G H
2 21 13
I
60
J
2
K
17
L
180
# Per Reel
250
Enable/Disable Functional Description
Under normal operation the Enable/Disable is left open, or set to a logic high state, the VCC6 is an oscillation mode and outputs are active. When the E/D is set to a logic low, the oscillator stops and the both the output and complementary outputs are in a high impedance state. This helps facilitate board testing and troubleshooting. Power Saving Pull-Up Resistor The E/D pull-up resistor changes in response to the input logic level; the pull-up resistor is a large value when E/D is set to a logic low, which reduces the current consumed. When E/D is open, or set to a logic high, the pull-up resistance becomes a smaller value which helps decrease the effects of external noise.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Table 5. Absolute Maximum Ratings Parameter Symbol Power Supply VDD Enable/Disable VIN Storage Temperature Tstorage Ratings -0.5 to +7.0 -0.5 to VDD+0.5 -55/125 Unit Vdc Vdc C
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-L/V series, 2.5 and 3.3V LVDS Crystal Oscillator
Reliability
The VCC6 qualification tests include the following:
Table 6. Environnemental Compliance
Parameter Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents Conditions MIL-STD-883 Method 2002 MIL-STD-883 Method 2007 MIL-STD-883 Method 2003 MIL-STD-883 Method 1014 MIL-STD-883 Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the the VCC6, proper precautions should be taken when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be used for comparison purposes.
Table 7. ESD Ratings
Model Human Body Model Charged Device Model Minimum 1000 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101
Suggested IR profile
The VCC6 has been qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time intervals listed are based on the Pb-Free small body requirements and parameters are listed in Table 7. The VCC6 is hermetically sealed so an aqueous wash is not an issue.
Table 8. Reflow Profile Parameter
PreHeat Time Ramp Up Time Above 217 C Time To Peak Temperature Time At 260 oC (max) Ramp Down
o
Symbol
tS R UP tL t AMB-P tP R DN
Value
60 sec Min, 180 sec Max 3 oC/sec Max 60 sec Min, 150 sec Max 480 sec Max 10 sec Max 6 oC/sec Max
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCC6-L/V series, 2.5 and 3.3V LVDS Crystal Oscillator
Frequencies (MHz)
50.000 100.000 153.850 164.3555 180.000 74.1758 106.250 155.520 166.6667 187.500 74.250 125.000 156.250 173.3708 200.00 77.760 133.000 161.1328 173.438 212.500 80.000 136.000 162.325 175.000
Other frequencies may be available upon request. Standard frequencies are frequencies which the crystal has been designed and does not imply a stock position.
Ordering Information
VCC6-LCB - 125M000
Product Family Crystal Oscillator Output L: LVDS 3.3 Volts V: LVDS 2.5 Volts Enable/Disable A: E/D is on Pin 2, Pin 1 is NC C: E/D is on Pin 1, Pin 2 is NC Frequency example: 125M000= 125.000 MHz Stability Options/Temperature A: 100ppm B: 50ppm C: 100ppm D: 50ppm E: 25ppm F: 25ppm -10 to 70C -10 to 70C -40 to 85C -40 to 85C -10 to 70C -40 to 85C
NOTE: Not all combinations of options are available. A 20ppm over -10 to 70C, +3.3V, E/D on pin 1, VCC6-109-frequency is available. A 20ppm over -10 to 70C, +2.5V, E/D on pin 1, VCC6-111-frequency is available. For Additional Information, Please Contact:
USA: Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Fax: 1-888-FAX-VECTRON EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany * Tel: 49 (0) 7268 8010 * Fax: 49 (0) 7268 801281 ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131 *Tel: 8621 50480777 * Fax: 8621 50481881
www.vectron.com
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. VCC6-L (REVISION DATE: September 6 2005)
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com


▲Up To Search▲   

 
Price & Availability of VCC6-LCD-125M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X