Part Number Hot Search : 
43025 W6NA90 PD242 MUR460 CMLM7387 ST003 STLVD210 15312
Product Description
Full Text Search
 

To Download TSTA7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSTA7100
Vishay Semiconductors
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
FEATURES
* Package type: leaded * Package form: TO-18 * Dimensions (in mm): 4.7 * Peak wavelength: p = 875 nm * High reliability * High radiant power * High radiant intensity * Angle of half intensity: = 5
94 8483
* Low forward voltage * Suitable for high pulse current operation * Good spectral matching with Si photodetectors
DESCRIPTION
TSTA7100 is an infrared, 875 nm emitting diode in GaAlAs technology in a hermetically sealed TO-18 package with lens.
* Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC
with
APPLICATIONS
* Radiation source near infrared range
PRODUCT SUMMARY
COMPONENT TSTA7100 Ie (mW/sr) 50 (deg) 5 P (nm) 875 tr (ns) 600
Note Test conditions see table "Basic Characteristics"
ORDERING INFORMATION
ORDERING CODE TSTA7100 Note MOQ: minimum order quantity PACKAGING Bulk REMARKS MOQ: 1000 pcs, 1000 pcs/bulk PACKAGE FORM TO-18
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse voltage Forward current Peak forward current Surge forward current Power dissipation Junction temperature Storage temperature range Thermal resistance junction/ambient Thermal resistance junction/case Note Tamb = 25 C, unless otherwise specified leads not soldered leads not soldered tp/T = 0.5, tp 100 s tp 100 s Tcase 25 C TEST CONDITION SYMBOL VR IF IFM IFSM PV PV Tj Tstg RthJA RthJC VALUE 5 100 200 2.5 180 500 100 - 55 to + 100 450 150 UNIT V mA mA A mW mW C C K/W K/W
www.vishay.com 248
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81044 Rev. 1.7, 04-Sep-08
TSTA7100
Infrared Emitting Diode, RoHS Compliant, Vishay Semiconductors 875 nm, GaAlAs
600 PV - Power Dissipation (mW) 500 400 300 200 R thJA 100 0 0
12790
125 R thJC IF - Forward Current (mA) 100 R thJC 75 50 R thJA 25 0 25 50 75 100 125
94 7971
0 Tamb
20
40
60
80
100
Tamb - Ambient Temperature (C)
- Ambient Temperature (C)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
BASIC CHARACTERISTICS
PARAMETER Forward voltage Breakdown voltage Junction capacitance Radiant intensity Radiant power Temperature coefficient of e Angle of half intensity Peak wavelength Spectral bandwidth Rise time Virtual source diameter Note Tamb = 25 C, unless otherwise specified IF = 100 mA IF = 100 mA IF = 100 mA IF = 1.5 A, tp/T = 0.01, tp 10 s TEST CONDITION IF = 100 mA, tp 20 ms IR = 100 A VR = 0 V, f = 1 MHz, E = 0 IF = 100 mA, tp 20 ms IF = 100 mA, tp 20 ms IF = 100 mA SYMBOL VF V(BR) Cj Ie e TKe p tr tr d 20 5 20 50 10 - 0.7 5 875 80 600 300 1.5 100 MIN. TYP. 1.4 MAX. 1.8 UNIT V V pF mW/sr mW %/K deg nm nm ns ns mm
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
10 1
10 4
IF - Forward Current (A)
I FSM = 2.5 A (single pause) t p /T= 0.01 10 0 0.05 0.1 0.2 0.5 10 -1 10 -2
IF - Forward Current (mA)
10 3
tp = 100 s tp/T= 0.001
10 2
10 1 10 -1 10 0 10 1 t p - Pulse Duration (ms) 10 2
94 8005
0
1
2
3
4
94 8003
V F - Forward Voltage (V)
Fig. 3 - Pulse Forward Current vs. Pulse Duration Document Number: 81044 Rev. 1.7, 04-Sep-08
Fig. 4 - Forward Current vs. Forward Voltage www.vishay.com 249
For technical questions, contact: emittertechsupport@vishay.com
TSTA7100
Vishay Semiconductors Infrared Emitting Diode, RoHS Compliant,
875 nm, GaAlAs
1.2 VF rel - Relative Forward Voltage (V) 1.1 IF = 10 mA 1.0 0.9
1.6
1.2
I e rel; e rel
I F = 20 mA
0.8
0.4 0.8 0.7 0 20 40 60 80 100
94 8020
0 - 10 0 10
50
100
140
94 7990
Tamb - Ambient Temperature (C)
Tamb - Ambient Temperature (C)
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 8 - Rel. Radiant Intensity/Power vs. Ambient Temperature
1000 I e - Radiant Intensity (mW/sr)
e - Relative Radiant Power
1.25 1.0
100
0.75 0.5
10
tp = 10 s tp/T = 0.001
0.25 I F = 100 mA e ( ) rel = e ( ) / e ( p ) 0 780 880 - Wavelenght (nm) 980
1 10 0
94 7958
10 1 10 2 10 3 I F - Forward Current (mA)
10 4
94 8000
Fig. 6 - Radiant Intensity vs. Forward Current
Fig. 9 - Relative Radiant Power vs. Wavelength
0
10
20 30
100
I e rel - Relative Radiant Intensity
1000 e - Radiant Power (mW)
40 1.0 0.9 0.8 0.7 50 60 70 80
10
1
0.1 10 0
94 7972
10 1 10 2 10 3 I F - Forward Current (mA)
10 4
94 8019
0.6
0.4
0.2
0
0.2
0.4
0.6
Fig. 7 - Radiant Power vs. Forward Current
Fig. 10 - Relative Radiant Intensity vs. Angular Displacement
www.vishay.com 250
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81044 Rev. 1.7, 04-Sep-08
TSTA7100
Infrared Emitting Diode, RoHS Compliant, Vishay Semiconductors 875 nm, GaAlAs
PACKAGE DIMENSIONS in millimeters
C
A
0.15
4.7
+ 0.05 - 0.10 0.25
CHIP POSITION
(2.5)
6.5 0.45
+ 0.02 - 0.05
13.2
0.7
5.5
2.54 nom.
technical drawings according to DIN specifications
LENS
Drawing-No.: 6.503-5002.01-4 Issue: 2; 24.08.98
96 12174
3.9
0.05
Document Number: 81044 Rev. 1.7, 04-Sep-08
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com 251
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TSTA7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X