|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TSHG5410 Vishay Semiconductors High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero FEATURES * * * * * * * * * * * * * Package type: leaded Package form: T-13/4 Dimensions (in mm): 5 Leads with stand-off High reliability High radiant power High radiant intensity Angle of half intensity: = 18 Low forward voltage Suitable for high pulse current operation High modulation bandwidth: fc = 18 MHz Good spectral matching with CMOS cameras Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC * Peak wavelength: p = 850 nm 94 8390 DESCRIPTION TSHG5410 is an infrared, 850 nm emitting diode in GaAlAs double hetero (DH) technology with high radiant power and high speed, molded in a clear, untinted plastic package. with APPLICATIONS * Infrared radiation source for operation with CMOS cameras * High speed IR data transmission PRODUCT SUMMARY COMPONENT TSHG5410 Ie (mW/sr) 90 (deg) 18 p (nm) 850 tr (ns) 20 Note Test conditions see table "Basic Characteristics" ORDERING INFORMATION ORDERING CODE TSHG5410 Note MOQ: minimum order quantity PACKAGING Bulk REMARKS MOQ: 4000 pcs, 4000 pcs/bulk PACKAGE FORM T-13/4 ABSOLUTE MAXIMUM RATINGS PARAMETER Reverse voltage Forward current Peak forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Note Tamb = 25 C, unless otherwise specified t 5 s, 2 mm from case J-STD-051, leads 7 mm, soldered on PCB tp/T = 0.5, tp = 100 s tp = 100 s TEST CONDITION SYMBOL VR IF IFM IFSM PV Tj Tamb Tstg Tsd RthJA VALUE 5 100 200 1 180 100 - 40 to + 85 - 40 to + 100 260 230 UNIT V mA mA A mW C C C C K/W Document Number: 81811 Rev. 1.1, 04-Sep-08 For technical questions, contact: emittertechsupport@vishay.com www.vishay.com 195 TSHG5410 Vishay Semiconductors High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero 200 180 120 100 80 RthJA = 230 K/W 60 40 20 0 0 10 20 30 40 50 60 70 80 90 100 21143 PV - Power Dissipation (mW) 140 120 100 80 60 40 20 0 RthJA = 230 K/W IF - Forward Current (mA) 160 0 10 20 30 40 50 60 70 80 90 100 21142 Tamb - Ambient Temperature (C) Tamb - Ambient Temperature (C) Fig. 1 - Power Dissipation Limit vs. Ambient Temperature Fig. 2 - Forward Current Limit vs. Ambient Temperature BASIC CHARACTERISTICS PARAMETER Forward voltage Temperature coefficient of VF Reverse current Junction capacitance Radiant intensity Radiant power Temperature coefficient of e Angle of half intensity Peak wavelength Spectral bandwidth Temperature coefficient of p Rise time Fall time Cut-off frequency Virtual source diameter Note Tamb = 25 C, unless otherwise specified IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IDC = 70 mA, IAC = 30 mA pp TEST CONDITION IF = 100 mA, tp = 20 ms IF = 1 A, tp = 100 s IF = 1 mA VR = 5 V VR = 0 V, f = 1 MHz, E = 0 IF = 100 mA, tp = 20 ms IF = 1 A, tp = 100 s IF = 100 mA, tp = 20 ms IF = 100 mA SYMBOL VF VF TKVF IR Cj Ie Ie e TKe p TKp tr tf fc d 820 45 125 90 900 55 - 0.35 18 850 40 0.25 20 13 18 2.1 880 135 MIN. TYP. 1.5 2.3 - 1.8 10 MAX. 1.8 UNIT V V mV/K A pF mW/sr mW/sr mW %/K deg nm nm nm/K ns ns MHz mm www.vishay.com 196 For technical questions, contact: emittertechsupport@vishay.com Document Number: 81811 Rev. 1.1, 04-Sep-08 TSHG5410 High Speed Infrared Emitting Diode, RoHS Vishay Semiconductors Compliant, 850 nm, GaAlAs Double Hetero BASIC CHARACTERISTICS Tamb = 25 C, unless otherwise specified 1000 IF - Forward Current (mA) tP/T = 0.01 0.02 Tamb < 50 C 1000 Radiant Power (mW) e- 0.05 0.1 100 10 0.2 0.5 1 100 0.01 16031 0.1 0.1 1.0 10 100 16971 1 10 100 1000 tP - Pulse Duration (ms) IF - Forward Current (mA) Fig. 3 - Pulse Forward Current vs. Pulse Duration Fig. 6 - Radiant Power vs. Forward Current 1000 e, rel - Relative Radiant Power 1.25 1.0 IF - Forward Current (mA) 100 tP = 100 s tP/T = 0.001 10 0.75 0.5 0.25 0 1 0 18873 1 3 2 VF - Forward Voltage (V) 4 16972 800 850 900 - Wavelength (nm) Fig. 4 - Forward Current vs. Forward Voltage Fig. 7 - Relative Radiant Power vs. Wavelength 1000 0 10 20 30 Ie rel - Relative Radiant Intensity Ie - Radiant Intensity (mW/sr) 40 1.0 0.9 0.8 50 60 70 80 0.7 0.6 0.4 0.2 0 100 10 tP = 0.1 ms 1 1 10 100 1000 21355 21308 IF - Forward Current (mA) Fig. 5 - Radiant Intensity vs. Forward Current Fig. 8 - Relative Radiant Intensity vs. Angular Displacement Document Number: 81811 Rev. 1.1, 04-Sep-08 For technical questions, contact: emittertechsupport@vishay.com www.vishay.com 197 - Angular Displacement TSHG5410 Vishay Semiconductors High Speed Infrared Emitting Diode, RoHS Compliant, 850 nm, GaAlAs Double Hetero PACKAGE DIMENSIONS in millimeters A C 5.8 0.15 R 2.49 (sphere) 0.3 0.3 0.15 (3.5) 11.3 < 0.7 8.7 7.7 34.3 0.55 Area not plane 1.2 + 0.2 - 0.1 O5 0.25 0.15 1.5 0.5 0.5 + 0.15 - 0.05 + 0.15 - 0.05 technical drawings according to DIN specifications 2.54 nom. 6.544-5258.06-4 Issue: 2; 08.11.99 95 11260 www.vishay.com 198 For technical questions, contact: emittertechsupport@vishay.com Document Number: 81811 Rev. 1.1, 04-Sep-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of TSHG5410 |