Part Number Hot Search : 
10M25B WDW3T SNM12 B9947CA MURS340S MC144 28F160 C100L
Product Description
Full Text Search
 

To Download TQM676021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TQM676021
Advance Data Sheet
WCDMA / HSUPA Band I Tritium III PA-Duplexer ModuleTM Functional Block Diagram Features
*
RFIN
Match
Power Detector
* *
Bias Control
ANT
VMODE VBA VCCBIAS VCC1 VCC2
Product Description
The Tritium III PAD Module TM is an integrated 3V Linear Power Amplifier, Duplexer and Transmit Filter Module including a highly accurate Output Power Detector designed for mobile UMTS handset applications, supporting HSUPA operation with transmission datarates up to 10Mb/s. It features 2 output power modes, additional continuous bias in low power mode, low off and standby currents, and a separate pin for module enable. RF input and output matching is included within the module; therefore, minimal external circuitry is required. Tritium III gives excellent RF performance with low current consumption resulting in longer talk times in portable applications. The tiny 7x4x1.1 mm surface mount package is ideal for new generation slim, small and light phones.
RXOUT
* * * *
*
Handset Tritium IIITM (PA-Duplexer) Module for UMTS Band I (IMT2100 band) Specified for HSUPA Modulation (Transmission Data-Rates up to 10Mb/s) Integrates Power Amplifier, Highly Accurate Output Power Detector, Transmit Filter and Duplexer No Regulated Voltage Required Separate `Module Enable' Pin All RF Ports Matched to 50 Low Current Consumption: - 2 Power Modes - Continuous Bias in Low Power Mode - Extremely Low Idle Current (15mA typ.) in Low Power Mode Compatible for Low Collector Voltage Operation with DC-DC-Converters
VEN
VDET
Applications
* 3G UMTS Handsets and Data-Cards
Package Style
* Compact 7 x 4 x 1.1 mm 16-Pin LGA Package
Electrical Specifications
Parameter
Frequency Linear POUT(HSUPA) high power mode Maximum current high power mode Linear POUT(HSUPA) low power mode Idle current low power mode ACPR (HSUPA) 5 MHz ALPR (HSUPA) 10 MHz Ant-to-RX Insertion Loss Test Conditions: VCC1 = VCC2= 3.4 V, T = 25C
Min
1922.4
Typ
25.2 450 16.2 15 -45 -60 2
Max
1977.6
Units
MHz dBm mA dBm mA dBc dBc dB
Advance Data Sheet: Subject to change without notice
For additional information and latest specifications, see our website: www.triquint.com Revision B, January 31, 2008
1


▲Up To Search▲   

 
Price & Availability of TQM676021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X