Part Number Hot Search : 
PZT751T1 UDA133 AN1322 8752BH 7820RPDB ISP1760 CXA2542 TK11537
Product Description
Full Text Search
 

To Download TPSMP24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
High Power Density Surface Mount Automotive Transient Voltage Suppressors
eSMP TM Series
* nted e Pat
*Patent #'s 4,980,315 5,166,769 5,278,094
DO-220AA (SMP)
FEATURES * Very low profile - typical height of 1.0 mm * Ideal for automated placement * Uni-direction only * Exclusive patented PAR oxide passivated chip construction * Excellent clamping capability * Low incremental surge resistance * Very fast response time * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Protection for Ics, drive transistors, signal lines of sensor units, and electronic units in consumer, computer, industrial and automotive applications. MECHANICAL DATA Case: DO-220AA (SMP) Molding compound meets UL 94 V-0 flammability rating Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VBR PPPM (for VBR 6.8 V) PPPM (for VBR 7.5 V to 12 V) PPPM (for VBR 13 V to 43 V) PD IFSM TJ max. 6.8 V to 43 V 250 W 300 W 400 W 2.5 W 40 A 185 C
MAXIMUM RATINGS (TA = 25 C, unless otherwise noted)
PARAMETER Peak power dissipation with a 10/1000 s waveform (1)(2) (Fig. 1 and 3) Peak power pulse current with a 10/1000 s waveform Power dissipation on infinite heatsink, TA = 75 C Peak forward surge current 10 ms single half sine-wave superimposed on rated load Maximum instantaneous forward voltage at 25 A (3) Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on P.C.B. with 5.0 x 5.0 mm copper pads attached to each terminal (3) Pulse test: 300 s pulse width, 1 % duty cycle
(1)
SYMBOL PPPM IPPM PD IFSM VF TJ, TSTG
VALUE See table next page See table next page 2.5 40 2.5 - 65 to + 185
UNIT W A W A V C
(Fig. 1)
Document Number: 88471 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C, unless otherwise noted)
BREAKDOW N VOLTAGE VBR (1) AT IT (V) MIN. 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 MAX. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.3 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 MAXIMUM MAXIMUM REVERSE STANDREVERSE TEST LEAKAGE OFF LEAKAGE CURRENT AT VWM VOLTAGE AT VWM IT (mA) VWM (V) TJ = 150 C IR (A) ID (A) 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 300 300 150 150 50.0 50.0 10.0 10.0 5.0 5.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1000 1000 500 500 200 200 50.0 50.0 20.0 20.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM PEAK PULSE SURGE CURRENT IPPM (2) (A) 23.2 23.8 25.6 26.5 24.0 24.8 21.7 22.4 20.0 20.7 18.5 19.2 17.3 18.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4 12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7 MAXIMUM MAXIMUM CLAMPING TEMPERATURE VOLTAGE COEFFICIENT AT IPPM OF VBR VC (V) (%/C) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 0.057 0.057 0.060 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.100 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101
DEVICE TYPE
DEVICE MARKING CODE
TPSMP6.8 TPSMP6.8A TPSMP7.5 TPSMP7.5A TPSMP8.2 TPSMP8.2A TPSMP9.1 TPSMP9.1A TPSMP10 TPSMP10A TPSMP11 TPSMP11A TPSMP12 TPSMP12A TPSMP13 TPSMP13A TPSMP15 TPSMP15A TPSMP16 TPSMP16A TPSMP18 TPSMP18A TPSMP20 TPSMP20A TPSMP22 TPSMP22A TPSMP24 TPSMP24A TPSMP27 TPSMP27A TPSMP30 TPSMP30A TPSMP33 TPSMP33A TPSMP36 TPSMP36A TPSMP39 TPSMP39A TPSMP43 TPSMP43A Notes:
ADP AEP AFP AGP AHP AKP ALP AMP ANP APP AQP ARP ASP ATP AUP AVP AWP AXP AYP AZP BDP BEP BFP BGP BHP BKP BLP BMP BNP BPP BQP BRP BSP BTP BUP BVP BWP BXP BYP BZP
(1) VBR measured after IT applied for 300 s, IT = square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 www.vishay.com 2 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88471 Revision: 21-Oct-08
New Product
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
ORDERING INFORMATION (Example)
PREFERRED P/N TPSMP6.8AHE3/84A (1) TPSMP6.8AHE3/85A (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.024 0.024 PREFERRED PACKAGE CODE 84A 85A BASE QUANTITY 3000 10000 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
10 150 TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
IPPM - Peak Pulse Current, % IRSM
TPSMP13 - TPSMP43A
tr = 10 s Peak Value IPPM
PPPM - Peak Power (kW)
TPSMP7.5 - TPSMP12A 1.0 TPSMP6.8
100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
0.1
0.01 0.1 s
1.0 s
10 s
100 s
1.0 ms
10 ms
td - Pulse Width (s)
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage (%)
100
10 000
75
CJ - Junction Capacitance (pF)
1000
VR, measured at Zero Bias
50
VR measured at Stand-Off Voltage, VWM 100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 10 1 10 100
25
0 0 25 50 75 100 125 150 175 200
TJ - Initial Temperature (C)
VBR - Breakdown Voltage (V)
Figure 2. Pulse Derating Curve
Figure 4. Typical Junction Capacitance
Document Number: 88471 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
40
3.0 TA = TL, on Infinite Heatsink
Peak Forward Surge Current (A)
35 30 25 20 15 10 5 0 1 10 100
PM(AV) - Steady State Power Dissipation (W)
2.5
2.0
1.5
FR-4 PCB, on Vishay minimum recommended Pad Layout
1.0
0.5
0.0 0 25 50 75 100 125 150 175 200
Number of Cycles at 50 Hz
TA - Ambient Temperature (C)
Figure 5. Maximum Peak Forward Surge Current
Figure 6. Steady State Power Derating Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-220AA (SMP)
Cathode Band 0.012 (0.30) REF.
0.086 (2.18) 0.074 (1.88)
0.053 (1.35) 0.041 (1.05)
0.036 (0.91) 0.024 (0.61)
0.142 (3.61) 0.126 (3.19) 0.158 (4.00) 0.146 (3.70)
0.103 (2.60) 0.087 (2.20)
0.032 (0.80) 0.016 (0.40)
0.013 (0.35) 0.004 (0.10) 0.045 (1.15) 0.033 (0.85) 0.012 (0.30) 0.000 (0.00) 0.100 (2.54) 0.018 (0.45) 0.006 (0.15)
0.105 (2.67)
0.025 (0.635)
0.030 (0.762)
0.050 (1.27)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88471 Revision: 21-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TPSMP24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X