Part Number Hot Search : 
1N5988A HA3R150S BUV27 LCA05C10 SDU40N03 TS6121AX ECDT25H PLED6SW
Product Description
Full Text Search
 

To Download TEMD1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMD1000, TEMD1020, TEMD1030, TEMD1040
Vishay Semiconductors
Silicon PIN Photodiode, RoHS Compliant
TEMD1000 TEMD1020
FEATURES
* * * * * * * * * * * Package type: surface mount Package form: GW, RGW, yoke, axial Dimensions (L x W x H in mm): 2.5 x 2 x 2.7 Radiant sensitive area (in mm2): 0.23 High radiant sensitivity Daylight blocking filter matched with 870 nm to 950 nm emitters Fast response times Angle of half sensitivity: = 15 Package matches with IR emitter series TSMF1000 Floor life: 168 h, MSL 3, acc. J-STD-020 Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC
TEMD1030
TEMD1040
18029
with
DESCRIPTION
TEMD1000 series are PIN photodiodes with high speed and high radiant sensitivity in black, surface mount plastic packages with lens and daylight blocking filter. Filter bandwidth is matched with 870 nm to 950 nm IR emitters.
APPLICATIONS
* High speed detector for infrared radiation * Infrared remote control and free air data transmissionsystems, e.g. in combination with TSFFxxxx series IR emitters
PRODUCT SUMMARY
COMPONENT TEMD1000 TEMD1020 TEMD1030 TEMD1040 Note Test conditions see table "Basic Characteristics" Ira (mA) 12 12 12 12 (deg) 15 15 15 15 0.5 (nm) 790 to 1050 790 to 1050 790 to 1050 790 to 1050
ORDERING INFORMATION
ORDERING CODE TEMD1000 TEMD1020 TEMD1030 TEMD1040 Note MOQ: minimum order quantity PACKAGING Tape and reel Tape and reel Tape and reel Bulk REMARKS MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/bulk PACKAGE FORM Reverse gullwing Gullwing Yoke Axial leads
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse voltage Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Note Tamb = 25 C, unless otherwise specified t5s Tamb 25 C TEST CONDITION SYMBOL VR PV Tj Tamb Tstg Tsd VALUE 60 75 100 - 40 to + 85 - 40 to + 100 < 260 UNIT V mW C C C C
www.vishay.com 436
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81564 Rev. 2.1, 08-Sep-08
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Silicon PIN Photodiode, RoHS Compliant
Vishay Semiconductors
BASIC CHARACTERISTICS
PARAMETER Forward voltage Breakdown voltage Reverse dark current Diode capacitance Ee Reverse light current Ee TEST CONDITION IF = 50 mA IR = 100 A, E = 0 VR = 10 V, E = 0 VR = 5 V, f = 1 MHz, E = 0 = 1 mW/cm2, = 870 nm, VR = 5 V = 1 mW/cm2, = 950 nm, VR = 5 V Temperature coefficient of Ira Absolute spectral sensitivity Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Rise time Fall time Note Tamb = 25 C, unless otherwise specified VR = 10 V, RL = 50 , = 820 nm VR = 10 V, RL = 50 , = 820 nm VR = 5 V, = 870 nm, VR = 5 V, = 870 nm VR = 5 V, = 950 nm SYMBOL VF V(BR) Iro CD Ira Ira TKIra s() s() 5 60 1 1.8 10 12 0.2 0.60 0.55 15 940 790 to 1050 4 4 10 MIN. TYP. 1 MAX. 1.3 UNIT V V nA pF A A %/K A/W A/W deg nm nm ns ns
p 0.5 tr tf
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
Ira, rel - Relative Reverse Light Current
1000
1.4
Iro - Reverse Dark Current (nA)
1.2
100
VR = 5 V = 950 nm
1.0
10 VR = 10 V 1 20 40 60 80 100
0.8
0.6 0 20 40 60 80 100
94 8427
Tamb - Ambient Temperature (C)
94 8416
Tamb - Ambient Temperature (C)
Fig. 1 - Reverse Dark Current vs. Ambient Temperature
Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature
Document Number: 81564 Rev. 2.1, 08-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 437
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Vishay Semiconductors
100
Silicon PIN Photodiode, RoHS Compliant
1.2
Ira - Reverse Light Current (A)
S()rel - Relative Spectral Sensivity
1.0 0.8 0.6 0.4 0.2 0.0 750
10
1.0
VCE = 5 V = 950 nm
0.1 0.01
16055
0.1
1
10
850
950
1050
1150
Ee - Irradiance (mW/cm)
94 8426
- Wavelength (nm)
Fig. 3 - Reverse Light Current vs. Irradiance
8
Fig. 5 - Relative Spectral Sensitivity vs. Wavelength
0 10 20 30 - Angular Displacement
CD - Diode Capacitance (pF)
Srel - Relative Sensitivity
6
E=0 f = 1 MHz
4
40 1.0 0.9 0.8 0.7 50 60 70 80
2
0 0.1
94 8430
1
10
100
94 8248
0.6
0.4
0.2
0
VR- Reverse Voltage (V)
Fig. 4 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Relative Radiant Sensitivity vs. Angular Displacement
PRECAUTIONS FOR USE
1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change (burn out will happen).
REFLOW SOLDER PROFILE
260 240 220
Temperature (C)
2. Storage 2.1 Storage temperature and rel. humidity conditions are: 5 C to 35 C, R.H. 60 %. 2.2 Floor life must not exceed 168 h, acc. to JEDEC level 3, J-STD-020. Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with desiccant. Considering tape life, we suggest to use products within one year from production date. 2.3 If opened more than one week in an atmosphere 5 C to 35 C, R.H. 60 %, devices should be treated at 60 C 5 C for 15 h. 2.4 If humidity indicator in the package shows pink color (normal blue), then devices should be treated with the same conditions as 2.3.
www.vishay.com 438
200 180 160 140 120 100 80 60 0
+ 5 C/s
- 5 C/s
60 s to 120 s 5s
20 40 60 80 100 120 140 160 180 200 220
17172
Time (s)
Fig. 7 - Lead Tin (SnPb) Reflow Solder Profile
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81564 Rev. 2.1, 08-Sep-08
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Silicon PIN Photodiode, RoHS Compliant
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters: TEMD1000
16159
PACKAGE DIMENSIONS in millimeters: TEMD1020 3.8 0.2
O 1.9 0.2
0.85
0.15 0.05
0.3
2.5 0.2 2 0.2 1 0.1 1.1 0.5 0.4 4.5 0.1 2.3 0.1
0.75
1.4
2.7 0.2
C
A
16160
Document Number: 81564 Rev. 2.1, 08-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 439
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Vishay Semiconductors
Silicon PIN Photodiode, RoHS Compliant
PACKAGE DIMENSIONS in millimeters: TEMD1030
16228
PACKAGE DIMENSIONS in millimeters: TEMD1040
16760
www.vishay.com 440
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81564 Rev. 2.1, 08-Sep-08
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Silicon PIN Photodiode, RoHS Compliant
Vishay Semiconductors
REEL DIMENSIONS in millimeters
0.5
16 0.2
Unreel direction X
.5
60.2
2. 5
0
178 1
Tape position coming out from reel
0. 5
13.2
1.5
13
X Label posted here
Leader and trailer tape: Parts mounted Empty leader (400 mm, min.)
Direction of pulling out Empty trailer (200 mm, min.)
Drawing-No.: 9.800-5080.01-4 Issue: 3; 11.06.08
18033
TAPING DIMENSIONS in millimeters: TEMD1000
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05 12 0.3 2 0.05
Top tape
Anode Push pin through hole
Feed direction
4 0.1
Quantity per reel: 1000 pcs or 5000 pcs
18030
Document Number: 81564 Rev. 2.1, 08-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 441
TEMD1000, TEMD1020, TEMD1030, TEMD1040
Vishay Semiconductors
Silicon PIN Photodiode, RoHS Compliant
TAPING DIMENSIONS in millimeters: TEMD1020
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05
Feed direction
2 0.05
4 0.1
Top tape
Anode Push pin through hole Quantity per reel: 1000 pcs or 5000 pcs
18031
TAPING DIMENSIONS in millimeters: TEMD1030
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05
Feed direction
2 0.05
4 0.1
18032
Top tape
Anode Push pin through hole Quantity per reel: 1000 pcs or 5000 pcs
12 0.3
12 0.3
www.vishay.com 442
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81564 Rev. 2.1, 08-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TEMD1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X