Part Number Hot Search : 
B122J DB05B DT54F SAA8122A LC5876 MC33262 EP8323 SC101
Product Description
Full Text Search
 

To Download TCPT1300X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCPT1300X01
Vishay Semiconductors
Subminiature Transmissive Optical Sensor with Phototransistor Output, RoHS Compliant, Released for Lead (Pb)-free Solder Process, AEC-Q101 Released
Description
The TCPT1300X01 is a compact transmissive sensor that includes an infrared emitter and a phototransistor detector, located face-to-face in a surface mount package.
Pin connection Top view E NC Coll.
19601
Cath. NC A
Features
* Product designed and qualified acc. AEC-Q101 for the automotive market * Package type: surface mount * Detector type: phototransistor * Dimensions: L 5.5 mm x W 4 mm x H 4 mm * Gap: 3 mm * * * * *
e4
Aperture: 0.3 mm Typical output current under test: IC = 0.6 mA Emitter wavelength: 950 nm Lead (Pb)-free soldering released Lead (Pb)-free component in accordance with RoHS 2002/95/EC and WEEE 2002/96/EC * Minimum order quantity: 2000 pcs, 2000 pcs/reel
Applications
* Automotive optical sensors * Accurate position sensor for encoder * Detection of motion speed
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Coupler
Parameter Power dissipation Ambient temperature range Storage temperature range Soldering temperature in accordance with fig. 15 Test condition Tamb 25 C Symbol P Tamb Tstg Tsd Value 150 - 40 to + 85 - 40 to + 100 260 Unit mW C C C
Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation tp 10 s Tamb 25 C Test condition Symbol VR IF IFSM PV Value 5 25 200 75 Unit V mA mA mW
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector current Power dissipation Tamb 25 C Test condition Symbol VCEO VECO IC PV Value 20 7 20 75 Unit V V mA mW
Document Number 84778 Rev. 1.3, 20-Jul-07
www.vishay.com 1
TCPT1300X01
Vishay Semiconductors
200
P - Power Dissipation (mW)
Sensor 150
100
50 Emitter/Detector 0 0
16538
100 75 25 50 Tamb - Ambient Temperature (C)
Figure 1. Power Dissipation Limit vs. Ambient Temperature
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Coupler
Parameter Collector current Collector emitter saturation voltage Test condition VCE = 5 V, IF = 15 mA IF = 15 mA, IC = 0.05 mA Symbol IC VCEsat Min 300 Typ. 600 0.4 Max Unit A V
Input (Emitter)
Parameter Forward voltage Reverse current Junction capacitance VR = 5 V VR = 0 V, f = 1 MHz Test condition IF = 15 mA Symbol VF IR Cj 25 Min Typ. 1.2 Max 1.4 10 Unit V A pF
Output (Detector)
Parameter Collector emitter voltage IC Emitter collector voltage Collector dark current Test condition IC = 1 mA IE = 100 A VCE = 25 V, IF = 0, E = 0 Symbol VCEO VECO ICEO Min 20 7 1 100 Typ. Max Unit V V nA
Switching Characteristics
Parameter Rise time Fall time Test condition IC = 0.3 mA, VCE = 5 V, RL = 100 (see figure 2) IC = 0.3 mA, VCE = 5 V, RL = 100 (see figure 2) Symbol tr tf Min Typ. 20.0 30.0 Max 150 150 Unit s s
www.vishay.com 2
Document Number 84778 Rev. 1.3, 20-Jul-07
TCPT1300X01
Vishay Semiconductors
IF
0
IF
IF
+5V IC adjusted by I F
0 IC 100 % 90 %
tp
t
RG = 50 tp = 20 T tp = 1 ms Channel I Channel II 50
20688
10 % 0
Oscilloscope RL CL 1M 20 pF
tp td tr t on (= t d + tr)
96 11698
tr td t on
pulse duration delay time rise time turn-on time
ts
tf t off
t
storage time fall time turn-off time
100
ts tf t off (= t s +t f )
Figure 2. Test Circuit for tr and tf
Figure 3. Switching Times
Typical Characteristics
Tamb = 25 C, unless otherwise specified
1000
10
IC - Collector Current (mA)
IF - Forward Current (mA)
100
1
VCE = 5 V
10
0.1
1
0.01
0.1 0
20589
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2 2.2
0.001 0.1
20591
1
10
100
VF - Forward Voltage (V)
IF - Forward Current (mA)
Figure 4. Forward Current vs. Forward Voltage
Figure 6. Collector Current vs. Forward Current
1.4 IF = 15 mA 1.3
10
IC - Collector Current (mA)
VF - Forward Voltage (V)
IF = 25 mA 1 IF = 15 mA IF = 5 mA 0.1 IF = 3 mA
1.2
1.1
1.0 - 40
20592
0.01 - 20 0 20 40 60 80 100
20689
0.1
1
10
100
Tamb - Ambient Temperature (C)
VCE - Collector Emitter Voltage (V)
Figure 5. Forward Voltage vs. Ambient Temperature
Figure 7. Collector Current vs. Collector Emitter Voltage
Document Number 84778 Rev. 1.3, 20-Jul-07
www.vishay.com 3
TCPT1300X01
Vishay Semiconductors
VCEsat - Coll. Emitter Saturation Voltage (V)
0.20
1
IC rel - Relative Collector Current
0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02
IC = 50 A
s
0.8
IF = 5 mA
0.6
IF = 15 mA
0.4
0.2
0.00 - 40
20590
- 20
0
20
40
60
80
100
20595
0 - 1.5
-1
- 0.5
0
0.5
1
1.5
Tamb - Ambient Tempearture (C)
s - Horizontal Displacement
Figure 8. Collector Emitter Saturation Voltage vs. Ambient Temperature
Figure 11. Relative Collector Current vs. Horizontal Displacement
0.7 VCE = 5 V
1
IC - Collector Current (mA)
IF = 15 mA 0.5 0.4 0.3 0.2 0.1 0.0 - 40 IF = 5 mA
ICrel - Rel. Collector Current
0.6
1 0.2
0.5
Optical Axis
0 - 20 0 20 40 60 80 100
20610
- 1.5
-1
- 0.5
0
0.5
1
S
1.5
20593
Tamb - Ambient Temperature (C)
S - Vertical Displacement (mm)
Figure 9. Collector Current vs. Ambient Temperature
Figure 12. Relative Collector Current vs. Vertical Displacement
10000
100 IF = 0 90
ICE0 - Collector Dark Current (nA)
1000 VCE = 70 V VCE = 25 V 100 VCE = 5 V
tr/tf - Rise/Fall Time (s)
80 70 60 50 40 30 20 10 tr tf RL = 100
10
1 0
20594
0 10 20 30 40 50 60 70 80 90 100
20599
0
250
500 750 1000 1250 1500 1750 2000 IC - Collector Current (A)
Tamb - Ambient Temperature (C)
Figure 10. Collector Dark Current vs. Ambient Temperature
Figure 13. Rise/Fall Time vs. Collector Current
www.vishay.com 4
Document Number 84778 Rev. 1.3, 20-Jul-07
TCPT1300X01
Vishay Semiconductors Floor Life
IF = 15 mA + VC = 5 V
Level 1, acc. JEDEC, J-STD-020. No time limit.
Reflow Solder Profile
300
74HCT14
Temperature (C)
250 200
255 C 255C 240 C 217 C max. 30 s
max. 260 C 245 C
10 k
VE
UQ
150
max. 120 s max. 100 s
100 50
max. Ramp Up 3 C/s max. Ramp Down 6 C/s
GND
Figure 14. Application example
13887
0 0
19841
50
100
150 Time (s)
200
250
300
Figure 15. Lead (Pb)-free Reflow Solder Profile acc. J-STD-020C
Reliability Tests in Reference to AEC-Q101 Release
Test High temperature storage Low temperature storage Temperature cycling H3TRB Intermittent operational life Condition Tstg(max) = 100 C Tstg(min) = - 40 C - 40 C/+ 100 C 85 C/85 % RH, Emitters: VR = 4 V, detectors: VCEO = 5 V Emitters: IF = 80 mA DC, detectors: VCE = 16 V, duty cycle: 2 min on, 2 min off, Tamb = 25 C Duration 1000 h 1000 h 1000 x 1000 h 1000 h (15000 cycles) Lot Size - Rejects 3 x 50 pcs - 0 pcs 3 x 50 pcs - 0 pcs 3 x 77 pcs - 0 pcs 3 x 77 pcs - 0 pcs 3 x 77 pcs - 0 pcs
Document Number 84778 Rev. 1.3, 20-Jul-07
www.vishay.com 5
TCPT1300X01
Vishay Semiconductors Package Dimensions in millimeters
19591
www.vishay.com 6
Document Number 84778 Rev. 1.3, 20-Jul-07
TCPT1300X01
Vishay Semiconductors Package Dimensions in millimeters
20601
Document Number 84778 Rev. 1.3, 20-Jul-07
www.vishay.com 7
TCPT1300X01
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 8
Document Number 84778 Rev. 1.3, 20-Jul-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TCPT1300X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X