Part Number Hot Search : 
SQ045 5012A LT1805 XP0053A 5012A P87C5 SMG2307 ECG1325
Product Description
Full Text Search
 

To Download TA053-059-22-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA053-059-22-10
REV1_20040412
5.3 - 5.9 GHz Low Noise Amplifier
FEATURES * P-1 dB: 10 dBm * Noise Figure: 1 dB * IP3: 20 dBm * Bias Condition: 90 mA @ 12 V * Small Signal Gain: 22 dB DESCRIPTION The TA053-059-22-10 is a low noise amplifier designed for applications in the 5.3 to 5.9 GHz frequency range. This amplifier utilizes low noise devices that provide excellent noise figure. High efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The amplifier requires only a +12V DC power supply. ELECTRICAL SPECIFICATIONS at 25 C
Symbol FREQ SSG GOF P-1 dB IP3 NF VSWR, IN VSWR, OUT VDC IDC OTR Description Frequency Range Small Signal Gain Small Signal Gain Flatness Output Power at 1 dB Gain Compression Third Order Intercept Point Noise Figure Input VSWR Output VSWR DC Supply Voltage (with built-in regulator) Current Supply Operating Temperature Range Min. 5.3 22 10 20 1.0 1.5:1 1.5:1 12 90 -30 1.1 1.7:1 1.7:1 110 60 Typ. 0.5 Max. 5.9 0.75 Unit GHz dB dB dBm dBm dB Volt mA C
CASE: HG2 Note: The previous product part number of TA053-059-22-10 is TC5561G.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/1


▲Up To Search▲   

 
Price & Availability of TA053-059-22-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X