Part Number Hot Search : 
12D12 2SC1213D A1000 SLD323V 4AHCT1 5ETTT 4AHCT1 HVC133A
Product Description
Full Text Search
 

To Download SUP60N02-4M5P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP60N02-4M5P
Vishay Siliconix
N-Channel 20-V (D-S) 175 C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V) 20 rDS(on) () 0.0045 at VGS = 10 V 0.0065 at VGS = 4.5 V ID (A)a 60 60
FEATURES
* * * * TrenchFET(R) Power MOSFET 175 C Junction Temperature 100 % Rg Tested 100 % UIS Tested
RoHS
COMPLIANT
APPLICATIONS
* OR-ing
TO-220AB
D
DRAIN connected to TAB
G
GDS Top View Ordering Information: SUP60N02-4M5P-E3 (Lead (Pb)-free) S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175 C) Pulsed Drain Current Single Pulse Avalanche Current Single Pulse Avalanche Energy Maximum Power Dissipationb Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25 C TA = 25 Cd TC = 25 C TC = 100 C Symbol VDS VGS ID IDM IAS EAS PD TJ, Tstg Limit 20 20 60a 60a 120 50 125 120
c
Unit V
A
mJ W C
3.75 - 55 to 175
THERMAL RESISTANCE RATINGS
Parameter Junction-to-Ambient (PCB Mount) Junction-to-Case Notes: a. Package limited. b. Duty cycle 1 %. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material).
d
Symbol RthJA RthJC
Limit 40 1.25
Unit C/W
Document Number: 69821 S-80182-Rev. A, 04-Feb-08
www.vishay.com 1
SUP60N02-4M5P
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta V(BR)DSS VGS(th) IGSS IDSS ID(on) VDS = 0 V, ID = 250 A VDS = VGS, ID = 250 A VDS = 0 V, VGS = 20 V VDS = 20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 125 C VDS = 20 V, VGS = 0 V, TJ = 175 C VDS 5 V, VGS = 10 V VGS = 10 V, ID = 20 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 20 A, TJ = 125 C VGS = 10 V, ID = 20 A, TJ = 175 C VGS = 4.5 V, ID = 20 A Forward Transconductance Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargeb Gate-Source Charge Gate-Drain Chargeb Gate Resistance Turn-On Delay Time Rise Timeb Turn-Off Delay Time Fall Timeb Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge
b b b a
Symbol
Test Conditions
Min. 20 1.0
Typ.
Max.
Unit
3 100 1 50 250
V nA A A
100 0.0036 0.0045 0.0068 0.008 0.0052 95 5950 0.0065
gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf IS ISM VSD trr IRM Qrr
VDS = 10 V, ID = 20 A
S
VGS = 0 V, VDS = 10 V, f = 1 MHz
985 365 33 50
pF
VDS = 10 V, VGS = 4.5 V, ID = 50 A 0.75 VDD = 10 V, RL = 0.2 ID 50 A, VGEN = 10 V, Rg = 1.0
18 7 1.5 15 7 35 8 2.3 25 11 55 12 60 100
nC
ns
Source-Drain Diode Ratings and Characteristics TC = 25 Cc A V ns A C
IF = 20 A, VGS = 0 V IF = 20 A, di/dt = 100 A/s
0.85 45 1.7 0.039
1.5 90 3.4 0.155
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 % b. Independent of operating temperature. c. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 69821 S-80182-Rev. A, 04-Feb-08
SUP60N02-4M5P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
120 VGS = 10 thru 5 V VGS = 4 V 100 I D - Drain Current (A) I D - Drain Current (A) 90 120
80
60
60 TC = 25 C 40
30 20 VGS = 3 V 0 0 1 2 3 4 5 0 0 1 2 3 4 5 TC = 125 C TC = - 55 C
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
200 TC = -55 C r DS(on) - On-Resistance () g fs - Transconductance (S) 160 0.008 0.010
Transfer Characteristics
120
TC = 25 C
0.006
VGS = 4.5 V
80
TC = 125 C
0.004
VGS = 10 V
40
0.002
0 0 10 20 30 40 50
0 0 20 40 60 80 100
ID - Drain Current (A)
ID - Drain Current (A)
Transconductance
0.020 ID = 20 A r DS(on) - On-Resistance () 0.016 C - Capacitance (pF) 6000 7500
On-Resistance vs. Drain Current
Ciss
0.012
4500
0.008
TA = 150 C
3000 Coss 1500
0.004 TA = 25 C 0 0 2 4 6 8 10
0 0
Crss 2 4 6 8 10 12 14 16 18 20
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage Document Number: 69821 S-80182-Rev. A, 04-Feb-08
Capacitance www.vishay.com 3
SUP60N02-4M5P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
10 ID = 50 A VGS - Gate-to-Source Voltage (V) 8 VDS = 16 V 6 r DS(on) - On-Resistance (Normalized) VDS = 10 V 1.7 VGS = 10 V 1.4 VGS = 4.5 V 1.1 2.0 ID = 20 A
4
2
0.8
0 0 20 40 60 80
0.5 - 50
- 25
0
25
50
75
100
125
150
175
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge
100 TJ = 150 C 10 I S - Source Current (A) TJ = 25 C 1 VGS(th) Variance (V) 0.0 0.5
On-Resistance vs. Junction Temperature
- 0.5
ID = 5 mA
0.1
- 1.0 0.01
ID = 250 A
0.001 0.0
0.2
0.4
0.6
0.8
1.0
1.2
- 1.5 - 50
- 25
0
25
50
75
100
125
150
175
VSD - Source-to-Drain Voltage (V)
TJ - Temperature (C)
Source-Drain Diode Forward Voltage
33 32 ID = 1 mA Typical Drain-Source Brakdown Voltage 31 30 29 28 27 26 - 50 1 0.00001 100
Threshold Voltage
I DAV (A)
TJ = 150 C 10
TJ = 25 C
- 25
0
25
50
75
100
125
150
175
0.0001
0.001 t in (s)
0.01
0.10
1
TJ - Temperature (C)
Typical Drain-source Brakdown Voltage vs. Junction Temperature www.vishay.com 4
Single Pulse Avalanche Current vs. Time
Document Number: 69821 S-80182-Rev. A, 04-Feb-08
SUP60N02-4M5P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
150 1000
120 100 I D - Drain Current (A) I D - Drain Current (A) 90 Package Limited 60
Limited by rDS(on)* 10 s, 100 s 1 ms 10 ms 10 100 ms 1 s, 10 s
30
1 TA = 25 C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1
1
10
100
TA - Ambient Temperature (C)
VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which rDS(on) is specified
Drain Current vs. Ambient Temperature
Safe Operating Area
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02 Single Pulse
0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (s) 1 10
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?69821.
Document Number: 69821 S-80182-Rev. A, 04-Feb-08
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUP60N02-4M5P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X