|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SUM90N06-5M5P Vishay Siliconix N-Channel 60-V (D-S) MOSFET PRODUCT SUMMARY V(BR)DSS (V) 60 rDS(on) () 0.0055 at VGS = 10 V ID (A) 90d Qg (Typ) 78.5 FEATURES * TrenchFET(R) Power MOSFETS * 175 C Junction Temperature * 100 % Rg and UIS Tested RoHS COMPLIANT APPLICATIONS * Power Supply - Secondary Synchronous Rectification * Industrial TO-263 D G G DS Top View S Ordering Information: SUM90N06-5M5P-E3 (Lead (Pb)-free) N-Channel MOSFET ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175 C) Pulsed Drain Current Avalanche Current Single Avalanche Energy a Symbol VDS VGS TC = 25 C TC = 70 C ID IDM IAS L = 0.1 mH TC = 25 C TA = 25 Cc EAS PD TJ, Tstg Limit 60 20 90d 90d 240 50 125 272 b Unit V A mJ W C Maximum Power Dissipationa Operating Junction and Storage Temperature Range 3.75 - 55 to 175 THERMAL RESISTANCE RATINGS Parameter Junction-to-Ambient (PCB Mount) Junction-to-Case (Drain) Notes: a. Duty cycle 1 %. b. See SOA curve for voltage derating. c. When Mounted on 1" square PCB (FR-4 material). d. Package limited. Document Number: 69537 S-72506-Rev. A, 03-Dec-07 www.vishay.com 1 c Symbol RthJA RthJC Limit 40 0.55 Unit C/W SUM90N06-5M5P Vishay Siliconix SPECIFICATIONS TJ = 25 C, unless otherwise noted Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Gate Resistance Turn-On Delay Time Rise Timec Turn-Off Delay Time Fall Timec Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge c c Symbol V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf b Test Conditions VDS = 0 V, ID = 250 A VDS = VGS, ID = 250 A VDS = 0 V, VGS = 20 V VDS = 60 V, VGS = 0 V VDS = 60 V, VGS = 0 V, TJ = 125 C VDS = 60 V, VGS = 0 V, TJ = 150 C VDS 10 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 10 V, ID = 20 A, TJ = 125 C VDS = 15 V, ID = 20 A Min 60 2.5 Typ Max Unit 4.5 250 1 50 250 V nA A A 70 0.0045 0.0072 58 4700 0.0055 0.009 S VGS = 0 V, VDS = 30 V, f = 1 MHz 620 250 78.5 120 pF VDS = 30 V, VGS = 10 V, ID = 50 A f = 1 MHz VDD = 30 V, RL = 0.6 ID 50 A, VGEN = 10 V, Rg = 1 28 20.6 1.2 16 10 25 8 2.4 30 20 40 15 nC ns Source-Drain Diode Ratings and Characteristics TC = 25 C IS ISM VSD trr IRM(REC) Qrr 85 240 IF = 20 A, VGS = 0 V IF = 75 A, di/dt = 100 A/s 0.83 62 3.8 118 1.5 100 5.7 180 A V ns A nC Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. www.vishay.com 2 Document Number: 69537 S-72506-Rev. A, 03-Dec-07 SUM90N06-5M5P Vishay Siliconix TYPICAL CHARACTERISTICS 25 C, unless otherwise noted 120 VGS = 10 thru 7 V 100 80 I D - Drain Current (A) 100 I D - Drain Current (A) 80 60 60 40 TC = 125 C 20 25 C - 55 C 40 6V 20 0 0 1 2 3 4 5 0 0 2 4 6 8 10 VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) Output Characteristics 120 TC = - 55 C 25 C 72 125 C 48 r DS(on) - On-Resistance () 96 g fs - Transconductance (S) 0.0048 0.0050 Transconductance VGS = 10 V 0.0046 0.0044 24 0.0042 0 0 12 24 36 48 60 0.0040 0 20 40 60 80 100 VGS - Gate-to-Source Voltage (V) ID - Drain Current (A) Transfer Characteristics 0.05 ID = 20 A 6000 On-resistance vs. Gate-to-Source Voltage Ciss r DS(on) - On-Resistance () 0.04 25 C 0.03 C - Capacitance (pF) 4800 3600 0.02 150 C 0.01 2400 1200 Coss Crss 0 12 24 36 48 60 0.00 4 5 6 7 8 9 10 0 VGS - Gate-to-Source Voltage (V) VDS - Drain-to-Source Voltage (V) On-Resistance vs. Drain Current Document Number: 69537 S-72506-Rev. A, 03-Dec-07 Capacitance www.vishay.com 3 SUM90N06-5M5P Vishay Siliconix TYPICAL CHARACTERISTICS 25 C, unless otherwise noted 10 ID = 50 A VGS - Gate-to-Source Voltage (V) 8 VDS = 15 V r DS(on) - On-Resistance VDS = 30 V 6 VDS = 45 V 1.7 VGS = 10 V (Normalized) 1.4 2.0 ID = 20 A 4 1.1 2 0.8 0 0 17 34 51 68 85 0.5 - 50 - 25 0 25 50 75 100 125 150 175 Qg - Total Gate Charge (nC) TJ - Junction Temperature (C) On-Resistance vs. Junction Temperature 100 0.8 Threshold Voltage I S - Source Current (A) 10 150 C V GS(th) Variance (V) 0.2 ID = 5 mA - 0.4 1.0 0.1 25 C - 1.0 ID = 250 A - 1.6 0.01 0.001 0.0 0.2 0.4 0.6 0.8 1.0 1.2 - 2.2 - 50 - 25 0 25 50 75 100 125 150 175 VSD - Source-to-Drain Voltage (V) TJ - Junction Temperature (C) Gate Charge 76 ID = 1 mA 73 V(BR)VDSS (normalized) 100 On-Resistance vs. Junction Temperature 70 IDAV (A) 150 C 10 25 C 67 64 61 58 - 50 - 25 0 25 50 75 100 125 150 175 1 0.00001 0.0001 0.001 0.01 TAV (s) 0.1 1.0 TJ - Junction Temperature (C) Source-Drain Diode Forward Voltage Maximum Drain Current vs. Case Temperature www.vishay.com 4 Document Number: 69537 S-72506-Rev. A, 03-Dec-07 SUM90N06-5M5P Vishay Siliconix TYPICAL CHARACTERISTICS 185 25 C, unless otherwise noted 1000 Limited by rDS(on)* 148 I D - Drain Current (A) I D - Drain Current (A) 100 111 Package Limited 74 1 ms 10 10 ms 100 ms DC 1 TC = 25 C Single Pulse 37 0 0 25 50 75 100 125 150 175 0.1 0.1 * VGS 1 10 100 TC - Case Temperature (C) VDS - Drain-to-Source Voltage (V) minimum VGS at which rDS(on) is specified Single Pulse Avalanche Current Capability vs. Time Safe Operating Area 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance 0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 Square Wave Pulse Duration (s) 10-1 1 Normalized Thermal Transient Impedance, Junction-to-Case Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?69537. Document Number: 69537 S-72506-Rev. A, 03-Dec-07 www.vishay.com 5 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of SUM90N06-5M5P |