|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STB80NF55-06 - STB80NF55-06-1 STP80NF55-06 - STP80NF55-06FP N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFETTM II Power MOSFET General features Type STB80NF55-06 STB80NF55-06-1 STP80NF55-06 STP80NF55-06FP 1. Limited by package VDSS 55V 55V 55V 55V RDS(on) <0.0065 ID 80A(1) TO-220 3 1 2 1 3 2 <0.0065 80A (1) <0.0065 80A (1) <0.0065 60A (1) TO-220FP Exceptional dv/dt capability 100% avalanche tested Application oriented characterization 3 1 3 12 DPAK IPAK Description This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. Internal schematic diagram Applications Switching application Order codes Part number STB80NF55-06T4 STB80NF55-06-1 STP80NF55-06 STP80NF55-06FP Marking B80NF55-06 B80NF55-06-1 P80NF55-06 P80NF55-06FP Package DPAK IPAK TO-220 TO-220FP Packaging Tape & reel Tube Tube Tube October 2006 Rev 8 1/17 www.st.com 17 Contents STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Contents 1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 Electrical characteristics (curves) ............................ 6 3 4 5 6 Test circuit ................................................ 9 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 2/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Electrical ratings 1 Electrical ratings Table 1. Symbol VDS VGS ID (1) ID (1) IDM(3) PTOT Absolute maximum ratings Value Parameter TO-220 / D/ IPAK Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC=100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor 80 80 320 300 2 7 1.3 --55 to 175 2500 55 20 60 (2) 42 (2) 240 (2) 45 0.30 TO-220FP V V A A A W W/C V/ns J V C Unit dv/dt (4) Peak diode recovery voltage slope EAS (5) Single pulse avalanche energy Insulation withstand voltage (DC) Operating junction temperature Storage temperature VISO TJ Tstg 1. Limited by Package 2. Limited only by maximum temperature allowed 3. Pulse width limited by safe operating area 4. ) ISD 80A, di/dt 400A/s, VDD V(BR)DSS, Tj TJMAX 5. Starting TJ = 25 oC, ID = 40A, VDD = 45V Table 2. Symbol RthJC RthJA Tl Thermal data Value Parameter TO-220 / D/ IPAK Thermal resistance junction-case max Thermal resistance junction-ambient max Maximum lead temperature for soldering purpose 0.5 62.5 300 TO-220FP 3.33 C/W C/W C Unit 3/17 Electrical characteristics STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP 2 Electrical characteristics (TCASE=25C unless otherwise specified) Table 3. Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) On/off states Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS= 0 VDS = Max rating, VDS = Max rating @125C VGS = 20V VDS= VGS, ID = 250A VGS= 10V, ID= 40A 2 3 Min. 55 1 10 100 4 Typ. Max. Unit V A A nA V 0.005 0.0065 Table 4. Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd Dynamic Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS =15V, ID = 40A Min. Typ. 150 4400 1020 350 142 29 60.5 189 Max. Unit S pF pF pF nC nC nC VDS =25V, f=1 MHz, VGS=0 VDD = 44V, ID = 80A VGS =10V 1. Pulsed: pulse duration=300s, duty cycle 1.5% Table 5. Symbol td(on) tr td(off) tf Switching times Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD= 50 V, ID= 40A, RG=4.7, VGS=10V (see Figure 15) Min. Typ. 27 155 125 65 Max. Unit ns ns ns ns 4/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Electrical characteristics Table 6. Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM Source drain diode Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=80A, VGS=0 ISD=80A, di/dt = 100A/s, VDD=35V, TJ = 150C 100 0.32 6.5 Test conditions Min Typ. Max 80 320 1.5 Unit A A V ns C A 1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5% 5/17 Electrical characteristics STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP 2.1 Figure 1. Electrical characteristics (curves) Safe operating area for TO-220/ DPAK/ IPAK Figure 2. Thermal impedance for TO-220/ DPAK/ IPAK Figure 3. Safe operating area for TO-220FP Figure 4. Thermal impedance for TO-220FP Figure 5. Output characterisics Figure 6. Transfer characteristics 6/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Figure 7. Transconductance Figure 8. Electrical characteristics Static drain-source on resistance Figure 9. Gate charge vs gate-source voltage Figure 10. Capacitance variations Figure 11. Normalized gate threshold voltage vs temperature Figure 12. Normalized on resistance vs temperature 7/17 Electrical characteristics STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Figure 14. Normalized BVDSS vs temperature Figure 13. Source-drain diode forward characteristics 8/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Test circuit 3 Test circuit Figure 16. Gate charge test circuit Figure 15. Switching times test circuit for resistive load Figure 17. Test circuit for inductive load Figure 18. Unclamped Inductive load test switching and diode recovery times circuit Figure 19. Unclamped inductive waveform 9/17 Package mechanical data STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP 4 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com 10/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Package mechanical data TO-220 MECHANICAL DATA DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154 oP Q 11/17 Package mechanical data STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch 3 1 12/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Package mechanical data TO-262 (I2PAK) MECHANICAL DATA mm. DIM. MIN. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 TYP MAX. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 MIN. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 TYP. MAX. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch 13/17 Package mechanical data STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP TO-220FP MECHANICAL DATA mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409 DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O A B L3 L6 L7 F1 F D G1 H F2 E L2 L5 123 L4 14/17 G STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Packaging mechanical data 5 Packaging mechanical data D2PAK FOOTPRINT TAPE AND REEL SHIPMENT REEL MECHANICAL DATA DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992 TAPE MECHANICAL DATA DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956 BASE QTY 1000 * on sales type 15/17 Revision history STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP 6 Revision history Table 7. Date 21-Jun-2004 13-Mar-2005 20-Jul-2006 24-Oct-2006 Revision history Revision 5 6 7 8 Complete version Package inserted: I2PAK New template, no content change Corrected value on Table 1.: Absolute maximum ratings Changes 16/17 STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 17/17 |
Price & Availability of STP80NF55-06 |