Part Number Hot Search : 
C3360 FS1610BH 4S1071 GS81032A 63168 1N6108A MSU2031 1N494
Product Description
Full Text Search
 

To Download STI90N4F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD90N4F3 - STI90N4F3 STP90N4F3 - STU90N4F3
N-channel 40 V, 5.4 m, 80 A, DPAK, TO-220, IPAK, I2PAK STripFETTM Power MOSFET
Features
Type STD90N4F3 STI90N4F3 STP90N4F3 STU90N4F3

VDSS 40 V 40 V 40 V 40 V
RDS(on) max < 6.5 m < 6.5 m < 6.5 m < 6.5 m
ID 80 A 80 A 80 A 80 A
Pw
1
3
3 2 1
110 W 110 W 110 W 110 W
DPAK
IPAK
Standard threshold drive 100% avalanche tested
1 2
3
3 12
Application
TO-220
IPAK
Switching applications Figure 1. Internal schematic diagram
Description
This n-channel enhancement mode Power MOSFET is the latest refinement of STMicroelectronics unique "single feature size" strip-based process with less critical alignment steps and therefore a remarkable manufacturing reproducibility. The resulting transistor shows extremely high packing density for low onresistance, rugged avalanche characteristics and low gate charge.
Table 1.
Device summary
Marking 90N4F3 90N4F3 90N4F3 90N4F3 Package DPAK IPAK TO-220 IPAK Packaging Tape & reel Tube Tube Tube
Order codes STD90N4F3 STI90N4F3 STP90N4F3 STU90N4F3
July 2008
Rev 2
1/16
www.st.com 16
Contents
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5 6
Test circuit
................................................ 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS ID (1) ID IDM (2) PTOT
Absolute maximum ratings
Parameter Drain-source voltage (VGS=0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor Value 40 20 80 65 320 110 0.73 8 400 -55 to 175 Unit V V A A A W W/C V/ns mJ C
dv/dt (3) EAS (4) Tj Tstg
Peak diode recovery voltage slope Single pulse avalanche energy Operating junction temperature Storage temperature
1. Current limited by package 2. Pulse width limited by safe operating area 3. ISD 80 A, di/dt 400A/s, VDS V(BR)DSS, Tj Tjmax 4. Starting Tj = 25C, ID = 40A, VDD = 30V
Table 3.
Thermal resistance
Value
Symbol
Parameter
TO-220 IPAK
Unit IPAK 1.36 DPAK C/W -50 -C/W C/W C
Rthj-case Rthj-a
Thermal resistance junction-case max Thermal resistance junction-ambient max 62.5 -300
100 -275
Rthj-pcb (1) Thermal resistance junction-ambient max Tl Maximum lead temperature for soldering purpose
1. When mounted on 1inch FR-4 2Oz Cu board
3/16
Electrical characteristics
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
Static
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS= 0 VDS = Max rating, VDS = Max rating,Tc = 125C VGS = 20 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 40 A 2 5.4 Min. Typ. Max. Unit 40 10 100
200
V A A nA V m
4 6.5
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS =25 V, ID=40 A Min Typ. Max. Unit 100 2200 580 40 40 11 8 54 S pF pF pF nC nC nC
VDS =25 V, f=1 MHz, VGS=0
VDD=20 V, ID = 80 A VGS =10 V (see Figure 14)
1. Pulsed: pulse duration = 300s, duty cycle 1.5%
4/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf
Switching on/off (inductive load)
Parameter Turn-on delay time Rise time Test conditions VDD=20 V, ID= 40 A, RG=4.7 , VGS=10 V (see Figure 16) VDD=20 V, ID= 40 A, RG=4.7 , VGS=10 V (see Figure 16) Min. Typ. 15 50 Max. Unit ns ns
Turn-off delay time Fall time
40 15
ns ns
Table 7.
Symbol ISD ISDM
(1)
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD=80 A, VGS=0 ISD=80 A, di/dt = 100 A/s, VDD=30 V, Tj=150C (see Figure 15) 45 60 2.8 Test conditions Min. Typ. Max. 80 320 1.5 Unit A A V ns nC A
VSD (2) trr Qrr IRRM
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration = 300 s, duty cycle 1.5%
5/16
Electrical characteristics
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Static drain-source on resistance
Figure 7.
Normalized BVDSS vs temperature
6/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3 Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
7/16
Test circuit
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped Inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/16
Package mechanical data
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
10/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Package mechanical data
TO-251 (IPAK) mechanical data
mm. DIM. A A1 b b2 b4 c c2 D E e e1 H L (L1) L2 V1 9.00 0.80 0.80 10 o 4.40 16.10 9.40 1.20 5.20 0.45 0.48 6.00 6.40 2.28 4.60 min. 2.20 0.90 0.64 typ max. 2.40 1.10 0.90 0.95 5.40 0.60 0.60 6.20 6.60
0068771_H
11/16
Package mechanical data
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
TO-252 (DPAK) mechanical data
DIM. A A1 A2 b b4 c c2 D D1 E E1 e e1 H L L1 L2 L4 R V2 0o 0.60 0.20 8o 4.40 9.35 1 2.80 0.80 1 6.40 4.70 2.28 4.60 10.10 mm. min. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 5.10 6.60 typ max. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20
0068772_G
12/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Package mechanical data
IPAK (TO-262) mechanical data
mm Dim Min A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 Typ Max 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 Min 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050
inch Typ Max 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055
13/16
Packaging mechanical data
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
14/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Revision history
6
Revision history
Table 8.
Date 29-Nov-2007 15-Jul-2008
Document revision history
Revision 1 2 First release Added new package, mechanical data: IPAK Changes
15/16
STD90N4F3 - STI90N4F3 - STP90N4F3 - STU90N4F3
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STI90N4F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X