Part Number Hot Search : 
2SC37 100BG XHXXX UPD65000 UA741EJ 075EK VP0104ND EMA212
Product Description
Full Text Search
 

To Download STD60N3LH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD60N3LH5 STU60N3LH5
N-channel 30 V, 0.0072 48 A - DPAK - IPAK , STripFETTM V Power MOSFET
Features
Type STD60N3LH5 STU60N3LH5

VDSS 30V 30V
RDS(on) Max 0.008 0.0084
ID 48A 48A
3
3 2 1
RDS(on) * Qg industry benchmark Extremely low on-resistance RDS(on) Very low switching gate charge High avalanche ruggedness Low gate drive power losses
1
DPAK
IPAK
Application
Switching applications
Figure 1.
Internal schematic diagram
Description
This product utilizes the 5th generation of design rules of ST's proprietary STripFETTM technology. The lowest available RDS(on)*Qg, in the standard packages, makes this device suitable for the most demanding DC-DC converter applications, where high power density is to be achieved.
Table 1.
Device summary
Marking 60N3LH5 60N3LH5 Package DPAK IPAK Packaging Tape and reel Tube
Order codes STD60N3LH5 STU60N3LH5
September 2008
Rev 2
1/15
www.st.com 15
Contents
STD60N3LH5 - STU60N3LH5
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
............................................... 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
STD60N3LH5 - STU60N3LH5
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VDS VGS ID (1) ID IDM (2) PTOT
Absolute maximum ratings
Parameter Drain-source voltage (VGS=0) Drain-source voltage (VGS = 0) @ TJMAX Gate-Source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor Value 30 35 22 48 42.8 192 60 0.4 160 -55 to 175 Unit V V V A A A W W/C mJ C
EAS (3) Tj Tstg
Single pulse avalanche energy Operating junction temperature Storage temperature
1. Limited by wire bonding 2. Pulse width limited by safe operating area 3. Starting Tj = 25C, Id = 24A, Vdd = 12V
Table 3.
Symbol Rthj-case Rthj-amb Tj
Thermal resistance
Parameter Thermal resistance junction-case max Thermal resistance junction-case max Maximum lead temperature for soldering purpose Value 2.5 100 275 Unit C/W C/W C
3/15
Electrical characteristics
STD60N3LH5 - STU60N3LH5
2
Electrical characteristics
(TCASE = 25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th)
Static
Parameter Drain-source breakdown Voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Test conditions ID = 250A, VGS= 0 VDS = 30V VDS = 30V,Tc = 125C VGS = 22V VDS= VGS, ID = 250A VGS= 10V, ID= 24A SMD version VGS= 10V, ID= 24A VGS= 5V, ID= 24A SMD version VGS= 5V, ID= 24A 1 0.0072 0.008 Min. 30 1 10
100
Typ.
Max.
Unit V A A nA V
RDS(on)
Static drain-source on resistance
0.0076 0.0084 0.0088 0.011
0.0092 0.0114
Table 5.
Symbol Ciss Coss Crss Qg Qgs Qgd Qgs1 Qgs2
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Pre Vth gate-to-source charge Post Vth gate-to-source charge Test conditions VDS =25V, f=1MHz, VGS=0 VDD=15V, ID = 48A VGS =5V (Figure 14) VDD=15V, ID = 48A VGS =5V (Figure 19) f=1MHz gate bias Bias= 0 test signal level=20mV open drain 2.5 nC Min Typ. 1350 265 32 8.8 4.7 2.2 2.2 Max. Unit pF pF pF nC nC nC nC
RG
Gate input resistance
1.1
4/15
STD60N3LH5 - STU60N3LH5
Electrical characteristics
Table 6.
Symbol
Switching on/off (resistive load)
Parameter Test conditions VDD=10V, ID= 24A, Min. Typ. Max. Unit
td(on) tr
Turn-on delay time Rise time
RG=4.7, VGS= 10V (Figure 13 and Figure 18) VDD=10V, ID= 24A,
6 33
ns ns
td(off) tf
Turn-off delay time Fall time
RG=4.7, VGS= 10V (Figure 13 and Figure 18)
19 4.2
ns ns
Table 7.
Symbol ISD ISDM VSD trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current
(1)
Test conditions
Min.
Typ.
Max. 48 192
Unit A A V ns nC A
ISD=24A, VGS=0 ISD=48A, di/dt =100A/s, VDD=20V, Tj = 25C (Figure 15) 25 18.5 1.5
1.1
1. Pulsed: pulse duration = 300s, duty cycle 1.5%
5/15
Electrical characteristics
STD60N3LH5 - STU60N3LH5
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
6/15
STD60N3LH5 - STU60N3LH5 Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
7/15
Test circuit
STD60N3LH5 - STU60N3LH5
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped Inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/15
STD60N3LH5 - STU60N3LH5 Figure 19. Gate charge waveform
Test circuit
9/15
Package mechanical data
STD60N3LH5 - STU60N3LH5
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/15
STD60N3LH5 - STU60N3LH5
Package mechanical data
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch
0068772-F
11/15
Package mechanical data
STD60N3LH5 - STU60N3LH5
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
A
C C2
L2 D
B3
B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
12/15
STD60N3LH5 - STU60N3LH5
Packaging mechanical data
5
Packaging mechanical data
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
13/15
Revision history
STD60N3LH5 - STU60N3LH5
6
Revision history
Table 8.
Date 19-Oct-2007 23-Sep-2008
Document revision history
Revision 1 2 First release VGS value has been changed on Table 2 and Table 5 Changes
14/15
STD60N3LH5 - STU60N3LH5
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of STD60N3LH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X